Part Number Hot Search : 
N4119 HC4538 UJA1075 LC74760M 74VHC1 MC3336 ACS102 UN2118
Product Description
Full Text Search
 

To Download 2SA1063 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product specification www.jmnic.com silicon pnp power transistors 2SA1063 description ? with to-3 package ? low collector saturation voltage ? high transition frequency applications ? designed for general purpose switching and amplifier applications pinning(see fig.2) pin description 1 base 2 emitter 3 collector absolute maximum ratings(ta= ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -150 v v ceo collector-emitter voltage open base -150 v v ebo emitter-base voltage open collector -6 v i c collector current -6 a i cm collector current-peak -10 a p c collector power dissipation t c =25 ?? 80 w t j junction temperature 150 ?? t stg storage temperature -65~150 ?? fig.1 simplified outline (to-3) and symbol
product specification www.jmnic.com 2 silicon pnp power transistors 2SA1063 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =-25ma ;i b =0 -150 v v cesat collector-emitter saturation voltage i c =-4a ;i b =-0.4a -2.0 v v be base-emitter on voltage i c =-4a;v ce =-5v -1.8 v i cbo collector cut-off current v cb =-150v; i e =0 -50 | a i ebo emitter cut-off current v eb =-3v; i c =0 -50 | a h fe-1 dc current gain i c =-1a ; v ce =-5v 40 280 h fe-2 dc current gain i c =-4a ; v ce =-5v 20 f t transition frequency i c =-0.5a ; v ce =-5v 50 mhz ? h fe-1 classifications r q p o 40-80 60-120 90-180 140-280
product specification www.jmnic.com 3 silicon pnp power transistors 2SA1063 package outline fig.2 outline dimensions (unindicated tolerance: ? 0.1mm)


▲Up To Search▲   

 
Price & Availability of 2SA1063

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X