Part Number Hot Search : 
LV4906 2SD2041 IRL640S FDS2582 BU508 ZT491EEP MAZL000H BH4100FV
Product Description
Full Text Search
 

To Download 2SA1062 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon pnp power transistors 2SA1062 d escription with to-3pn package complement to type 2sc2486 high collector power dissipation applications high power audio frequency amplifier pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings (ta=25  ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -120 v v ceo collector-emitter voltage open base -120 v v ebo emitter-base voltage open collector -5 v i c collector current (dc) -7 a i cm collector current-peak -12 a p c collector power dissipation t c =25 80 w t j junction temperature 150  t stg storage temperature -55~150  fig.1 simplified outline (to-3pn) and symbol
savantic semiconductor product specification 2 silicon pnp power transistors 2SA1062 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =-10ma ;i b =0 -120 v v cesat collector-emitter saturation voltage i c =-5a ;i b =-0.5a -2.0 v v be base-emitter on voltage i c =-5a;v ce =-5v -1.8 v i cbo collector cut-off current v cb =-120v; i e =0 -50 a i ebo emitter cut-off current v eb =-3v; i c =0 -50 a h fe-1 dc current gain i c =-20ma ; v ce =-5v 20 h fe-2 dc current gain i c =-1a ; v ce =-5v 40 200 h fe-3 dc current gain i c =-5a ; v ce =-5v 20 f t transition frequency i c =-0.5a ; v ce =-5v 20 mhz  h fe-2 classifications r q p 40-80 60-120 100-200
savantic semiconductor product specification 3 silicon pnp power transistors 2SA1062 package outline fig.2 outline dimensions (unindicated tolerance:0.10mm)


▲Up To Search▲   

 
Price & Availability of 2SA1062

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X