Part Number Hot Search : 
DL120 TL072AM NTE791 4HCT57 M51954A TN9421 AT818S40 79L06A
Product Description
Full Text Search
 

To Download 2054 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features surface mount compact mini-size - 5 x 7.2 mm economical low capacitance and insertion loss ul recognized rohs compliant* characteristics 2054 series surface mount gas discharge tube surge protector *rohs directive 2002/95/ec jan 27, 2003 including annex. speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. bourns offers a low-cost, 3-electrode surface mount gdt surge protection device. the 2054 series is ideal for broadband protection due to its ultra-low capacitance. the 2054 series offers superior protection characteristics suitable for telecommu nications, commercial and industrial applications. test methods per itu-t (ccitt) k.12, ieee c62.31 characteristic model no. 2054-23 2054-30 2054-35 2054-42 2054-47 dc sparkover 20 % @ 100 v/s 230 v 300 v 350 v 420 v 470 v impulse sparkover 100 v/s 1000 v/s 550 v 650 v 700 v 800 v 700 v 800 v 800 v 900 v 800 v 900 v insulation resistance (ir) ........................................100 v ..................................................... ................ > 10 9 capacitance ............................................................1 mhz ................................................. .................... 2.0 pf maximum dc holdover voltage 1 .............................................>135 v (80 v for 2054-23) ...................................... < 150 ms impulse discharge current ......................................5000 a, 8/20 s .............................................. ....... 5 operations 200 a, 10/1000 s .................................................. 100 operations alternating discharge current .................................5 arms, 1 sec., 50 hz ......................................... ... 1 operation minimum operating temperature ............................................................................................................................ -3 0 to +85 oc climatic category (iec 60068-1) ............................................................................................... .............. 40/90/21 notes:  ul recognized component, ul file e153537.  line to line voltage is approximately 1.8 to 2 times the stated line to ground voltage.  the rated discharge current is the total current equally divided between each line to ground.  surface mount (sm) parts may show a temporary increase in dcbd after the solder re? ow process. most devices will recover within 24 hours time. it should be noted that there is no quality defect nor change in protection levels during the temporar y change in dcbd.  at delivery aql 0.65 aql level ii, din iso 2859 1. network applied. *rohs compliant asia-paci? c: tel: +886-2 2562-4117  fax: +886-2 2562-4116 europe: tel: +41-41 768 5555  fax: +41-41 768 5510 the americas: tel: +1-951 781-5500  fax: +1-951 781-5700 www.bourns.com
speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. 2054 series surface mount gas discharge tube surge protector product dimensions packaging speci cations model 2054-xx-sm-rplf (reel pack) contains 900 pieces per reel, 2,700 pieces per box. the reel is 330 mm in diameter and 18 mm wide. how to order 2054 - xx - sm - rp lf model number designator voltage (divided by 10) 23 = 230 v 30 = 300 v 35 = 350 v 42 = 420 v 47 = 470 v surface mount packaging rp = reel pack rohs compliancy lf = rohs compliant product rev. e 04/11 5.0 0.1 (.197 .004) 7.2 0.3 (.283 .012) 5.0 0.1 (.197 .004) 1.5 (.059) 0.4 (.016) 0.4 (.016) 12.0 0.1 (.472 .004) 1.55 0.05 (.061 .002) dia. 0.5 0.05 (.020 .002) 1.75 0.1 (.069 .004) 16.0 0.3 (.630 .012) 7.5 0.1 (.295 .004) 4.0 0.1 (.157 .004) 5.5 0.1 (.217 .004) dimensions: mm (inches) recommended pad layout 8.38 (.331) 5.6 (.220) 1.6 (.063) 2.67 (.105) 2.87 (.113)


▲Up To Search▲   

 
Price & Availability of 2054

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X