Part Number Hot Search : 
CDRH12 N40N60 BSP125 ICL8007C BL317BT 3362R103 SD243 SAB9080
Product Description
Full Text Search
 

To Download W561S20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  w561xxx 4-ch melody with voice synthesizer (banddirector tm family) publication release date: february 1999 - 1 - revision a2 general description the w561xxx is one of the derivatives of the banddirector tm familiy. it consists of a 4-bit c, two voice synthesizers, one 4-ch melody generator, and one shared rom. the muti-tasking operation for voice synthesis and 4-ch melody generation is implemented by dedicated h/w that can output the speech voice in parallel with the background music. with the 4 bit kernel, which can execute instructions of up to 12 kips (kilo-instructions per second), and high quality dual speaker output, you will be amazed at the possible applications. w561xxx provides you with a total solution in one chip. in addition, the w561xxx's user-friendly development environment can effectively reduce your design period and help you easily tool your projects by yourself with the ice and emulation kit. there are 10 kinds of w561xxx ic bodies (see table below). part no. w561s15 W561S20 w561s25 w561s30 w561s40 duration 15 sec 20 sec 25 sec 30 sec 40 sec part no. w561s50 w561s60 w561s80 w561s99 w561m02 duration 50 sec 60 sec 80 sec 100 sec 120 sec note: the voice durations are estimated by 8.0 khz sampling rate possible applications are: ? programmed voice synthesis with background music or speech ? i/o interactive voice synthesis to accompany background music or speech ? demo of music songs with possible dynamic timbre/tempo changes during playback ? q&a games ? edutainment toys features ? multi-engine processor parallel management with c, speech and pcm melody ? c // (synthesizer1 or 4-ch melody) // synthesizer2 (//: in parallel) ? c, with basic alu, 64-nibble ram (including 8 working registers) and an 8-bit timer ? synthesizer1 capable of voice syntheses with sample rate @4.8/6/8/12 khz ? synthesizer2, same as synthesizer1 ? 4-ch melody with total 16 kbyte timbre table, which can store up to 16 kinds of timbre samples. ? the on-chip rom is shared among program, voices and melody notes ? wide operating voltage range: 2.4 to 5.5 volts ? low power consumption (v dd = 5 volt) ? standby current < 2 a
w561xxx - 2 - ? operating current (no load with ring oscillator) < 1 ma ? main oscillator: crystal/ ring oscillation selectable by pin option ? input/ output port ? port for input only: 1 port/4 pins ? input/ output ports: 2 ports/8 pins ? port for output only: 1 port/4 pins ? can offer a direct row and column matrix of up to 72 (8 9) keys ? interrupts ? internal interrupts: timer ? external interrupts: tg (port 0, port1), poi (power on initialization) ? priority: poi > tg > timer ? dac1/2 provided for stereo voice output ? melody + voice output for dac1 ? tg interrupt provided ? shared tg interrupt for port0/port1 input. ? global tg interrupt enable controlled (bit3 of the ier register) ? individual interrupt enable controlled (per0 and per1 registers) ? built-in 8 bit programmable down count timer ? one of two internal clock frequencies can be selected ? desired timer interval = (preset value +1) 1/f t ( f t : 32 hz or 32 khz dependent on the bit0 of the mode register, at fosc = 3 mhz) ? powerful instruction set: ? arithmetic: add, addc, sub, subc, inc, dec, setb, clrb ? logic operation: and, or, xor, not ? shift & rotate: rorc, rolc, shrc, shlc ? date move: ld, ldr, mv ? branch: jp, jb0, jb1, jb2, jb3, jz, jnz, jc, jnc, jbz1, jbz2, cjne, cje, djnz, djz ? subroutine: call, rtn, rti ? others: nop, end, en int, dis int, play ch1, stop ch1, stop ch2 ? 8-level stack shared by call, timer, synthesizer and tg ? dynamic register controlled by ld instructions ? volume control (vol1/vol2 registers for dac 1/2) ? melody timbre control (timbre0/1/2/3 registers for ch0/1/2/3) ? melody speed control (tempo register) ? 4-ch melody with ? timbre-based melody synthesis ? note number : only limited by rom size ? timbre rom size: 16 kbyte
w561xxx publication release date: february 1999 - 3 - revision a2 ? note span: 49 notes, 4 octaves ? 9 kinds of timbre size: 1k/2k/3k/4k/6k/8k/10k/12k/16k bytes per timbre ? 7 kinds of loop size: one-shot /128/256/512/1k/2k/4k bytes per timbre ? 6 kinds of note sustainments (1/4, 1/2, 1, 4/3, 2, 4 sec) ? 4 kinds of envelope effect ? user-defined timbre library to achieve various kind of instrument effects ? midi-conversion utility provided ? multi-tasking operation via interrupt for automatic voice segment concatenation ? melody voice or speech voice can be easily concatenated with symbol "+" ? example: play ch1, h4 + melody1 + speech1 + speech2 + melody2 + t4 the dac1 of the w561xxx will play melody1, speech1, speech2, and melody2 sequentially. ? the length of the voice segment is only limited by the rom size ? speech section control ? fading effect, eight levels of volume control (0-7) ? sample rate control (4.8k/6k/8k/12k) ? example: play ch2, h4 + speech1_sv + t4; s: define the sample rate, v: define the volume ? provides ice (in circuit emulation) system for easy debugging ? free run ? stop run ? program reset ? step into ? step over ? go to cursor ? break point ? register read/ modify
w561xxx - 4 - block diagram i/o controller truemelody generator ram special register timing generator osci osco p0 p1 p2 p3 synthesizer ii synthesizer i alu timer rom timbre table dac1 dac2 oscsel pad description parameter i/o description test i test pin, internally pulled low p0.0 ? p0.3 i interruptable input pins, internally pulled high. p1.0 ? p1.3 i/o i/o multiplexed port 1. the port 1 is interruptable, if selected as input pins p2.0 ? p2.3 i/o i/o multiplexed port 2. p3.0 ? p3.3 o output port 3. v ss - negative power supply. reset i reset all, functions as por (power on reset), internally pulled high. v dd - positive power supply. osci i connect r osc to v dd or crystal between osci & osco to generate osco o the 3 mhz master frequency. dac1 o current output of channel 1 for driving an external speaker dac2 o current output of channel 2 for driving an external speaker oscsel i oscillator type selecting pin, internally kept floating. connect to v dd to select crystal type, connect to gnd to select ring oscillator type.
w561xxx publication release date: february 1999 - 5 - revision a2 absolute maximum ratings parameter symbol conditions rated value unit power supply v dd ? v ss - -0.3 to +7.0 v input voltage v in all inputs v ss -0.3 to v dd +0.3 v storage temp. t stg - -55 to +150 c operating temp. t opr - 0 to +70 c note: exposure to conditions beyond those listed under absolute maximum ratings may adversely affect the life and reliability o f the device. electrical characteristics dc characteristics (v dd ? v ss = 3.0v, f m = 3 mhz, t a = 25 c; unless otherwise specified) parameter sym. conditions min. typ. max. unit operating voltage v dd - 2.4 - 5.5 v standby current i dd1 no load, no playing - - 2 a operating current (crystal type) i op1 no load --1ma operating current (ring type) i op2 no load --1ma input low voltage v il all input pins v ss -0.3 v dd v input high voltage v ih all input pins 0.7 v dd -v dd v input current for p0, p1, p2 i in v dd = 3v, v in = 0v - - -6 a input current for reset i in1 v dd = 3v, v in = 0v - - -6 a output current of p1, i ol v dd = 3v, v out = 0.4v 5 - - ma p2, p3 i oh v dd = 3v, v out = 2.7v -3 - - ma dac1/2 (d/a full scale) i dac v dd = 4.5v, r l = 100 ? -4.0 -5.0 -6.0 ma pull-low resistor r pl test, oscsel pins 100 - - k ?
w561xxx - 6 - ac characteristics parameter sym. conditions min. typ. max. unit main-clock frequency f m ring type, r osc = 1.2 m ? 2.7 3 3.3 mhz crystal type - 3 - frequency deviation by voltage drop for ring type oscillator ? f f f(3v) f(2.4v) f(3v) ? --10% machine cycle time t ins one machine cycle 1/12 - 1/6 ms por pulse width t por -1-- s typical application circuit p0.0 p1.0 p1.1 p1.2 p1.3 p2.0 p2.1 p2.2 reset w561xx p0.1 p0.2 p0.3 vcc p3.1 osci r osc dac1 vcc 8050 rs p2.3 dac2 vcc 8050 rs oscsel r1 cs cs r1 = 220 ? , rs = 330 - 680 ? , rosc = 1.2m ? , cs = 0.1 f
w561xxx publication release date: february 1999 - 7 - revision a2 headquarters no. 4, creation rd. iii, science-based industrial park, hsinchu, taiwan tel: 886-3-5770066 fax: 886-3-5792697 http://www.winbond.com.tw/ voice & fax-on-demand: 886-2-27197006 taipei office 11f, no. 115, sec. 3, min-sheng east rd., taipei, taiwan tel: 886-2-27190505 fax: 886-2-27197502 winbond electronics (h.k.) ltd. rm. 803, world trade square, tower ii, 123 hoi bun rd., kwun tong, kowloon, hong kong tel: 852-27513100 fax: 852-27552064 winbond electronics north america corp. winbond memory lab. winbond microelectronics corp. winbond systems lab. 2727 n. first street, san jose, ca 95134, u.s.a. tel: 408-9436666 fax: 408-5441798 note: all data and specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of W561S20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X