Part Number Hot Search : 
HV2901 HSOP28 H8NA60FI MB89F051 NSVS1106 74HC7 DB104G 2N1117
Product Description
Full Text Search
 

To Download PLN-10011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specification model pln-100-12 pln-100-15 pln-100-20 pln-100-24 pln-10 0-27 pln-100-36 pln-100-48 dc voltage rated current note.5 rated power note.5 output line regulation load regulation setup, rise time hold up time (typ.) voltage range note.4 frequency range power factor (typ.) efficiency (typ.) ac current (typ.) input inrush current (typ.) leakage current safety standards note.7 withstand voltage isolation resistance working temp. working humidity storage temp., humidity temp. coefficient vibration mtbf dimension others note packing over current over voltage over temperature 12v 15v 20v 24v 27v 36v 48v 5a 5a 4.8a 4a 3.55a 2.65a 2a 60w 75w 96w 96w 95.85w 95.4w 96w 150mvp-p 150mvp-p 150mvp-p 150mvp-p 150mvp-p 150mvp-p 200 mvp-p 3.0% 1.0% 2.0% 1200ms, 80ms/230vac at full load 1200ms, 80ms/115vac 60ms/230vac 30 at full load ms/115vac 90 ~ 295vac 127 ~ 417vdc 47 ~ 63hz pf>0.95/115vac, pf>0.95/230vac, pf>0.92/277vac at full load (pl ease refer to "power factor characteristic" curve) 84.5% 86.5% 3.0% 90% 3.0% 90% 3.0% 90% 3.0% 90% 2.0% 89% 2.0% 13 ~ 16v 16.5 ~ 20v 22 ~ 27v 27 ~ 34v 30 ~ 36v 39 ~ 48v 52 ~ 64v 12v:0.8a/115vac 0.4a/230vac 15v:0.9a/115vac 0.45a/230vac 2 0v ~ 48v:1.1a/115vac 0.55a/230vac cold start 40a/230vac <0.75ma / 240vac 95 ~ 102% protection type : constant current limiting, recovers automatical ly after fault condition is removed i/p-o/p:3.75kvac i/p-fg:1.88kvac o/p-fg:0.5kvac i/p-o/p:100m ohms / 500vdc / 25 / 70% rh -30 ~ +50 (refer to "derating curve") 20 ~ 95% rh non-condensing -40 ~ +80 , 10 ~ 95% rh 0.03%/ (0 ~ 50 ) 10 ~ 500hz, 2g 12min./1cycle, period for 72min. each along x, y, z axes 303.1khrs min. mil-hdbk-217f (25 ) 200*70.5*35mm (l*w*h) 1. all parameters not specially mentioned are measured at 230vac input, r ated load and 25 of ambient temperature. 2. ripple & noise are measured at 20mhz of bandwidth by using a 12" twisted pair- wire terminated with a 0.1uf & 47uf parallel capacitor. 3. tolerance : includes set up tolerance, line regulation and load regula tion. 4. derating may be needed under low input voltage. please check the static ch aracteristics for more details. 5. this is the maximum possible output current and power. over load protect ion may be activated slightly below this level to comply with the requireme nt of ul1310 class 2. 6. constant current operation region is within 75% ~100% rated output vol tage. this is the suitable operation region for led related application s, but please reconfirm special electrical requirements for some specific syste m design. 7. safety and emc design refer to en60598-1, subject 8750(ul), cns15233 , gb7000.1, fcc part18. 8. the power supply is considered as a component that will be operated in combi nation with final equipment. since emc performance will be affected by th e complete installation, the final equipment manufacturers must re- qualify emc directive on the complete installation again. file name:pln-100-spec 2011-07-28 0.52kg; 20pcs/12.5kg/0.76cuft protection type : shut down and latch off o/p voltage, re-power on to recove r 100w single output switching power supply universal ac input / full rangeprotections: short circuit / over current / over voltage / over temperature cooling by free air convection built-in active pfc function ip64 design for indoor or outdoor installations pass lps ul1310 class 2 power unit 100% full load burn-in test high reliability suitable for led lighting and moving sign applications compliance to worldwide safety regulations for lighting 2 years warranty (up to 295vac) suitable for dry / damp locations high efficiency 90% features : p l n - 1 0 0 s e r i e s ripple & noise (max.) note.2 voltage tolerance note.3 environment safety & emc protection 90 10 (rth2) protection type : shut down o/p voltage, re-power on to recover compliance to en55015, en55022 (cispr22) class b, en61000-3-2 clas s c (>75% load) ; en61000-3-3 compliance to en61000-4-2,3,4,5,6,8,11, en61547, en55024, lig ht industry level (surge 4kv), criteria a ip64 ( for 48v only) ( except for 48v ) f m m 110 lps selv 9 ~ 12v 11.25 ~ 15v 15 ~ 20v 18 ~ 24v 20.25 ~ 27v 27 ~ 36v 36 ~ 48v constant current region note.6 short circuit hiccup mode, recovers automatically after fault condition is remove d voltage adj. range (svr1) current adj. range (svr2) 10.2 ~ 12v 3.75 ~ 5a 12.8 ~ 15v 3.75 ~ 5a 17 ~ 20v 3.6 ~ 4.8a 20.4 ~ 24v 3 ~ 4a 23 ~ 27v 2.6 ~ 3.55a 30.6 ~ 36v 2 ~ 2.65a 40.8 ~ 48v 1.5 ~ 2a can/csa c22.2 no. 223-m91(except for 48v) ; j61347-1, j61347-2-13 , ip64 approved ul879, ul8750, ul1310 class 2, tuv en60950-1, en61347-1, en61347-2 -13 independent emc immunity emc emission
230vac input only mechanical specification file name:pln-100-spec 2011-07-28 case no.955a unit:mm fosc : 100khz derating curve static characteristics ambient temperature ( ) input voltage (v) 60hz block diagram detection pwm & pfc circuit o.l.p. emi filter rectifiers power switching filter & rectifiers +v -v i/p fg control o.v.p. & o.l.p. pfc circuit pfc control (horizontal) load (%) -30 -25 -10 0 15 30 40 50 20 40 60 80 100 90 100 125 135 145 155 165 175 180 200 230 295 100 90 80 70 60 50 40 load (%) 100 t case 35.25 t case: max. case temperature. 100w single output switching power supply p l n - 1 0 0 s e r i e s 310 20 6.26 6.26 200 svt 18awg 2c 22.84 35 22.84 70.5 svt 18awg 3c 2-r2.5 +v(red) -v(black) 310 20 fg (green/yellow) ac/l(brown) ac/n(blue) svr2 svr1 output voltage and current adjustment : remove the upper case and adjust th rough svr1 & svr2 shown in the diagram. output voltage adjustment output current adjustment svr1 svr2
60 64 68 72 76 80 84 88 92 10% 20% 30% 40% 50% 60% 70% 80% 90% 100% 277vac 230vac 115vac 0 .7 8 0 .8 0 0 .8 2 0 .8 4 0 .8 6 0 .8 8 0 .9 0 0 .9 2 0 .9 4 0 .9 6 0 .9 8 1 .0 0 5 0 % 6 0 % 7 0 % 8 0 % 9 0 % 1 0 0 % 2 7 7 v a c 2 3 0 v a c 1 1 5 v a c pln-100 series possess superior working efficiency that up to 89% can be re ached in field applications. efficiency (%) load power factor characteristic efficiency vs load (48v model) constant current mode pf load there are two major kinds of led drive method "direct drive" and "with led driv er". a typical led power supply may either work in "constant voltage mode (cv) or c onstant current mode (cc)" to drive the leds. mean well's led power supply with cv+ cc characteristic can b e operated at both cv mode [with led driver, at area (a)] and cc mode [direct drive, at area (b)]. driving methods of led module typical led power supply i-v curve vo(%) 100 75 50 100 (max.) io (%) constant voltage area constant current area hiccup protection (a) (b) (c) file name:pln-100-spec 2011-07-28 100w single output switching power supply p l n - 1 0 0 s e r i e s (100w)


▲Up To Search▲   

 
Price & Availability of PLN-10011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X