Part Number Hot Search : 
D2021UK 101KL 2SC3127 SD4652 2SD60 CMBT4124 FM4933W EP8322
Product Description
Full Text Search
 

To Download OLS-180MW-XD-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?2004 osaoptolightgmbh?tel.+49(0)3065762683? fax+49(0)3065762681?contact@osaopto.com 0,27 0,28 0,29 0,30 0,31 0,32 0,33 0,34 0,35 0,36 0,37 0,38 0,3 9 0,24 0,26 0,28 0,30 0,32 0,34 0,36 0,38 0,40 0,42 toleranz +0,005 / -0,005 class 3 class 2 class 1 cy cx color coordinates classes osa opto light gmbh k?penicker str. 325 / haus 201 12555 berlin - germany tel. +49 (0)30 65 76 26 83 fax: +49 (0)30 65 76 26 81 e-mail: contact@osa-opto.com series 180 - 0805 lower height white features - size 0805: 2,0(l) x 1,2(w) x 0,9(h) mm - circuit substrate: glass laminated epoxy - soldering pads: gold plated, all soldering metho ds applicable - taped in 8 mm blister tape, cathode to transport ing perforation - all devices sorted into luminous intensity class es - (ga,in)n / sic - chip type with phosphor - high luminous intensity types - on request sorted in color-temperatur (cct) clas ses i f, max [ma] i f,p [ma] tp 100 m s t =1: 10 v r [v] i r, max [ m a] thermal resistance r thja [k / w] t op [ c] t st [c] 15 30 5 100 500 -40...65 -55...85 -40 -20 0 20 40 60 0 5 10 15 t op [c] if [ma] maximal forward current (dc) characteristic type emitting marking measurement v f [v] i v [mcd] color at i f [ma] typ max color coordinates min typ ols-180 uw ols-180 mw white white cathode cathode 15 15 3,7 3,7 4,5 4,5 0,32/0,33 0,32/0,33 30 70 70 150 absolute maximum ratings electro-optical characteristics
edition11/04 ?2004 osaoptolightgmbh?tel.+49(0)3065762683? fax+49(0)3065762681?contact@osaopto.com 0 30 60 90 120 150 180 0,0 0,5 1,0 view angle 1 10 2,5 3,0 3,5 4,0 4,5 mw uw uf (v) if (ma) u f C i f characteristic 0 10 20 30 1 2 3 uw mw iv rel (at 10 ma ) if (ma) i f C i v, rel characteristic
edition11/04 ?2004 osaoptolightgmbh?tel.+49(0)3065762683? fax+49(0)3065762681?contact@osaopto.com 300 250 250 200 200 150 150 100 100 50 50 0 max. 40 s 10-20 s 230c time (sec) t e m p e r a t u r e ( c ) 300 ir reflow soldering profile 300 250 250 200 200 150 150 100 100 50 50 0 ma x. 10 s 4c/sec. time (sec) t e m p e r a t u r e ( c ) 235c-260c first wave second wave process limits wave soldering profile manual soldering: max power of iron 25w/1s/300c outline drawing recommended soldering patterns soldering conditions
edition11/04 ?2004 osaoptolightgmbh?tel.+49(0)3065762683? fax+49(0)3065762681?contact@osaopto.com series color encapsulation packaging ols-180 - ??????? - xd - t t - taped xd - uncolored diffused type definition, e.g. ols-180 uw-xd-t (general information C not this device specific) ordering code for parts c: 0.28 - 0.45 c1: 0.28 - 0.36 q1: 71 - 90 d: 0.45 - 0.71 c2: 0.36 - 0.45 q2: 90 - 112 e: 0.71 - 1.12 d1: 0.45 - 0.56 r1: 112 - 140 f: 1.12 - 1.80 d2: 0.56 - 0.71 r2: 140 - 180 g: 1.80 - 2.80 e1: 0.71 - 0.90 s1: 180 - 224 h: 2.80 - 4.50 e2: 0.90 - 1.12 s2: 224 - 280 j: 4.50 - 7.10 f1: 1.12 - 1.40 t1: 280 - 355 k: 7.10 - 11.20 f2: 1.40 - 1.80 t2: 355 - 450 l: 11.20 - 18.00 g1: 1.80 - 2.24 u1: 450 - 560 g2: 2.24 - 2.80 u2: 560 - 710 m: 18 - 28 h1: 2.80 - 3.55 v1: 710 - 900 n: 28 - 45 h2: 3.55 - 4.50 v2: 900 - 1120 p: 45 - 71 j1: 4.50 - 5.60 w1: 1120 - 1420 q: 71 - 112 j2: 5.60 - 7.10 w2: 1420 - 1800 r: 112 - 180 k1: 7.10 - 9.00 x1: 1800 - 2250 s: 180 - 280 k2: 9.00 - 11.20 x2: 2250 - 2800 t: 280 - 450 l1: 11.20 - 14.00 y1: 2800 - 3550 u: 450 - 710 l2: 14.00 - 18.00 y2: 3550 - 4500 v: 710 - 1120 m1: 18.00 - 22.40 z1: 4500 - 5750 w: 1120 - 1800 m2: 22.40 - 28.00 z2: 5750 - 7100 x: 1800 - 2800 n1: 28.00 - 35.50 y: 2800 - 4500 n2: 35.50 - 45.00 z: 4500 - 7100 p1: 45.00 - 56.00 p2: 56.00 - 71.00 led luminous intensity groups and subgroups [ mcd ] measured according to cie 127. all smd-leds are 100 % measured and selected on full automated equipment with an accuracy of 11 %. special service: brightness selection in subselecti ons possible. color selection in 3 subselections possible (each s ubgroup per reel ).
edition11/04 ?2004 osaoptolightgmbh?tel.+49(0)3065762683? fax+49(0)3065762681?contact@osaopto.com packing : the reel is sealed in special plastic bag with inte grate esd protection ( mil - std 81705 ) including a silica dry-pack label order no. xxxxxxxxx customer order no. type ols-180 ?????-??-t intensity group zz color class : cc color class - optional charge no. 1122-aaaaaa 11 week C 22 year C a internal identification quantity 9999 d parts/reel 180 mm 330 mm 3000 12000 tape and reel packing


▲Up To Search▲   

 
Price & Availability of OLS-180MW-XD-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X