Part Number Hot Search : 
2010D BZX84 MG714 HPR12 30N10 HER155 A1384 HER155
Product Description
Full Text Search
 

To Download KLP-36M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  light emitting diode(ingaalp/ingan) dimensions klp-34m is a 3 in 1 full colour led. features ? transparent epoxy encapsulent ? high optical output applications ? display ? indicator ? signage maximum ratings [ ta=25 c ] *1. i fp measured under duty 1/10 @ 1khz *2. soldering time 5 sec electro-optical characteristics [ ta=25 c ] 1/2 160 - deg. half angle ? if = 20 ma/die - 525 470 nm spectral half bandwidth ? if = 20 ma/die 20 30 25 nm doninant wave length d if = 20 ma/die 625 mcd peak emission wavelength p if = 20 ma/die 620 520 468 nm iv 350 750 200 3.3 3.2 4.50 8.5 mw forward voltage v f optical output power po i f = 20 ma/die 5.50 i f = 20 ma/die 2 unit red green blue v parameter symbol conditions typical value power dissipation p d - 105 -80 peak forward current * i fp b - 100 KLP-36M-x-x ma b - 30 ma -30 ma g - 100 ma r ma r - 75 mw mw b - 105 mw g -30 85 c soldering temperature* t sol 260 c 5 sec -40 105 c parameter symbol min max unit conditions forward current i f r - 30 ma g operating temperature t op storage temperature ts 1 a 1 2 3 456 3 2 1 b g r 4 56
light emitting diode(ingaalp/ingan) KLP-36M-x-x 2/2 0 0.2 0.4 0.6 0.8 1 1.2 400 450 500 550 600 650 700 wave length[nm] intensity [arb.] forward current vs. ambient temperature radiant intensity vs. forward current relative radiant intensity vs. ambient temperature forward current vs. forward voltage relative intensity vs. wavelength radiant pattern a mbient temperature t a forward current i f forward current if(ma), each chip relative intensity relative radiant intensity p o a mbient temperature t a forward voltage v f forward current i f relative intensity(%) a ngle(deg) 100 0.1 -20 40 20 080 60 10 1 () 0 0 510 0.5 1 (if) 1.5 15 20 25 30 35 r b 1.5 0 0 0.5 1.0 5 15 10 3.0 2.0 2.5 3.5 (v) (?) 30 25 20 g/b r g 80 100 40 0 0 204060 10 20 30 50 (if) () 5 0 + 2 0 + 1 0 0 1 0 0 + 8 0 + 4 0 + 6 0 - 8 0 5 0 0 - 1 0 0 1 0 0 - 2 0 5 0 0 - 4 0 - 6 0


▲Up To Search▲   

 
Price & Availability of KLP-36M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X