general power transformer < smd type:cm series> type: CM-5NN please refer to the sales offices on our website for a representative near you www.sumida.com 1/1 1.6 4.7.max 0.50.1 3.50.2 5.20.3 3.50.5 5.20.2 0.5 3 2 1 4 6 s s 2.0 1. 0 3.5 4.4 product description ? 5.5 5.7mm max.(l w), 4.7mm max. height. ? in addition to the typical versions of parameters shown here, custom designs are available to meet your exact requirements. feature ? magnetically unshielded construction. ? ideally used in power supply for dsc ? dvc ? note pc, can be also used as power choke. ? rohs compliance dimensions (mm) schematics (bottom) land pattern (mm) ? s? is winding start. specification sample no. inductance (4-6) 1khz/1v d.c.r (1-3) @ 20 6309-t004 63h 20% 300m ? max.
|