Part Number Hot Search : 
P6KE30 CD74HC BR10100 5588K M85049 TPC84 Z8420C DLM5231B
Product Description
Full Text Search
 

To Download B43303G0686M000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  210 10/02 general-purpose grade capacitors applications switch-mode power supplies in industrial and entertainment electronics features high ripple current capability different case sizes available for each capacitance value construction charge-discharge proof, polar aluminum case, fully insulated snap-in solder pins to hold component in place on pc-board minus pole marking on case surface minus pole not insulated from case overload protection (safety vent) terminals standard version with 2 terminals 2 lengths available: 6,3 and 4,5 mm 3 terminals: length 4,5 mm (terminal arrangement ensures correct insertion) standard 85 c b41303, b43303 snap-in capacitors b41303 b43303
211 10/02 standard 85 c b41303 / b43303 specifications and characteristics in brief b41303 b43303 (not for new design) rated voltage u r surge voltage u s 10 100 vdc 1,15 u r 200 500 vdc 1,15 u r (for u r 250 vdc) 1,10 u r (for u r 385 vdc) rated capacitance c r capacitance tolerance 680 47 000 f 20 % m 22 1 500 f 20 % m leakage current i l (5 min, 20 c) self-inductance esl approx. 20 nh useful life 85 c, u r ; i ~ r 40 c, u r ; 1,15 i ~ r > 2 000 h > 100 000 h > 2 000 h > 100 000 h requirements: ? c / c 45 % of initial value esr 3 times initial spec. limit i l initial specified limit ? c / c 30 % of initial value esr 3 times initial spec. limit i l initial specified limit failure percentage: 1 % failure rate: 100 fit ( 100 10 9 /h) (for definiton fit , refer to chapter quality , page 62) voltage endurance test 85 c; u r 2 000 h 2 000 h post test requirements: ? c / c 15 % of initial value esr 1,3 times initial spec. limit i l initial specified limit ? c / c 10 % of initial value esr 1,3 times initial spec. limit i l initial specified limit vibration resistance to iec 60068-2-6, test fc: displacement amplitude 0,35 mm, frequency range 10 55 hz, acceleration max. 5 g , duration 3 2 h iec climatic category to iec 60068-1: 40/085/56 ( 40 c/+ 85 c/56 days damp heat test) 25/085/56 ( 25 c/+ 85 c/56 days damp heat test) detail specification sectional specification similar to cecc 30301-806 iec 60384-4 i l 0,3 a c r f ------- u r v ------- ?   ? 0,7 4 a +
212 10/02 standard 85 c b41303 / b43303 dimensional drawings snap-in terminals, standard (length 6,3 1 mm). also available in a shorter version with a length of 4,5 1 mm. for packing mode and ordering example see next page . snap-in capacitors are also available with 3 terminals (length 4,5 1mm). for packing mode and ordering example see next page . dimensions (mm) approx. weight (g) packing units (pieces) d + 1 l 2 22 22 22 22 22 25 30 35 40 45 9 12 15 18 20 160 160 160 160 160 25 25 25 25 25 25 30 35 40 45 13 17 19 22 25 130 130 130 130 130 mounting holes minus pole marking kal0140-j dimensions (mm) approx. weight (g) packing units (pieces) d + 1 l 2 30 30 30 30 30 30 30 20 25 30 35 40 45 50 14 17 23 29 36 41 46 80 80 80 80 80 80 80 35 35 35 35 35 20 40 45 50 55 19 44 52 59 66 60 60 60 60 60 mounting holes minus pole marking kal0324-f
213 10/02 standard 85 c b41303 / b43303 packing of snap-in capacitors for ecological reasons the packing is pure cardboard. components can be withdrawn (in full or in part) in the correct position for insertion. ordering codes ordering example: b41303a3109m007 } snap-in capacitor with short terminals b41303a3109m002 } snap-in capacitor with 3 terminals snap-in terminals version identification in 3rd block of ordering code standard terminals (6,3 1) mm m000 short terminals (4,5 ? 1) mm m007 3 terminals (4,5 ? 1) mm m002
214 10/02 standard 85 c b41303 / b43303 overview of available types type b41303 the capacitance and voltage ratings listed above are available in different cases upon request. other voltage and capacitance ratings are also available upon request. u r (vdc) 10 16 25 40 63 100 c r ( f) case dimensions d l (mm) 680 22 30 25 25 1 000 22 35 25 30 1 500 22 30 25 25 25 35 30 30 2 200 22 35 25 30 30 35 3 300 22 30 25 25 25 35 30 30 30 45 4 700 22 30 25 25 22 35 25 30 30 35 6 800 22 30 25 25 22 35 25 30 25 40 30 30 30 45 10 000 22 30 25 25 22 35 25 30 25 35 30 30 30 35 15 000 22 35 25 30 25 40 30 30 30 35 30 50 22 000 25 40 30 30 30 35 30 45 33 000 30 35 30 45 47 000 30 45
215 10/02 standard 85 c b41303 / b43303 overview of available types type b43303 (not for new design) the capacitance and voltage ratings listed above are available in different cases upon request. other voltage and capacitance ratings are also available upon request. u r (vdc) 200 250 385 400 450 500 c r ( f) case dimensions d l (mm) 22 22 25 33 22 30 47 22 40 68 22 25 22 30 22 35 25 40 100 22 30 25 25 22 35 25 30 22 40 30 40 120 25 30 25 35 150 22 25 22 40 25 30 22 40 25 30 30 35 30 50 180 30 35 220 22 25 22 30 25 25 25 40 30 35 25 40 30 30 30 50 270 30 35 30 45 330 22 30 25 25 22 40 25 35 30 45 30 45 35 40 390 30 45 35 40 35 45 470 22 40 30 25 25 40 30 30 35 40 35 45 35 50 560 35 45 35 50 680 25 40 30 35 30 40 35 55 1 000 30 45 35 40 35 45 1 200 35 45 35 50 1 500 35 50
216 10/02 standard 85 c b41303 / b43303 technical data and ordering codes u r vdc c r 100 hz 20 c f case dimensions d l mm esr max 100 hz 20 c m ? z max 10 khz 20 c m ? i ~ max 100 hz 40 c a i ~ r 1) 100 hz 85 c a ordering code 2) b41303 10 10 000 22 30 66 59 4,7 1,8 b41303a3109m000 10 000 25 25 66 59 4,7 1,8 b41303j3109m000 15 000 22 35 54 49 5,6 2,2 b41303b3159m000 15 000 25 30 54 49 5,6 2,2 b41303j3159m000 22 000 25 40 46 43 6,7 2,6 b41303a3229m000 22 000 30 30 46 43 6,7 2,6 b41303j3229m000 33 000 30 35 41 39 7,3 2,8 b41303b3339m000 47 000 30 45 38 36 8,3 3,2 b41303b3479m000 16 6 800 22 30 71 59 4,5 1,8 b41303a4688m000 6 800 25 25 71 59 4,5 1,8 b41303j4688m000 10 000 22 35 58 52 5,2 2,0 b41303b4109m000 10 000 25 30 58 52 5,2 2,0 b41303j4109m000 15 000 25 40 49 45 6,4 2,5 b41303a4159m000 15 000 30 30 49 45 6,4 2,5 b41303j4159m000 22 000 30 35 43 40 7,3 2,8 b41303b4229m000 33 000 30 45 39 37 8,1 3,1 b41303b4339m000 25 4 700 22 30 77 67 4,4 1,7 b41303a5478m000 4 700 25 25 77 67 4,4 1,7 b41303j5478m000 6 800 22 35 62 56 4,9 1,9 b41303b5688m000 6 800 25 30 62 56 4,9 1,9 b41303j5688m000 10 000 25 35 52 48 5,5 2,3 b41303b5109m000 10 000 30 30 52 48 5,5 2,3 b41303j5109m000 15 000 30 35 45 42 7,0 2,7 b41303b5159m000 22 000 30 45 40 38 8,1 3,1 b41303b5229m000 preferred types 1) 120 hz conversion factor of ripple current: i ~ (120 hz) = 1,03 i ~ (100 hz) 2) ordering code for standard terminals (6,3 mm). to determine the ordering code for short terminals (4,5 mm) and 3 terminals (4,5 mm) see page 213.
217 10/02 standard 85 c b41303 / b43303 40 3 300 22 30 77 71 4,4 1,7 b41303a7338m000 3 300 25 25 77 71 4,4 1,7 b41303j7338m000 4 700 22 35 66 59 4,9 1,9 b41303b7478m000 4 700 25 30 66 59 4,9 1,9 b41303j7478m000 6 800 25 40 55 50 6,1 2,4 b41303a7688m000 6 800 30 30 55 50 6,1 2,4 b41303j7688m000 10 000 30 35 47 44 6,8 2,6 b41303b7109m000 15 000 30 50 41 39 8,4 3,3 b41303a7159m000 63 1 500 22 30 120 100 3,5 1,4 b41303a8158m000 1 500 25 25 120 100 3,5 1,4 b41303j8158m000 2 200 22 35 89 77 4,2 1,6 b41303b8228m000 2 200 25 30 89 77 4,2 1,6 b41303j8228m000 3 300 25 35 69 62 5,2 2,0 b41303b8338m000 3 300 30 30 69 62 5,2 2,0 b41303j8338m000 4 700 30 35 58 52 6,2 2,4 b41303b8478m000 6 800 30 45 49 45 7,3 2,8 b41303b8688m000 100 680 22 30 180 150 2,9 1,1 b41303a9687m000 680 25 25 180 150 2,9 1,1 b41303j9687m000 1 000 22 35 130 110 3,4 1,3 b41303b9108m000 1 000 25 30 130 110 3,4 1,3 b41303j9108m000 1 500 25 35 97 83 4,4 1,7 b41303b9158m000 1 500 30 30 97 83 4,4 1,7 b41303j9158m000 2 200 30 35 75 66 5,5 2,1 b41303b9228m000 3 300 30 45 60 54 6,5 2,5 b41303b9338m000 u r vdc c r 100 hz 20 c f case dimensions d l mm esr max 100 hz 20 c m ? z max 10 khz 20 c m ? i ~ max 100 hz 40 c a i ~ r 1) 100 hz 85 c a ordering code 2) preferred types 1) 120 hz conversion factor of ripple current: i ~ (120 hz) = 1,03 i ~ (100 hz) 2) ordering code for standard terminals (6,3 mm). to determine the ordering code for short terminals (4,5 mm) and 3 terminals (4,5 mm) see page 213.
218 10/02 standard 85 c b41303 / b43303 technical data and ordering codes u r vdc c r 100 hz 20 c f case dimensions d l mm esr max 100 hz 20 c m ? z max 10 khz 20 c m ? i ~ max 100 hz 40 c a i ~ r 1) 100 hz 85 c a ordering code 2) b43303 (not for new design) 200 220 22 25 1250 960 1,7 0,77 b43303d0227m000 330 22 30 900 640 2,2 1,0 b43303d0337m000 330 25 25 800 640 2,3 1,0 b43303m0337m000 470 22 40 560 450 2,9 1,3 b43303d0477m000 470 30 25 560 450 3,0 1,3 b43303m0477m000 680 25 40 390 310 3,8 1,7 b43303d0687m000 680 30 35 390 310 4,0 1,8 b43303m0687m000 1 000 30 45 260 210 5,3 2,4 b43303d0108m000 1 000 35 40 260 210 5,6 2,5 b43303e0108m000 1 200 35 45 220 180 6,4 2,9 b43303a0128m000 1 500 35 50 180 140 7,4 3,3 b43303a0158m000 250 150 22 25 1400 1200 1,4 0,63 b43303c2157m000 220 22 30 920 740 1,8 0,82 b43303c2227m000 220 25 25 920 740 1,8 0,84 b43303l2227m000 330 22 40 620 500 2,5 1,1 b43303c2337m000 330 25 35 620 500 2,5 1,2 b43303l2337m000 470 25 40 440 360 3,2 1,4 b43303c2477m000 470 30 30 440 360 3,1 1,4 b43303l2477m000 680 30 40 300 240 4,2 1,9 b43303c2687m000 1 000 35 45 220 170 5,8 2,6 b43303a2108m000 1 200 35 50 180 150 6,6 3,0 b43303a2128m000 385 68 22 25 2700 2200 1,0 0,45 b43303h0686m000 100 22 30 1800 1500 1,3 0,58 b43303h0107m000 100 25 25 1800 1500 1,3 0,59 b43303r0107m000 150 22 40 1200 940 1,7 0,79 b43303h0157m000 150 25 30 1200 940 1,7 0,77 b43303r0157m000 220 25 40 800 640 2,3 1,0 b43303h0227m000 220 30 35 800 640 2,4 1,1 b43303p0227m000 330 30 45 540 440 3,2 1,4 b43303h0337m000 470 35 40 410 330 4,1 1,8 b43303e0477m000 560 35 45 340 280 4,7 2,1 b43303a0567m000 1) 120 hz conversion factor of ripple current: i ~ (120 hz) = 1,03 i ~ (100 hz) 2) ordering code for standard terminals (6,3 mm). to determine the ordering code for short terminals (4,5 mm) and 3 terminals (4,5 mm) see page 213.
219 10/02 standard 85 c b41303 / b43303 400 68 22 30 2400 2000 1,0 0,48 B43303G0686M000 100 22 35 1600 1420 1,3 0,61 b43303g0107m000 100 25 30 1600 1420 1,4 0,63 b43303q0107m000 120 25 30 1350 1180 1,5 0,69 b43303a9127m000 150 22 40 1100 920 1,7 0,79 b43303a9157m000 150 25 30 1100 920 1,7 0,77 b43303b9157m000 220 25 40 700 630 2,2 1,0 b43303b9227m000 220 30 30 700 630 2,2 1,0 b43303a9227m000 270 30 35 580 520 2,6 1,2 b43303a9277m000 330 30 45 450 420 3,2 1,4 b43303g0337m000 390 30 45 400 360 3,5 1,6 b43303a9397m000 390 35 40 440 350 3,7 1,7 b43303a0397m000 470 35 45 360 290 4,3 1,9 b43303f0477m000 560 35 50 300 240 4,9 2,2 b43303f0567m000 680 35 55 250 200 5,6 2,5 b43303a0687m000 450 68 22 35 3700 3080 1,1 0,50 b43303a5686m000 100 22 40 2500 2080 1,4 0,64 b43303b5107m000 120 25 35 2100 1730 1,6 0,72 b43303a5127m000 150 30 35 1700 1420 1,9 0,88 b43303a5157m000 180 30 35 1370 1180 2,1 0,97 b43303a5187m000 220 30 50 1200 1000 2,7 1,2 b43303a5227m000 270 30 45 910 790 2,9 1,3 b43303a5277m000 330 35 40 840 670 3,4 1,5 b43303a5337m000 390 35 45 710 570 3,9 1,8 b43303a5397m000 470 35 50 590 470 4,5 2,0 b43303a5477m000 500 22 22 25 9200 7700 0,52 0,24 b43303a6226m000 33 22 30 6200 5200 0,68 0,31 b43303a6336m000 47 22 40 4400 3700 0,91 0,41 b43303a6476m000 68 25 40 3000 2500 1,2 0,54 b43303a6686m000 100 30 40 2100 1800 1,6 0,71 b43303a6107m000 150 30 50 1400 1200 2,1 0,94 b43303a6157m000 1) 120 hz conversion factor of ripple current: i ~ (120 hz) = 1,03 i ~ (100 hz) 2) ordering code for standard terminals (6,3 mm). to determine the ordering code for short terminals (4,5 mm) and 3 terminals (4,5 mm) see page 213. u r vdc c r 100 hz 20 c f case dimensions d l mm esr max 100 hz 20 c m ? z max 10 khz 20 c m ? i ~ max 100 hz 40 c a i ~ r 1) 100 hz 85 c a ordering code 2)
220 10/02 standard 85 c b41303 / b43303 useful life depending on ambient temperature t a under ripple current operating conditions 1) u r 100 vdc u r 200 vdc 1) refer to page 40 for an explanation on how to interpret the useful life graphs. 2 000 h 2 500 h 5 000 h 10 000 h 25 000 h 100 000 h 50 000 h 60 40 0 50 70 80 a ? c t 90 b41303 0,5 1,0 1,5 2,0 3,0 2,5 kal0539-6 r ~ ~ 2 000 h 5 000 h 10 000 h 25 000 h 50 000 h 100 000 h 60 40 0 50 70 80 a ? c t 90 b43303 1,0 0,5 1,5 2,5 2,0 kal0540-9 r ~ ~
221 10/02 standard 85 c b41303 / b43303 frequency factor of permissible ripple current i ~ versus frequency f u r 100 vdc frequency factor of permissible ripple current i ~ versus frequency f u r 200 vdc frequency characteristics of esr typical behavior u r 100 vdc frequency characteristics of esr typical behavior u r 200 vdc kal0152-8 25 v, 40 v 63 v, 100 v 0,8 0,9 1,0 1,1 1,2 1,3 1,5 10 2 10 3 5 52 hz 10 v, 16 v f b41303 ~ 100 hz f ~ 5 0,9 0,8 1,0 10 2 1,1 1,2 1,3 100 hz f 1,5 510 3 hz f 2 kal0144-h b43303 ~ ~ kal0149-n 0,5 10 2 1,0 1,5 10 3 2 hz 55 10, 16 v 25 v, 40 v 63 v, 100 v 0,6 0,7 0,8 0,9 1,2 1,1 1,3 f b41303 esr 100 hz esr f kal0155-x 0,5 10 2 1,0 1,5 10 3 2 hz 55 0,6 0,7 0,8 0,9 1,2 1,1 1,3 f b43303 esr 100 hz esr f
222 10/02 standard 85 c b41303 / b43303 impedance z versus frequency f typical behavior at 20 c u r 100 vdc impedance z versus frequency f at different temperatures t for 100 f/400 vdc typical behavior kal0153-g z f _ 3 10 b41303 10000 f/40 v 1000 f/100 v 2 10 1 10 10 10 4 3 10 7 hz 10 10 56 0 10 4 4 10 1 10 ? 2 10 _ 2 4 4 _ 1 10 kal0325-n 10 2 10 13 10 4 10 5 10 6 10 hz 4 10 _ 2 10 _ 1 4 z 1 10 0 4 10 4 2 10 10 ? 3 f _ 40 ? c 25 ? c _ 0 ? c 20 ? c 85 ? c b43303
herausgegeben von epcos ag unternehmenskommunikation, postfach 80 17 09, 81617 mnchen, deutschland  ++49 89 636 09, fax (0 89) 636-2 26 89 ? epcos ag 2002. vervielf?ltigung, ver?ffentlichung, verbreitung und verwertung dieser broschre und ihres inhalts ohne aus- drckliche genehmigung der epcos ag nicht gestattet. bestellungen unterliegen den vom zvei empfohlenen allgemeinen lieferbedingungen fr erzeugnisse und leistungen der elek- troindustrie, soweit nichts anderes vereinbart wird. diese broschre ersetzt die vorige ausgabe. fragen ber technik, preise und lieferm?glichkeiten rich ten sie bitte an den ihnen n?chstgelegenen vertrieb der epcos ag oder an unsere vertriebsgesellschaften im ausland. bauelemente k?nnen aufgrund technischer erfordernisse gefahrstoffe ent- halten. ausknfte darber bitten wir unter angabe des betreffenden typs ebenfalls ber die zust?ndige vertriebsgesellschaft ein - zuholen. published by epcos ag corporate communications, p.o. box 80 17 09, 81617 munich, germany  ++49 89 636 09, fax (0 89) 636-2 26 89 ? epcos ag 2002. reproduction, publication and dissemination of this brochure and the information contained therein without epcos? prior express consent is prohibited. purchase orders are subject to the general conditions for the s upply of products and services of the electrical and electronics industry recommended by the zvei (german electrical and el ectronic manufacturers? associ ation), unless otherwise agreed. this brochure replaces the previous edition. for questions on technology, prices and delivery please contact the sales offices of epcos ag or the international representa- tives. due to technical requirements components may contain dangerous substances. for information on the type in question please also contact one of our sales offices.


▲Up To Search▲   

 
Price & Availability of B43303G0686M000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X