Part Number Hot Search : 
CM1000 2SD0602A NX8563LF 90858 ML4825IP C482FD30 2SC979A MBS034M
Product Description
Full Text Search
 

To Download B41825A8106M00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  396 10/02 general-pupose grade capacitors applications general-purpose applications in the entertainment industry semi-professional to professional application range timer circuits features low leakage current miniaturized dimensions construction radial leads charge-discharge proof, polar aluminum case with insulating sleeve minus pole marking on the insulation sleeve stand off rubber seal case with safety vent from diameter 6,3 mm delivery mode special terminal configurations and packing: bulk taped, ammo pack cut refer to page 503 for further details and ordering example. kal0707-f b41825 single-ended capacitors low leakage current ? 85 c b41825
397 10/02 b41825 low leakage current ? 85 c specifications and characteristics in brief rated voltage u r 10 63 vdc surge voltage u s 1,15 u r rated capacitance c r 0,1 100 f capacitance tolerance 20 % m useful life 85 c; u r ; i ~ r 40 c; u r ; i ~ r > 2 000 h > 100 000 h requirements: ? c / c 45 % of initial value tan ? 3 times initial specified limit i l initial specified limit failure percentage: 1 % failure rate: 40 fit ( 40 10 9 /h) (for definiton fit , refer to chapter quality , page 62) voltage endurance test post test requirements: 85 c; u r 2 000 h ? c/c 20 % of initial value tan ? 2 times initial specified limit i l initial specified limit vibration resistance to iec 60068-2-6, test fc: displacement amplitude 0,75 mm, frequency range 10 2000 hz, acceleration max.10 g , duration 3 2 h iec climatic category to iec 60068-1: 40/085/56 ( 40 c/+ 85 c/56 days damp heat test) sectional specification iec 60384-4
398 10/02 b41825 low leakage current ? 85 c dimensional drawing dimensions and weights overview of available types other capacitance and voltage ratings are available upon request. dimensions (mm) approx. weight g d ld max l max a 0,5 b 5 11 5,5 12 2,0 0,50 0,05 0,5 6,3 11 6,8 12 2,5 0,50 0,05 0,7 8 11 8,5 12 3,5 0,60 0,05 1,0 u r (vdc) 10 16 25 63 c r ( f) case dimensions d l (mm) 0,10 5 11 0,22 5 11 0,33 5 11 0,47 5 11 0,68 5 11 1,0 5 11 2,2 5 11 3,3 5 11 6,3 11 4,7 5 11 6,3 11 6,8 5 11 6,3 11 10 5 11 6,3 11 8 11 15 5 11 22 6,3 11 8 11 33 6,3 11 8 11 47 6,3 11 8 11 100 8 11 kal0706-7-e d d max. a safety vent from d 15 min. max. 5 min. b minus pole marking + - stand-off rubber seal 6,3 mm < _
399 10/02 b41825 low leakage current ? 85 c technical data and ordering codes u r vdc c r 120 hz 20 c f case dimensions d l mm i l, max 2 min 20 c a tan max 120 hz 20 c esr max 120 hz 20 c ? i ~ r 120 hz 85 c ma ordering code 1) 10 47 6,3 11 0,94 0,20 7,0 66 b41825a3476m00* 100 8 11 2,0 0,20 4,0 110 b41825a3107m00* 16 6,8 5 11 0,40 0,17 42 23 b41825a4685m00* 10 5 11 0,40 0,17 28 28 b41825a4106m00* 15 5 11 0,48 0,17 19 34 b41825a4156m00* 22 6,3 11 0,70 0,17 13 49 b41825a4226m00* 33 6,3 11 1,1 0,17 9,0 60 b41825a4336m00* 47 8 11 1,5 0,17 6,0 83 b41825a4476m00* 25 3,3 5 11 0,40 0,15 76 17 b41825a5335m00* 4,7 5 11 0,40 0,15 53 20 b41825a5475m00* 6,8 6,3 11 0,40 0,15 37 29 b41825a5685m00* 10 6,3 11 0,50 0,15 25 35 b41825a5106m00* 22 8 11 1,1 0,15 11 60 b41825a5226m00* 33 8 11 1,7 0,15 8,0 74 b41825a5336m00* 63 0,10 5 11 0,40 0,08 1 326 1,0 b41825a8104m00* 0,22 5 11 0,40 0,08 603 2,2 b41825a8224m00* 0,33 5 11 0,40 0,08 402 3,4 b41825a8334m00* 0,47 5 11 0,40 0,08 282 4,8 b41825a8474m00* 0,68 5 11 0,40 0,08 195 7,0 b41825a8684m00* 1,0 5 11 0,40 0,08 133 8,0 b41825a8105m00* 2,2 5 11 0,40 0,08 60 16 b41825a8225m00* 3,3 6,3 11 0,42 0,08 40 22 b41825a8335m00* 4,7 6,3 11 0,60 0,08 28 30 b41825a8475m00* 10 8 11 1,3 0,08 13 50 B41825A8106M00* preferred types 1) * = 0 for bulk version. for taping versions, other lead configurations and packing information see page 503.
400 10/02 b41825 low leakage current ? 85 c frequency factor of permissible ripple current i ~ versus frequency f equivalent series resistance esr at f = 120 hz versus temperature t typical behavior impedance z at f = 10 khz versus temperature t typical behavior impedance z versus frequency f typical behavior at 20 c 10 0 0,2 0,4 0,6 12 10 ~ 1,0 0,8 1,2 120 hz 1,4 1,6 ~ 2,0 f b41825 10 10 3 hz f 4 kal0750-t 63 v 10 v, 16 v, 25 v 40 0 _ 5 10 _ 20 0 20 esr 15 25 ? c 20 esr 30 t 25 v 63 v b41825 100 60 40 t ? c kal0751-2 22 f/25 v 10 f/63 v 40 10 _ _ 1 10 0 _ 20 0 20 z 10 1 10 ? 2 b41825 100 60 40 t ? c kal0753-i 10 10 _ 1 10 0 2 1 10 10 3 z 10 1 10 2 10 ? 3 10 10 4 10 5 hz f 6 kal0755-z 10 f/63 v 22 f/25 v b41825
401 10/02 b41825 low leakage current ? 85 c impedance z versus frequency f and temperature t for 22 f/25 v typical behavior impedance z versus frequency f and temperature t for 10 f/63 v typical behavior 10 10 _ 1 10 0 2 1 10 10 3 z 10 1 10 2 10 ? 3 0 ? c 10 85 ? c 20 ? c 10 4 10 5 hz f 6 kal0752-a 25 ? c 40 ? c _ _ b41825 10 10 _ 1 10 0 2 1 10 10 3 z 10 1 10 2 10 ? 3 10 0 ? c 20 ? c 85 ? c 10 4 10 5 hz f 6 kal0754-r 40 ? c 25 ? c _ _ b41825
herausgegeben von epcos ag unternehmenskommunikation, postfach 80 17 09, 81617 mnchen, deutschland  ++49 89 636 09, fax (0 89) 636-2 26 89 ? epcos ag 2002. vervielf?ltigung, ver?ffentlichung, verbreitung und verwertung dieser broschre und ihres inhalts ohne aus- drckliche genehmigung der epcos ag nicht gestattet. bestellungen unterliegen den vom zvei empfohlenen allgemeinen lieferbedingungen fr erzeugnisse und leistungen der elek- troindustrie, soweit nichts anderes vereinbart wird. diese broschre ersetzt die vorige ausgabe. fragen ber technik, preise und lieferm?glichkeiten rich ten sie bitte an den ihnen n?chstgelegenen vertrieb der epcos ag oder an unsere vertriebsgesellschaften im ausland. bauelemente k?nnen aufgrund technischer erfordernisse gefahrstoffe ent- halten. ausknfte darber bitten wir unter angabe des betreffenden typs ebenfalls ber die zust?ndige vertriebsgesellschaft ein - zuholen. published by epcos ag corporate communications, p.o. box 80 17 09, 81617 munich, germany  ++49 89 636 09, fax (0 89) 636-2 26 89 ? epcos ag 2002. reproduction, publication and dissemination of this brochure and the information contained therein without epcos? prior express consent is prohibited. purchase orders are subject to the general conditions for the s upply of products and services of the electrical and electronics industry recommended by the zvei (german electrical and el ectronic manufacturers? associ ation), unless otherwise agreed. this brochure replaces the previous edition. for questions on technology, prices and delivery please contact the sales offices of epcos ag or the international representa- tives. due to technical requirements components may contain dangerous substances. for information on the type in question please also contact one of our sales offices.


▲Up To Search▲   

 
Price & Availability of B41825A8106M00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X