Part Number Hot Search : 
PM5FDXX 133BZ 1N5340BG 02527 C3629 PR33MF51 85102 AN1257
Product Description
Full Text Search
 

To Download A994AY-330M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fixed inductors for cellular phone  3 ?; ? ?
nz { ????? (1) inductance is measured with a lcr meter 4284a * or equivalent. (2) dc resistance is measured with a digital multimeter tr6871 (advantest) or equivalent. (3) maximum allowable dc current is that which causes a 30% inductance reduction from the initial value, or coil temperature to rise by 40c, whichever is smaller. (reference ambient temperature 20c) * agilent technologies 
??????x-$3y??" ?hx ? s ?t?? b?{ 
v ?x?????y??53 "ewbouftu
?hx ? s ? t?? b?{ 
7 g?0 ?vxz v o t ?v?v`h??????w ?u s 8 ???n ?b? v ?v ?z?hx v ?vt??z?? w9 su? w??t ?^m ?pb{  *?9 s??, jqb?{  * agilent technologies dj515c dimensions ? ?
go
$ recommended patterns
* ????
$ 1.5 max. 5.2 max. 1.4 4.2 0.6 m2 ? direction indication 6.0 4.0 2.0 (unit: mm) features ? ? ? (unit: mm) ? low profile (5.2mm max. square and 1.5mm max. height). ? magnetically shielded construction and low dc resistance. ? ideal for dc-dc converter choke coil for portable equipments (dvd, dsc, cellular, pda ). ? rohs compliant. ? ? ,? nn.byz?^nn.by ? ?? z ? v ? ? ?;+%7%z%4$z$fmmvmbsz1%"srw%$%$?? ?;??????t7 & ? 3p)4|? 0 inductance range: 4.7~47h selection guide for standard coils type dj515c (quantity/reel; 2,000 pcs) f? ? j ?????? 
?0) v ? 
v o t?0 ?v 
9 s ?0 ?v 
toko part number inductance (1) ( h) tolerance (%) dc resistance (2) ( ? ) max. (typ.) a994ay-4r7m 4.7 20 0.12 (0.11) 0.59 (0.79) 0.83 (1.06) 1.01 (1.20) a994ay-6r8m 6.8 20 0.16 (0.13) 0.50 (0.67) 0.66 (0.90) 0.85 (1.00) a994ay-8r2m 8.2 20 0.20 (0.17) 0.47 (0.63) 0.64 (0.85) 0.84 (0.99) a994ay-100m 10.0 20 0.23 (0.19) 0.41 (0.55) 0.57 (0.76) 0.82 (0.97) a994ay-150m 15.0 20 0.36 (0.30) 0.33 (0.44) 0.44 (0.59) 0.60 (0.71) a994ay-220m 22.0 20 0.54 (0.45) 0.27 (0.36) 0.37 (0.49) 0.48 (0.57) a994ay-270m 27.0 20 0.65 (0.54) 0.24 (0.33) 0.33 (0.44) 0.42 (0.50) A994AY-330M 33.0 20 0.76 (0.61) 0.23 (0.30) 0.30 (0.41) 0.40 (0.47) a994ay-470m 47.0 20 1.12 (0.93) 0.20 (0.26) 0.27 (0.36) 0.32 (0.38) inductance decrease current (3) (a) max. (typ.) =10% =30% ? l l ? l l temperature rise current (3) ? t=40c (a) max. (typ.)


▲Up To Search▲   

 
Price & Availability of A994AY-330M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X