Part Number Hot Search : 
G9131 GMS84512 PX0401 180V9B 960R0 1N6164US 04820 PX0401
Product Description
Full Text Search
 

To Download 2SD2057 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon npn power transistors 2SD2057 description ? with to-3pfa package ? high voltage,high speed ? built-in damper diode ? wide area of safe operation applications ? horizontal deflection output applications pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings(ta=25 ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 1500 v v ebo emitter-base voltage open collector 7 v i c collector current 5 a i cm collector current-peak 20 a i b base current 4 a t a =25 ?? 3 p c collector power dissipation t c =25 ?? 100 w t j max.operating junction temperature 150 ?? t stg storage temperature -55~150 ??
inchange semiconductor product specification 2 silicon npn power transistors 2SD2057 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (br)ebo emitter-base breakdown voltage i e =500ma ;i c =0 7 v v cesat collector-emitter saturation voltage i c =5a; i b =1.2a 8.0 v v besat base-emitter saturation voltage i c =5a; i b =1.2a 1.5 v v cb =1000v; i e =0 30 | a i cbo collector cut-off current v cb =1500v; i e =0 0.3 ma h fe-1 dc current gain i c =1a ; v ce =5v 8 h fe-2 dc current gain i c =5a ; v ce =10v 4.5 15 f t transition frequency i c =1a ; v ce =10v;f=0.5mhz 2 mhz v f diode forward voltage i c =-6a ;i b =0 -2.3 v t s storage time 12 | s t f fall time i c =5a;i b1 =-i b2 =1.2a;l leak =5 | h 0.8 | s
inchange semiconductor product specification 3 silicon npn power transistors 2SD2057 package outline fig.2 outline dimensions (unindicated tolerance: ? 0.30mm)


▲Up To Search▲   

 
Price & Availability of 2SD2057

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X