Part Number Hot Search : 
B0612BT1 RC2512 CXA20 LC7218M 057R2 LM358A 3F334EL D82530
Product Description
Full Text Search
 

To Download SLA7062M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2-phase unipolar stepper motor driver sla7060m/61m/62m/65m/66m/67m october 2005 . sanken electric co.,ltd. i03-003ea-051006 general description combining low-power cmos logic with high-current, high-voltage power fet outputs, the series sla 706xm translator/drivers provide complete control and drive for a two-phase unipolar stepper motor with internal fixed off time and pulse-width modulation (pwm) control of the output current in a power multi-chip module (pmcm?). there are no phase-sequence tables , high-frequency control lines, orcomplex interfaces to program.t he cmos logic section provides the sequencing logic, direction, control, synchronous/asynchronous pwm operation, and a "sleep"function. the minimum clock input is an ideal fit for applications wh ere a complex p is unavailable or overburdened. ttl or lsttl may require the use of appropriate pull-up resistors to ensure a proper input-logic high. for pwm current control, the maximum output current is determined by the user's selection of a reference voltage and sensing resistor. the nmos outputs are capable of sinking up to 1, 2, or 3 a (depending on device) and withstanding 46 v in the off state. clamp diodes provide protection agai nst inductive transients. special power-up sequencing is not required. half-, quarter-, eighth-, and sixt eenth-step operation are externally selectable for the sla7060/61/62 m. full-, half-, quarter-, and eighth-step operation are externally selectable for the sla7065/66/67m. half-step excitation alternates be tween the one-phase and two-phase modes (a-ab-b-ab-a-ab-bab),pr oviding an eight-step sequence. package applications ppc printer oa equipment features to 3 a output rating internal sequencer for microstepping operation pwm constant-current motor drive cost-effective, mu lti-chip solution 100 v, avalanche-rated nmos outputs low rds(on) nmos outputs (150 milli-ohms typical) advanced, improved body diodes nputs compatible with 3.3 v or 5 v control signals sleep mode internal clamp diodes key specifications motor supply voltage (vm) 44v max load supply voltage (vs) 10v 44v logic supply voltage (vcc) 3v 5.5v output current (io) 1a(sla7060m,sla7065m) 2a(sla7061m,sla7066m) 3a(SLA7062M,sla7067m) output maximum voltage (v dss ) 100v min typical connection sla706xm series clock cw/ccw sensea sync ref gnd outb/ outb outa outa/ v bb =v m =10 44v disable v dd =3.0 5.5v r 1 r 2 r sa r sb q 1 13 10 5 6 12 11 7 8 9 121 20 19 18 16 2 3 4 p-gnd s-gnd m1 m2 mo reset 17 14 15 r 3 c 1 senseb v bb v dd c a c b -con http://www.sanken-ele.co.jp/en/ 1/18
2-phase unipolar stepper motor driver sla7060m/61m/62m/65m/66m/67m october 2005 . sanken electric co.,ltd. i03-003ea-051006 scope the present specifications shall apply to a micro-stepping capable 2-phase unipolar stepper motor driver ic, sla706xm series . the present specifications shall apply to sla706xm series which is performed rohs instructions. lead part solder pb free inner solder lead content 85% outline type hybrid integrated circuit structure plastic molded (transfer mold) applications to drive a 2-phase stepper motor. (micro-stepping capable. pwm constant-current control.) absolute maximum ratings characteristic symbol ratings unit remarks load supply voltage v m 46 v main power supply voltage v bb 46 v logic supply voltage v dd 7 v 1.0 sla7060m,sla7065m 2.0 sla7061m,sla7066m output current i o 3.0 a SLA7062M,sla7067m logic input voltage v in - 0.3 v dd + 0.3 v ref input voltage v ref - 0.3 v dd + 0.3 v sense voltage v rs 2 v tw<1 s doesn't contain it. 3.5 w at t a =25 power dissipation p d 16 w at t c =25 junction temperature t j 150 c operating temperature range t a - 20 85 c storage temperature range t stg - 30 150 c output current rating may be limited by du ty cycle, ambient temperature, and heat sinking. under any set of conditions, do not exce ed the specified junction temperature(t j ). 2/18
2-phase unipolar stepper motor driver sla7060m/61m/62m/65m/66m/67m october 2005 . sanken electric co.,ltd. i03-003ea-051006 electrical characteristics recommendable operating range ratings characteristic symbol min max unit remarks load supply voltage v m 44 v main power supply voltage range v bb 10 44 v logic supply voltage range v dd 3.0 5.5 v please adjust the vcc surge voltage to 0.5v or less. ref input voltage range v ref 0.1 1.0 v the control current accuracy decreases in 0.1v or less. case temperature t c 90 c 11pin temperature at no fin electrical characteristic (t a =25 c ,v bb =24v,v dd =5v unless otherwise noted.) limits characteristic symbol min. typ. max. unit test condition i bb 1 5 ma regularity main power supply current i bbs 100 a at sleep operates logic supply current i dd 4 ma drain-source breakdown v (br)ds 100 v v bb =44v i d =1ma output on resistance r ds(on) 0.25 0.4 ? i d =2a body diode forward voltage v f 0.95 1.2 v i f =2a maximum clock frequency f clk 250 khz duty=50% v il 0.25 v dd v logic input voltage v ih 0.75v dd v i il 1 a i ih 1 a clock , reset , cw/ccw , sync i ilm - 75 - 50 - 25 a logic input current i ihm 1 a m1 ,m2 v ref 0 1.5 v stationary current control ref input voltage range v refs 2.0 v dd v at sleep operates ref input current i ref 10 a v ref =0~v dd v mol 1.25 v i mol =1.5ma mo output voltage v moh v dd - 1.25 v i moh = - 1.5ma i mol 3 ma mo output current i moh - 3 ma operation at a step frequency greater than the sp ecified minimum value is possible but not warranted. note. negative current is defined as co ming out of the specified pin. 3/18
2-phase unipolar stepper motor driver sla7060m/61m/62m/65m/66m/67m october 2005 . sanken electric co.,ltd. i03-003ea-051006 electrical characteristic(continued) (t a =25 c ,v bb =24v,v dd =5v unless otherwise noted.) limits characteristic symbol min. typ. max. unit test condition sense voltage v sense 0.95 1.00 1.05 v v ref =1.0v at mode f sense pins sink current i sense 10 a mode f 100 % mode e 98.1 % mode d 95.7 % mode c 92.4 % mode b 88.2 % mode a 83.1 % mode 9 77.3 % mode 8 70.7 % mode 7 63.4 % mode 6 55.5 % mode 5 47.1 % mode 4 38.2 % mode 3 29.0 % mode 2 19.5 % step reference current ratio mode 1 9.8 % v sense =100% v ref =0.1~1v wake-up time t se 100 s v ref 2.0 1.5v t pdon 2.0 s clock out on switching time t pdoff 1.5 s clock out off pwm minimum on time t on(min) 1.8 s t off1 12 s mode 8~f t off2 9 s mode 4~7 pwm off time t off3 7 s mode 1~3 note. ? negative current is defined as coming out of the specified pin. ? sla7065m, sla7066m, and sla7067m of the item of * sign of step reference current ratio are off the subject. 4/18
2-phase unipolar stepper motor driver sla7060m/61m/62m/65m/66m/67m october 2005 . sanken electric co.,ltd. i03-003ea-051006 O??` thermal design data thermal ratings 0 1 2 3 4 0 25 50 75 100 ambient temperature t a [c] allowable package power dissipation p d [w] j-a =35.7 c/w truth table ? input pin pin name low level high level clock reset run logic reset - cw/ccw forward (cw) reverse (ccw) m1 m2 micro-stepping operation mode setting ref enable sleep mode - sync asynchronous pwm operation synchronous pwm operation - 5/18
2-phase unipolar stepper motor driver sla7060m/61m/62m/65m/66m/67m october 2005 . sanken electric co.,ltd. i03-003ea-051006 micro-stepping operation mode setting sla7060m sla7061m SLA7062M input level operation mode m1 m2 4w 1-2phase (1/16 step) l l 2w 1-2phase (1/8 step) l h w 1-2phase (1/4 step) h l 1-2phase (1/2 step) h h sla7065m sla7066m sla7067m input level operation mode m1 m2 2w 1-2phase (1/8 step) l l w 1-2phase (1/4 step) l h 1-2phase (1/2 step) h l 2-2phase (full step) h h ? output pin pin name high level low level mo half-step position (mode 8) - logic input timing requirements reset clock cw/ccw m1 m2 5s(min) 2s(min) 1s(min) 1s(min) 1s(min) 1s(min) 2s(min) 4s(min) 2s(min) 6/18
2-phase unipolar stepper motor driver sla7060m/61m/62m/65m/66m/67m october 2005 . sanken electric co.,ltd. i03-003ea-051006 step sequencing chart b a b a 70.7 9.8 19.5 29.0 38.2 47.1 55.5 63.4 77.3 83.1 88.2 95.7 0 0 70.7 9.8 19.5 29.0 38.2 47.1 55.5 63.4 77.3 83.1 88.2 92.4 98.1 95.7 92.4 98.1 1 0 0 0 1 2 3 4 7 8 6 9 10 11 12 13 14 15 17 18 19 20 21 22 23 25 26 27 28 29 30 31 32 24 16 5 reset clock 4w12?4w1-2phase cw 4w1-2phase 7/18
2-phase unipolar stepper motor driver sla7060m/61m/62m/65m/66m/67m october 2005 . sanken electric co.,ltd. i03-003ea-051006 step sequencing chart (continued) b a b a 70.7 19.5 38.2 55.5 83.1 0 0 70.7 19.5 38.2 55.5 83.1 92.4 92.4 98.1 98.1 1 0 0 2w12?2w1-2phase 0 1 2 4 3 5 6 7 9 10 11 13 14 15 16 12 8 reset clock cw w1-2phase 8/18
2-phase unipolar stepper motor driver sla7060m/61m/62m/65m/66m/67m october 2005 . sanken electric co.,ltd. i03-003ea-051006 step sequencing chart (continued) 70.7 38.2 0 0 70.7 38.2 92.4 92.4 1 0 0 b a a b 0 1 2 3 5 7 6 4 reset clock 8 cw w12?1-2phase w1-2phase 9/18
2-phase unipolar stepper motor driver sla7060m/61m/62m/65m/66m/67m october 2005 . sanken electric co.,ltd. i03-003ea-051006 step sequencing chart (continued) block diagram (connection diagram) 12?1-2phase reset clock 0 4 b a b a 70.7 0 0 70.7 1 0 0 cw 1 2 3 22?2-2phase reset clock 0 2 b a b a 70.7 0 0 70.7 1 0 0 cw 1 1-2phase 2phase 10/18
2-phase unipolar stepper motor driver sla7060m/61m/62m/65m/66m/67m october 2005 . sanken electric co.,ltd. i03-003ea-051006 internal functional block diagram pin assignment (terminal functions) pin symbol function 1 2 outa phase a output 3 4 outa/ phase a/ output 5 sensea phase a current sense 6 v dd logic supply 7 ref control current set & off output 8 reset reset input for logic circuit 9 cw/cc w forward / reverse switch input 10 clock step clock input 11 gnd gnd 12 m2 13 m1 micro-stepping operation mode setting input 14 mo position monitoring output 15 sync pwm chopping function select input 16 v bb main power supply (for motor) 17 senseb phase b current sense 18 19 outb/ phase b/ output 20 21 outb b phase b output 15 11 :a :? :? : :? :? osc sequencer & sleep circuit osc pwm control synchro control pwm control :? :? :? :o :a : :? :? :? :? :? :? :? :- :? :? :| : :? :? :? :| : :? :? :| : :? :? :| : :? :? :? mic : :? :? :? : :? :? : :? :? :? :? pre- driver pre- driver dac dac reg :| : :? :? :? :| : :? :? :? 123 4 5 6 78 910 13 12 14 16 17 18 19 20 21 :| : :? :? :| : :? :? :a :e :? :o :? : :? :a :? :? : :? :? :- :? :? 11/18
2-phase unipolar stepper motor driver sla7060m/61m/62m/65m/66m/67m october 2005 . sanken electric co.,ltd. i03-003ea-051006 example application circuit reference constant r sa ,r sb 0.1 2 ? loss attention p P io 2 r s r 1 10k ? c a 100f 50v r 2 5.1k ? (vr) c b 10f 10v r 3 10k ? c 1 0.1f precaution to avoid the noise on v dd line. switching noise from pcb traces, where high current flows, to the v dd line should be minimized because the noise level more than 0.5v on the v dd line may cause malfunctioning operation. the tip for avoiding such problem is to separate the logic gnd (s-gnd) and the power gnd (p-gnd) on a pcb, and then connect them together at ic gnd pin (#11). the loss of ?rs? resi stance will occur. sla706xm series clock cw/ccw sensea sync ref gnd outb/ outb outa outa/ v bb =v m =10 44v disable v dd =3.0 5.5v r 1 r 2 r sa r sb q 1 13 10 5 6 12 11 7 8 9 121 20 19 18 16 2 3 4 p-gnd s-gnd m1 m2 mo reset 17 14 15 r 3 c 1 senseb v bb v dd c a c b -con 12/18
2-phase unipolar stepper motor driver sla7060m/61m/62m/65m/66m/67m october 2005 . sanken electric co.,ltd. i03-003ea-051006 package information package type and physical dimensions a.type no. b.lot no. dimensions in millimeters material of terminal : cu treatment of terminal : ni planting + solder dip (pb free) appearance the body shall be clean and shall not bear any stain, rust or flaw. marking the type number and lot number shall be clearly marked in white. lf2102 a.type number sla706xm b.lot number 1st letter the last digit of year month 1 9 arabic numerals 10 o 11 n 2nd letter 12 d day 01 31 arabic numerals 3rd &4th letter 13/18
2-phase unipolar stepper motor driver sla7060m/61m/62m/65m/66m/67m october 2005 . sanken electric co.,ltd. i03-003ea-051006 packing specifications 185 130 610 31 8 580 x z y ? a rubber stopper is provided on both ends of the stick. ? 18 pieces in x direction (maximum 18 pieces in one stick) ? 20 sticks in y direction 3 sticks in y direction ? 18pieces 20 3 =1080pieces(max.) dimensions in millimeters 14/18
2-phase unipolar stepper motor driver sla7060m/61m/62m/65m/66m/67m october 2005 . sanken electric co.,ltd. i03-003ea-051006 cautions and warnings the calculation of control current sla706xm series control current io (a t mode f) is calculated as follow. s ref o r v i = ref voltage is recommended to be from 0.1 to 1.0v. when the ref<0.1v,the accuracy of the current control becomes worst. moreover, setting the ref voltage more than 2v activates the sleep mode (all outputs is in off state). however, the internal lo gic circuit is alive. logic inputs/output (reset, cloc k, cw/ccw, m1, m2, sync, mo) ? following timing should comply with the "logic input timing". -the rising edge timing of cw/ccw , m1, m2 and that of clock input -the reset release timing(=the falling edge on reset input) and the rising edge timing of clock input in case it does not comply with the "logic input timing", it may operate at an unexpected sequence. ? be sure to prevent the logic inputs(reset, clock, cw/ccw, m1, m2, sync) from being "open". if some of the logic inputs are not used, be sure to connect them to vdd or gnd. in case some of the logic inputs stay "ope n", a malfunction may occur due to external noises. ? when the logic output(mo) is not us ed, be sure to keep it "open". in case it is connected to vdd or gnd, it may cause the device's deterioration or/and breakdown. installation to a heat sink 1) recommended clamping torque (to external heat sink) 0.490 0.822n?m 2) recommended silicone g746 shin-etsu chemical yg6260 toshiba silicone sc102 dow corning toray silicone notice this driver has c-mos inputs. please notice as following contents. ? when static electricity is a problem, care should be taken to properly control the room humidity. this is particularly true in the winter when static electricity is most troublesome. ? care should be taken with device leads and with assembly se quencing to avoid applying static charges to ic leads. pc board pins should be shorted together to keep them at the same potential to avoid this kind of trouble. 15/18
2-phase unipolar stepper motor driver sla7060m/61m/62m/65m/66m/67m october 2005 . sanken electric co.,ltd. i03-003ea-051006 asia pacific china sanken electric hong kong co., ltd. suite 1026 ocean centre, canton road, tsimshatsui, kowloon, hong kong tel: 852-2735-5262 fax: 852-2735-5494 sanken electric (shanghai) co., ltd. room3202, maxdo centre, xingyi road 8, changning district, shanghai, china tel: 86-21-5208-1177 fax: 86-21-5208-1757 taiwan sanken electric co., ltd. room 1801, 18th floor, 88 jung shiau east road, sec. 2, taipei 100, taiwan r.o.c. tel: 886-2-2356-8161 fax: 886-2-2356-8261 india saket devices pvt. ltd. office no.13, first floor, bandal - dh ankude plaza, near pmt depot, paud ro ad, kothrud, pune - 411 038, india tel: 91-20-5621-2340 91-20-2528-5449 fax: 91-20-2528-5459 japan sanken electric co., ltd. overseas sales headquaters metropolitan plaza bldg. 1-11-1 nishi-ikebuk uro, toshima-ku, tokyo 171-0021, japan tel: 81-3-3986-6164 fax: 81-3-3986-8637 korea sanken electric korea co., ltd. mirae asset life bldg. 6f, 168 kongduk-dong, mapo-ku, seoul, 121-705, korea tel: 82-2-714-3700 fax: 82-2-3272-2145 singapore sanken electric singapore pte. ltd. 150 beach road, #14-03 the gateway west, singapore 189720 tel: 65-6291-4755 fax: 65-6297-1744 16/18
2-phase unipolar stepper motor driver sla7060m/61m/62m/65m/66m/67m october 2005 . sanken electric co.,ltd. i03-003ea-051006 europe united kingdom sanken power systems (uk) limited pencoed technology park, pencoed, bridgend cf35 5hy. uk tel: 44-1656-869-100 fax: 44-1656-869-162 north america united states allegro microsystems, inc. 115 northeast cutoff, worcester, massachusetts 01606, u.s.a. tel: 1-508-853-5000 fax: 1-508-853-3353 allegro microsystems, inc. (southern california) 14 hughes street, suite b105, irvine, ca 92618 tel: 1-949-460-2003 fax: 1-949-460-7837 17/18
2-phase unipolar stepper motor driver sla7060m/61m/62m/65m/66m/67m october 2005 . sanken electric co.,ltd. i03-003ea-051006 caution / warning the information in this publication has been carefully checked and is believed to be accurate; however, no responsibility is assumed for inaccuracies. sanken reserves the right to make changes without further notice to any products herein in the interest of improvements in the performance, reliability, or manufacturability of its products. before placing an order, sanken advises its customers to obtain the latest version of the relevant information to verify that the information being relied upon is current. application and operation examples desc ribed in this catalog are quoted for the sole purpose of reference for the use of the products herein and sanken can assume no responsibility for any infringement of industrial property rights, intellectual property rights or any other rights of sank en or any third party which may result from its use. when using the products herein, the applicability and suitability of such products for the intended purpose or object shall be reviewed at the users? responsibility. although sanken undertakes to enhance the quality and reliab ility of its products, the occurrence of failure nd defect of semiconductor products at a certain rate is inevitable. users of sanken products are requested to take, at their own risk, preventative measures including sa fety design of the equipment or systems against any possible injury, death, fires or damages to the society due to device failure or malfunction. sanken products listed in this catalog are designed and intended for the use as components in general purpose electronic equipment or apparatus (home appliances, of fice equipment, telecommunicat ion equipment, measuring equipment, etc.). before placing an order, the user?s written consent to the specifications is requested. when considering the use of sanken products in the app lications where higher reliability is required (transportation equipment and its control systems, tra ffic signal control systems or equipmen t, fire/crime alarm systems, various safety devices, etc.), please contact your nearest sanken sales representative to discus s and obtain written confirmation of your specifications. the use of sanken products without the written consent of sanken in the applications where extremely high reliability is required (a erospace equipment, nuclear power contro l systems, life support systems, etc.) is strictly prohibited. anti radioactive ray design is not considered for the products listed herein. this publication shall not be reproduced in whole or in part without prior written approval from sanken. this is notification that you, as purchaser of the products /technology, are not allowed to perform any of the following: 1. resell or retransfer these products /technology to any party intending to di sturb international peace and security. 2. use these products/technology yourself for activ ities disturbing international peace and security. 3. allow any other party to use these products/technology for activities distur bing international peace and security. also, as purchaser of these products/technology, you agree to follow the procedures for the export or transfer of these products/technology, under the foreign exchange and foreign trade law, when you export or transfer the products/technology abroad. 18/18


▲Up To Search▲   

 
Price & Availability of SLA7062M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X