Part Number Hot Search : 
78DL09P KBP005 F060214 R1B05F0 SMAW250 SN8P1700 SM5102 NCE8205
Product Description
Full Text Search
 

To Download SB2505G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  - 770 - ac dia .193(4.9) hole for #8 screw .692(17.6) .612(15.5) 1.14(29.0) 1.01(25.7) .25(6.35) .442(11.23) .432(10.97) 1.14(29.0) 1.01(25.7) .692(17.6) .612(15.5) .602(15.3 .522(13.3 .752(19.1) .672(17.1) .93(23.5 .81(20.5 .490(12.4) .410(10.4) .040(1.0) dia typ dia .193(4.9) hole for #8 screw .442(11.23) .432(10.97) 1.14(29.0) 1.01(25.7) .752(19.1) .672(17.1) .752(19.1) .672(17.1) 1.14(29.0) 1.01(25.7) 1.2(30.5) min. dia .193(4.9) hole for #8 screw .692(17.6) .612(15.5) 1.14(29.0) 1.01(25.7) .25(6.35) .034(0.86) .030(0.76) .442(11.23) .432(10.97) .692(17.6) .612(15.5) 1.14(29.0) 1.01(25.7) .692(17.6 .612(15.5 .692(17.6) .612(15.5) .93(23.5 ) .81(20.5 ) sb 15, 25, 35g series high current 15, 25, 35 amps. single phase glass passivated bridge rectifiers voltage range 50 to 1000 volts current 15.0/25.0/35.0 amperes f eatures  ul recognized file # e-96005  metal case with an electrically isolated epoxy  rating to 1,000v prv.  high efficiency  mounting: thru hole for #8 screw  high temperature soldering guaranteed: 260 / 10 seconds at 5 lbs., ( 2.3 kg ) tension  leads solderable per mil-std-202 method 208  isolated voltage from case to lead over 2000 volts sb35 sb35-w sb35-m dimensions in inches and (millimeters) m aximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol -05 -1 -2 -4 -6 -8 -10 unit s maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward sb15 rectified current sb25 @t c = 55 sb35 i (av) 15.0 25.0 35.0 a peak forward surge current, sb15 single sine-wave superimposed on sb25 rated load (jedec method ) sb35 i fsm 300 300 400 a maximum instantaneous forward sb15 7.5a voltage drop per element sb25 12.5a at specified current sb35 17.5a v f 1.1 v maximum dc reverse current at rated dc blocking voltage per element i r 10 ua typical thermal resistance (note 1) r jc 2.0 / w operating and storage temperature range t j ,t stg -50 to +150 notes: 1. thermal resistanc e from junction to case. 2. suffix ?w? - wire lead structure/ ?m? - terminal location face to face.
- 771 - fig.3- typical reverse characteristics per bridge element instantaneous reverse current .( a) 0 20 40 60 80 100 120 140 0.1 1 10 100 percent of rated peak reverse voltage. (%) tj=25 c 0 tj=125 c 0 ratings and characteristic curves (SB2505G thru sb2510g) sb3505g sb1505g sb3510g sb1510g fig.1- maximum forward current derating curve average for ward current . (a) 160 180 20 40 60 80 100 120 140 0 5 10 15 20 25 40 35 30 case temperature. ( c) o sb35g sb25g sb15g fig.4- typical forward characteristics instantaneous for ward current . (a) 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 0.1 1 10 100 1000 forward voltage. (v) sb35g sb15g sb25g fig.2- maximum non-repetitive forward surge current per bridge element peak for ward surge current . (a) 1 234 1.5 5 6 9 8 710 25 20 15 30 100 60 40 80 20 100 300 400 200 number of cycles at 60hz sb35g sb15g sb25g


▲Up To Search▲   

 
Price & Availability of SB2505G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X