Part Number Hot Search : 
APT10M 5HTP2 NCV3064B 2802A DBL1035 C8051F33 1820A UF3004
Product Description
Full Text Search
 

To Download PBA15F-24 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  model pba15f-3r3 pba15f-5 pba15f-9 pba15f-12 pba15f-15 PBA15F-24 pba15f-48 max output wattage[w] 9.9 15 15.3 15.6 15 16.8 16.8 dc output 3.3v 3a 5v 3a 9v 1.7a 12v 1.3a 15v 1a 24v 0.7a 48v 0.35a specifications model pba15f-3r3 pba15f-5 pba15f-9 pba15f-12 pba15f-15 PBA15F-24 pba15f-48 input voltage[v] ac85 - 264 1 f or dc110 - 370 ( ac50 or dc70 please refer to the instruction manual 2.1 input voltage * 3 ) current[a] acin 100v 0.30typ ( io=100% ) 0.4typ ( io=100% ) acin 200v 0.15typ ( io=100% ) 0.2typ ( io=100% ) frequency[hz] 50/60 ( 47 - 440 ) or dc efficiency[%] acin 100v 68typ 74typ 75typ 75typ 77typ 75typ 75typ acin 200v 68typ 75typ 77typ 78typ 80typ 78typ 78typ inrush current[a] acin 100v 15typ ( io=100% )( at cold start ) acin 200v 30typ ( io=100% )( at cold start ) leakage current[ma] 0.15/0.30max ( acin 100v/240v 60hz , io=100% , according to iec60950-1 , denan ) output voltage[v] 3 . 35 9 1 21 52 44 8 current[a] 3 3 1.7 1.3 1 0.7 0.35 line regulation[mv] 20max 20max 36max 48max 60max 96max 192max load regulation[mv] 40max 40max 100max 100max 120max 150max 240max ripple[mvp-p] 0to+50 c * 1 80max 80max 120max 120max 120max 120max 150max -10 - 0 c * 1 140max 140max 160max 160max 160max 160max 200max ripple noise[mvp-p] 0to+50 c * 1 120max 120max 150max 150max 150max 150max 250max -10 - 0 c * 1 160max 160max 180max 180max 180max 180max 300max temperature regulation[mv] 0to+50 c 50max 50max 90max 120max 150max 240max 480max -10to+50 c 60max 60max 120max 150max 180max 290max 600max drift[mv] * 2 20max 20max 36max 48max 60max 96max 192max start-up time[ms] 200typ ( acin 100v , io=100% ) * start-up time is 700ms typ for less than 1minute of applying input again from turning off the input voltage. hold-up time[ms] 20typ ( acin 100v , io=100% ) output voltage adjustment range[v] 2.85 - 3.60 4.50 - 5.50 7.50 - 10.0 10.0 - 13.2 13.2 - 18.0 19.2 - 27.0 39.0 - 53.0 output voltage setting[v] 3.30 - 3.40 5.00 - 5.15 9.00 - 9.36 12.00 - 12.48 15.00 - 15.60 24.00 - 24.96 48.00 - 49.92 protection circuit and others overcurrent protection works over 105% of rated current and recovers automatically overvoltage protection[v] 4.00 - 5.25 5.75 - 7.00 11.5 - 14.0 15.0 - 18.0 20.0 - 25.0 30.0 - 37.0 58.0 - 65.0 operating indication led ( green ) remote on/off none isolation input-output ac3 , 000v 1minute , cutoff current = 10ma , dc500v 50m w min ( at room temperature ) input-fg ac2 , 000v 1minute , cutoff current = 10ma , dc500v 50m w min ( at room temperature ) output-fg ac500v 1minute , cutoff current = 25ma , dc500v 50m w min ( at room temperature ) environment operating temp. , humid.and altitude -10 to +71 c ( required derating ), 20 - 90%rh ( non condensing ) 3 , 000m ( 10 , 000feet ) max storage temp. , humid.and altitude -20 to +75 c , 20 - 90%rh ( non condensing ) 3 , 000m ( 10 , 000feet ) max vibration 10 - 55hz , 19.6m/s 2 ( 2g ), 3minutes period , 60minutes each along x , y and z axis impact 196.1m/s 2 ( 20g ), 11ms , once each x , y and z axis safety and noise regulations agency approvals ( at only ac input ) ul60950-1 , c-ul ( csa60950-1 ), en60950-1 , en50178 complies with den-an conducted noise complies with fcc part15 classb , vcci-b , cispr22-b , en55011-b , en55022-b ce marking low voltage directive , emc directive harmonic attenuator complies with iec61000-3-2 ( not built-in to active filter * 4 ) others case size/weight 31 x 78 x 85mm ( without terminal block )( w x h x d ) / 200g max ( without cover ) cooling method convection *1 measured by 20mhz oscilloscope or ripple-noise meter(equivalent to keisoku-giken :rm101). *2 drift is the change in dc output for an eight hour period after a half-hour warm-up at 25 c. * 3 derating is required. * 4 when two or more units are used,they may not comply with the harmonic attenuator. please contact us for details. * parallel operation with other model is not possible. * derating is required when operated with cover. * a sound may occur from power supply at peak loading. pba15f unit type pb a 15 f - o -o ordering information 1 series name 2 single output 3 output wattage 4 universal input 5 output voltage 6 optional c :with coating g :low leakage current e :low leakage current and emi class a t :vertical terminal block j :connector type n :with cover (ul508 is pending for approval) n1 :with din rail v :output voltage setting potentiometer external- ly r 123456 pb a-6 recommended noise filter nac-06-472 high voltage pulse noise type : nap series low leakage current type : nam series *the noise filter is recommended *to connect with several devices. cover is optional distribution: rsg electronic components gmbh sprendlinger landstr. 115 d-63069 offenbach/germany tel. +49 69 984047-0 fax +49 69 984047-77 info@rsg-electronic.de www.rsg-electronic.de ?nderungen vorbehalten / subject to change without notice
2.5 point a:c102 cover (option) name plate m3 mounting hole 2-m3 mounting hole 2-m3 ac(n) ac(l) fg -v +v terminal cover 15.1 1.5 5 18 31 34.5 34.5 78 36.5 11.5 85 16.5 2 70.5 12.2 1.5 18 22.6 1.5 31 0.5 60 0.5 9.5 7.5 pba15f pbw15f led voltage adjust cover name plate ? tolerance : 1 ? mass : 200g or less (without cover) ? pcb material/thickness : cem3 / 1.6mm ? chassis material : electric galvanizing steel board ? dimensions in mm ? mounting torque : 0.6n ? m(6.3kgf ? cm)max ? screw tightening torque : m3 0.8n ? m(8.5kgf ? cm)max ? please connect safety ground to the unit in 2-m3 holes. ? external size of option t,j,n,n1 and v is different from standard model and refer to 7 option of instruction manual for details. pb a-7 pba15f block diagram 2.5a ac250v ac in dc out fg 85 - 264v noise filter inverter control current sensing rectifier and filter control photocoupler photocoupler transformer inrush current limit fuse over voltage protection rectifier and filter external view distribution: rsg electronic components gmbh sprendlinger landstr. 115 d-63069 offenbach/germany tel. +49 69 984047-0 fax +49 69 984047-77 info@rsg-electronic.de www.rsg-electronic.de ?nderungen vorbehalten / subject to change without notice


▲Up To Search▲   

 
Price & Availability of PBA15F-24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X