Part Number Hot Search : 
HIP1030 VSC7983 M4S6H 40EPS08 E3602S 2931CF 30M25 AEETCF
Product Description
Full Text Search
 

To Download P5NC50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/12 december 2002 stP5NC50 - stP5NC50fp stb5nc50 - stb5nc50-1 n-channel 500v - 1.3 w - 5.5a to-220/fp/d 2 pak/i 2 pak powermesh?ii mosfet n typical r ds (on) = 1.3 w n extremely high dv/dt capability n 100% avalanche tested n new high voltage benchmark n gate charge minimized description the powermesh ? ii is the evolution of the first generation of mesh overlay ?. the layout re- finements introduced greatly improve the ron*area figure of merit while keeping the device at the lead- ing edge for what concerns swithing speed, gate charge and ruggedness. applications n high current, high speed switching n swith mode power supplies (smps) n dc-ac converters for welding equipment and uninterruptible power supplies and motor drives absolute maximum ratings (?)pulse width limited by safe operating area (1)i sd 5.5a, di/dt 100a/s, v dd v (br)dss ,t j t jmax. type v dss r ds(on) i d stP5NC50 stP5NC50fp stb5nc50 stb5nc50-1 500 v 500 v 500 v 500 v <1.5 w <1.5 w <1.5 w <1.5 w 5.5a 5.5a 5.5a 5.5a symbol parameter value unit stP5NC50 stb5nc50/-1 stP5NC50fp v ds drain-source voltage (v gs =0) 500 v v dgr drain-gate voltage (r gs =20k w ) 500 v v gs gate- source voltage 30 v i d drain current (continuos) at t c = 25c 5.5 5.5(*) a i d drain current (continuos) at t c = 100c 3.5 3.5(*) a i dm (  ) drain current (pulsed) 22 22 a p tot total dissipation at t c = 25c 100 35 w derating factor 0.8 0.28 w/c dv/dt(1) peak diode recovery voltage slope 3.5 v/ns v iso insulation withstand voltage (dc) - 2500 v t j t stg operating junction temperature storage temperature -55 to 175 -65 to 175 c c (*)limited only by maximum temperature allowed internal schematic diagram to-220 to-220fp 1 3 d 2 pak 1 2 3 i 2 pak www.datasheet.co.kr datasheet pdf - http://www..net/
stP5NC50 - stP5NC50fp - stb5nc50 - stb5nc50-1 2/12 thermal data avalanche characteristics electrical characteristics (tcase = 25 c unless otherwise specified) off on (1) dynamic to-220 d 2 pak i 2 pak to-220fp rthj-case thermal resistance junction-case max 1.25 3.57 c/w rthj-amb thermal resistance junction-ambient max 62.5 c/w t l maximum lead temperature for soldering purpose 300 c symbol parameter max value unit i ar avalanche current, repetitive or not-repetitive (pulse width limited by t j max) 5.5 a e as single pulse avalanche energy (starting t j = 25 c, i d =i ar ,v dd =50v) 280 mj symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d = 250a, v gs = 0 500 v i dss zero gate voltage drain current (v gs =0) v ds = max rating 1a v ds = max rating, t c = 125 c 50 a i gss gate-body leakage current (v ds =0) v gs = 30v 100 na symbol parameter test conditions min. typ. max. unit v gs(th) gate threshold voltage v ds =v gs ,i d = 250a 234v r ds(on) static drain-source on resistance v gs =10v,i d =2a 1.3 1.5 w symbol parameter test conditions min. typ. max. unit g fs (1) forward transconductance v ds >i d(on) xr ds(on)max, i d = 2.5a 4s c iss input capacitance v ds =25v,f=1mhz,v gs =0 480 pf c oss output capacitance 80 pf c rss reverse transfer capacitance 11.5 pf www.datasheet.co.kr datasheet pdf - http://www..net/
3/12 stP5NC50 - stP5NC50fp - stb5nc50 - stb5nc50-1 safe operating area for to-220fp safe operating area for to-220/d2pak/i2pak electrical characteristics (continued) switching on switching off source drain diode note: 1. pulsed:pulseduration=300s,dutycycle1.5%. 2. pulse width limited by safe operating area. symbol parameter test conditions min. typ. max. unit t d(on) turn-on delay time rise time v dd =250v,i d = 2.5a r g = 4.7 w v gs =10v (see test circuit, figure 3) 14 ns t r 15 ns q g total gate charge v dd =400v,i d = 5.5a, v gs =10v 17.5 24.5 nc q gs gate-source charge 3 nc q gd gate-drain charge 9 nc symbol parameter test conditions min. typ. max. unit t r(voff) off-voltage rise time v dd = 400v, i d = 5.5a, r g =4.7 w, v gs = 10v (see test circuit, figure 5) 12 ns t f fall time 14 ns t c cross-over time 20 ns symbol parameter test conditions min. typ. max. unit i sd source-drain current 5.5 a i sdm (2) source-drain current (pulsed) 22 a v sd (1) forward on voltage i sd = 5.5a, v gs =0 1.6 v t rr reverse recovery time i sd = 5.5a, di/dt = 100a/s, v dd =100v,t j =150c (see test circuit, figure 5) 360 ns q rr reverse recovery charge 1.6 c i rrm reverse recovery current 9 a www.datasheet.co.kr datasheet pdf - http://www..net/
stP5NC50 - stP5NC50fp - stb5nc50 - stb5nc50-1 4/12 thermal impedence for to-220/d2pak/i2pak output characteristics thermal impedence for to-220fp transfer characteristics transconductance static drain-source on resistance www.datasheet.co.kr datasheet pdf - http://www..net/
5/12 stP5NC50 - stP5NC50fp - stb5nc50 - stb5nc50-1 source-drain diode forward characteristics normalized on resistance vs temperature normalized gate threshold voltage vs temp. gate charge vs gate-source voltage capacitance variations www.datasheet.co.kr datasheet pdf - http://www..net/
stP5NC50 - stP5NC50fp - stb5nc50 - stb5nc50-1 6/12 fig. 5: test circuit for inductive load switching and diode recovery times fig. 4: gate charge test circuit fig. 2: unclamped inductive waveform fig. 1: unclamped inductive load test circuit fig. 3: switching times test circuit for resistive load www.datasheet.co.kr datasheet pdf - http://www..net/
7/12 stP5NC50 - stP5NC50fp - stb5nc50 - stb5nc50-1 dim. mm inch min. typ. max. min. typ. max. a 4.40 4.60 0.173 0.181 c 1.23 1.32 0.048 0.051 d 2.40 2.72 0.094 0.107 d1 1.27 0.050 e 0.49 0.70 0.019 0.027 f 0.61 0.88 0.024 0.034 f1 1.14 1.70 0.044 0.067 f2 1.14 1.70 0.044 0.067 g 4.95 5.15 0.194 0.203 g1 2.4 2.7 0.094 0.106 h2 10.0 10.40 0.393 0.409 l2 16.4 0.645 l4 13.0 14.0 0.511 0.551 l5 2.65 2.95 0.104 0.116 l6 15.25 15.75 0.600 0.620 l7 6.2 6.6 0.244 0.260 l9 3.5 3.93 0.137 0.154 dia. 3.75 3.85 0.147 0.151 l6 a c d e d1 f g l7 l2 dia. f1 l5 l4 h2 l9 f2 g1 to-220 mechanical data p011c www.datasheet.co.kr datasheet pdf - http://www..net/
stP5NC50 - stP5NC50fp - stb5nc50 - stb5nc50-1 8/12 l2 a b d e h g l6 f l3 g1 123 f2 f1 l7 l4 l5 dim. mm. inch min. typ max. min. typ. max. a 4.4 4.6 0.173 0.181 b 2.5 2.7 0.098 0.106 d 2.5 2.75 0.098 0.108 e 0.45 0.7 0.017 0.027 f 0.75 1 0.030 0.039 f1 1.15 1.5 0.045 0.067 f2 1.15 1.5 0.045 0.067 g 4.95 5.2 0.195 0.204 g1 2.4 2.7 0.094 0.106 h 10 10.4 0.393 0.409 l2 16 0.630 l3 28.6 30.6 1.126 1.204 l4 9.8 10.6 0.385 0.417 l5 2.9 3.6 0.114 0.141 l6 15.9 16.4 0.626 0.645 l7 9 9.3 0.354 0.366 ? 3 3.2 0.118 0.126 to-220fp mechanical data www.datasheet.co.kr datasheet pdf - http://www..net/
9/12 stP5NC50 - stP5NC50fp - stb5nc50 - stb5nc50-1 1 dim. mm. inch min. typ max. min. typ. max. a 4.4 4.6 0.173 0.181 a1 2.49 2.69 0.098 0.106 a2 0.03 0.23 0.001 0.009 b 0.7 0.93 0.027 0.036 b2 1.14 1.7 0.044 0.067 c 0.45 0.6 0.017 0.023 c2 1.23 1.36 0.048 0.053 d 8.95 9.35 0.352 0.368 d1 8 0.315 e 10 10.4 0.393 e1 8.5 0.334 g 4.88 5.28 0.192 0.208 l 15 15.85 0.590 0.625 l2 1.27 1.4 0.050 0.055 l3 1.4 1.75 0.055 0.068 m 2.4 3.2 0.094 0.126 r 0.4 0.015 v2 0o 8o d 2 pak mechanical data 3 www.datasheet.co.kr datasheet pdf - http://www..net/
stP5NC50 - stP5NC50fp - stb5nc50 - stb5nc50-1 10/12 dim. mm inch min. typ. max. min. typ. max. a 4.4 4.6 0.173 0.181 a1 2.49 2.69 0.098 0.106 b 0.7 0.93 0.027 0.036 b2 1.14 1.7 0.044 0.067 c 0.45 0.6 0.017 0.023 c2 1.23 1.36 0.048 0.053 d 8.95 9.35 0.352 0.368 e 2.4 2.7 0.094 0.106 e 10 10.4 0.393 0.409 l 13.1 13.6 0.515 0.531 l1 3.48 3.78 0.137 0.149 l2 1.27 1.4 0.050 0.055 l l1 b2 b d e a c2 c a1 l2 e p011p5/e to-262 (i 2 pak) mechanical data www.datasheet.co.kr datasheet pdf - http://www..net/
11/12 stP5NC50 - stP5NC50fp - stb5nc50 - stb5nc50-1 tape and reel shipment (suffix t4)* tube shipment (no suffix)* d 2 pak footprint * on sales type dim. mm inch min. max. min. max. a 330 12.992 b 1.5 0.059 c 12.8 13.2 0.504 0.520 d 20.2 0795 g 24.4 26.4 0.960 1.039 n 100 3.937 t 30.4 1.197 base qty bulk qty 1000 1000 reel mechanical data dim. mm inch min. max. min. max. a0 10.5 10.7 0.413 0.421 b0 15.7 15.9 0.618 0.626 d 1.5 1.6 0.059 0.063 d1 1.59 1.61 0.062 0.063 e 1.65 1.85 0.065 0.073 f 11.4 11.6 0.449 0.456 k0 4.8 5.0 0.189 0.197 p0 3.9 4.1 0.153 0.161 p1 11.9 12.1 0.468 0.476 p2 1.9 2.1 0.075 0.082 r 50 1.574 t 0.25 0.35 0.0098 0.0137 w 23.7 24.3 0.933 0.956 tape mechanical data www.datasheet.co.kr datasheet pdf - http://www..net/
stP5NC50 - stP5NC50fp - stb5nc50 - stb5nc50-1 12/12 information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no res ponsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result f rom its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specificati ons mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics products are not authorized for use as critical components in life support devi ces or systems without express written approval of stmicroelectronics. ? the st logo is a registered trademark of stmicroelectronics ? 2002 stmicroelectronics - printed in italy - all rights reserved stmicroelectronics group of companies australia - brazil - canada - china - finland - france - germany - hong kong - india - israel - italy - japan - malaysia - malt a - morocco singapore - spain - sweden - switzerland - united kingdom - united states. ? http://www.st.com www.datasheet.co.kr datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of P5NC50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X