Part Number Hot Search : 
80N12 18L12 M7905 C18LF PE24118W EPT7090 B140110 TK13A65
Product Description
Full Text Search
 

To Download MC74LCX258-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2001 may, 2001 rev. 2 1 publication order number: mc74lcx258/d mc74lcx258 low-voltage cmos quad 2-input multiplexer with 5 vtolerant inputs and outputs (3state, inverting) the mc74lcx258 is a high performance, quad 2input inverting multiplexer with 3state outputs operating from a 2.3 to 3.6 v supply. high impedance ttl compatible inputs significantly reduce current loading to input drivers while ttl compatible outputs offer improved switching noise performance. a v i specification of 5.5 v allows mc74lcx258 inputs to be safely driven from 5v devices. four bits of data from two sources can be selected using the select input. the four outputs present the selected data in the inverted form. the outputs may be switched to a high impedance state by placing a logic high on the output enable (oe ) input. current drive capability is 24 ma at the outputs. ? designed for 2.3 to 3.6 v v cc operation ? 5 v tolerant interface capability with 5 v ttl logic ? supports live insertion and withdrawal ? i off specification guarantees high impedance when v cc = 0 v ? ttl compatible ? cmos compatible ? 24 ma balanced output sink and source capability ? near zero static supply current in all three logic states (10 m a) substantially reduces system power requirements ? latchup performance exceeds 500 ma ? esd performance: human body model >2000 v; machine model >200 v 2400 units/reel 2500 units/reel 48 units/rail 2400 units/reel 2000 units/reel http://onsemi.com so16 d suffix case 751b marking diagrams 1 16 lcx258 awlyww lcx 258 alyw tssop16 dt suffix case 948f ordering information eiaj so16 m suffix case 966 74lcx258 alyw device package shipping mc74lcx258d so16 48 units/rail mc74lcx258dr2 so16 mc74lcx258dtel tssop16 mc74lcx258m eiaj so16 mc74lcx258mel eiaj so16 mc74lcx258dtr2 tssop16 a = assembly location l, wl = wafer lot y = year w, ww = work week 1 16 1 16
mc74lcx258 http://onsemi.com 2 figure 1. pinout: 16lead plastic package (top view) 15 16 14 13 12 11 10 2 1 34567 v cc 9 8 oe a3 b3 y3 a2 b2 y2 s a0 b0 y0 a1 b1 y1 gnd pin names pins function an source 0 data inputs bn source b data inputs oe enable input s select input yn outputs truth table inputs outputs output enable select y0y3 h x z l l a0a3 l h b0b3 x = don't care a0a3, b0b3 = the levels of the respective dataword inputs
mc74lcx258 http://onsemi.com 3 pin descriptions inputs a0a3 (pins 2, 5, 11, 14) nibble a inputs. the data present on these pins is transferred to the outputs when the select input is at a low level and the output enable input is at a low level. the data is presented to the outputs in inverted form for the lcx258. b0b3 (pins 3, 6, 10, 13) nibble b inputs. the data present on these pins is transferred to the outputs when the select input is at a high level and the output enable input is at a low level. the data is presented to the outputs in inverted form for the lcx258. outputs y0y3 (pins 4, 7, 9, 12) data outputs. the selected input nibble is presented at these outputs when the output enable input is at a low level. the data present on these pins is in its inverted form for the lcx258. for the output enable input at a high level, the outputs are at a high level for the lcx258. select (pin 1) nibble select. this input determines the data word to be transferred to the outputs. a low level on this input selects the a inputs and a high level selects the b inputs. control inputs output enable (pin 15) output enable input. a low level on this input allows the selected data to be presented at the outputs. a high level on this input sets all of the outputs to 3state off. figure 2. expanded logic diagram 2 a0 4 y0 7 y1 9 y2 12 y3 3 b0 5 a1 6 b1 11 a2 10 b2 14 a3 13 b3 15 output enable 1 select data output s nibble inputs
mc74lcx258 http://onsemi.com 4 maximum ratings* symbol parameter value condition unit v cc dc supply voltage 0.5 to +7.0 v v i dc input voltage 0.5 v i +7.0 v v o dc output voltage 0.5 v o v cc + 0.5 note 1 v i ik dc input diode current 50 v i < gnd ma i ok dc output diode current 50 v o < gnd ma +50 v o > v cc ma i o dc output source/sink current 50 ma i cc dc supply current per supply pin 100 ma i gnd dc ground current per ground pin 100 ma t stg storage temperature range 65 to +150 c * absolute maximum continuous ratings are those values beyond which damage to the device may occur. exposure to these conditions or conditions beyond those indicated may adversely affect device reliability. functional operation under absolutemaximumrated co nditions is not implied. 1. output in high or low state. i o absolute maximum rating must be observed. recommended operating conditions symbol parameter min typ max unit v cc supply voltage operating data retention only 2.0 1.5 2.3 to 3.3 3.6 3.6 v v i input voltage 0 5.5 v v o output voltage (high or low state) 0 v cc v i oh high level output current v cc = 3.0 v 3.6 v v cc = 2.7 v 3.0 v v cc = 2.3 v 2.7 v 24 12 8 ma i ol low level output current v cc = 3.0 v 3.6 v v cc = 2.7 v 3.0 v v cc = 2.3 v 2.7 v +24 +12 +8 ma t a operating freeair temperature 40 +85 c d t/ d v input transition rise or fall rate, v in from 0.8 v to 2.0 v, v cc = 3.0 v 0 10 ns/v
mc74lcx258 http://onsemi.com 5 dc electrical characteristics t a =  40 c to  85 c symbol characteristic condition min max unit v ih minimum high level input voltage 2.3 v  v cc  2.7 v 1.7 v (note 2) 2.7 v  v cc  3.0 v 2.0 3.0 v  v cc  3.6 v 2.0 v il maximum low level input voltage 2.3 v  v cc  2.7 v 0.7 v (note 2) 2.7 v  v cc  3.0 v 0.8 3.0 v  v cc  3.6 v 0.8 v oh minimum high level output voltage 2.3 v  v cc  3.6 v; i oh = 100  a v cc 0.2 v v cc = 2.3 v; i oh = 8 ma 1.7 v cc = 2.7 v; i oh = 12 ma 2.2 v cc = 3.0 v; i oh = 18 ma 2.4 v cc = 3.0 v; i oh = 24 ma 2.2 v ol maximum low level output voltage 2.3 v v cc 3.6 v; i oh = 100  a 0.2 v v cc = 2.3 v; i oh = 8 ma 0.7 v cc = 2.7 v; i oh = 12 ma 0.4 v cc = 3.0 v; i oh = 16 ma 0.4 v cc = 3.0 v; i oh = 24 ma 0.55 i i input leakage current 2.3 v  v cc  3.6 v; 0 v  v i  5.5 v  5.0  a i cc quiescent supply current 2.3 v  v cc  3.6 v; v i = v cc or gnd 10  a 2.3 v  v cc  3.6 v; 3.6 v  v i  5.5 v  10 d i cc increase in i cc per input 2.3 v  v cc  3.6 v; v ih = v cc 0.6 v 500  a 2. these values of v i are used to test dc electrical characteristics only. ac electrical characteristics symbol parameter limits unit y t a = 40 c to +85 c v cc = 3.0 v to 3.6 v v cc = 2.7 v v cc = 2.3 v to 2.7 v c l = 50 pf c l = 50 pf c l = 30pf min max min max min max t plh t phl propagation delay a to b to y 1.0 1.0 6.5 6.5 1.0 1.0 7.5 7.5 1.0 1.0 8.5 8.5 ns ns t plh t phl propagation delay s to y 1.0 1.0 7.0 7.0 1.0 1.0 8.0 8.0 1.0 1.0 9.0 9.0 ns ns t pzl t pzh propagation delay oe to y 1.0 1.0 7.0 7.0 1.0 1.0 8.0 8.0 1.0 1.0 9.0 9.0 ns ns t plz t phz propagation delay oe to y 1.0 1.0 6.0 6.0 1.0 1.0 7.0 7.0 1.0 1.0 8.0 8.0 ns ns t oshl t oslh outputtooutput skew 1.0 1.0 ns ns dynamic switching characteristics t a =  25 c symbol characteristic condition min typ max unit v olp dynamic low peak voltage (note 3) v cc = 3.3 v, c l = 50 pf, v ih = 3.3 v, v il = 0 v 0.8 v v olv dynamic low valley voltage (note 3) v cc = 3.3 v, c l = 50 pf, v ih = 3.3 v, v il = 0 v 0.8 v 3. number of outputs defined as ano. measured with an1o outputs switching from hightolow or lowtohigh. the remaining output is measured in the low state. capacitive characteristics symbol parameter condition typical unit c in input capacitance v cc = 3.3 v, v i = 0 v or v cc 7 pf c out output capacitance v cc = 3.3 v, v i = 0 v or v cc 8 pf c pd power dissipation capacitance 10 mhz, v cc = 3.3 v, v i = 0 v or v cc 25 pf
mc74lcx258 http://onsemi.com 6 figure 3. ac waveforms waveform 1 noninverting propagation delays t r = t f = 2.5ns, 10% to 90%; f = 1mhz; t w = 500ns 2.7 v 0 v v oh v ol a, b, s yn t plh t phl 1.5v 1.5 v 1.5 v 1.5 v waveform 2 inverting propagation delays t r = t f = 2.5ns, 10% to 90%; f = 1mhz; t w = 500ns 2.7 v 0v v oh v ol s yn t plh t phl 1.5 v 1.5 v 1.5 v 1.5 v waveform 3 output enable and disable times t r = t f = 2.5ns, 10% to 90%; f = 1mhz; t w = 500ns 2.7v 0v 0v oe yn t pzh 3.0v t phz t pzl t plz yn 1.5v 1.5v 1.5v v cc v oh 0.3v v ol + 0.3v gnd 1.5v
mc74lcx258 http://onsemi.com 7 open pulse generator r t dut v cc r l r 1 c l 6v gnd test switch t plh , t phl open t pzl , t plz 6 v open collector/drain t plh and t phl 6 v t pzh , t phz gnd c l = 50pf or equivalent (includes jig and probe capacitance) r l = r 1 = 500 w or equivalent r t = z out of pulse generator (typically 50 w ) figure 4. test circuit
mc74lcx258 http://onsemi.com 8 package dimensions soic16 d suffix case 751b05 issue j notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. 18 16 9 seating plane f j m r x 45  g 8 pl p b a m 0.25 (0.010) b s t d k c 16 pl s b m 0.25 (0.010) a s t dim min max min max inches millimeters a 9.80 10.00 0.386 0.393 b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.054 0.068 d 0.35 0.49 0.014 0.019 f 0.40 1.25 0.016 0.049 g 1.27 bsc 0.050 bsc j 0.19 0.25 0.008 0.009 k 0.10 0.25 0.004 0.009 m 0 7 0 7 p 5.80 6.20 0.229 0.244 r 0.25 0.50 0.010 0.019 
mc74lcx258 http://onsemi.com 9 package dimensions tssop16 dt suffix plastic package case 948f01 issue o ??? ??? ??? dim min max min max inches millimeters a 4.90 5.10 0.193 0.200 b 4.30 4.50 0.169 0.177 c --- 1.20 --- 0.047 d 0.05 0.15 0.002 0.006 f 0.50 0.75 0.020 0.030 g 0.65 bsc 0.026 bsc h 0.18 0.28 0.007 0.011 j 0.09 0.20 0.004 0.008 j1 0.09 0.16 0.004 0.006 k 0.19 0.30 0.007 0.012 k1 0.19 0.25 0.007 0.010 l 6.40 bsc 0.252 bsc m 0 8 0 8 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash. protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. dimension k does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the k dimension at maximum material condition. 6. terminal numbers are shown for reference only. 7. dimension a and b are to be determined at datum plane -w-.  section nn seating plane ident. pin 1 1 8 16 9 detail e j j1 b c d a k k1 h g detail e f m l 2x l/2 u s u 0.15 (0.006) t s u 0.15 (0.006) t s u m 0.10 (0.004) v s t 0.10 (0.004) t v w 0.25 (0.010) 16x ref k n n
mc74lcx258 http://onsemi.com 10 package dimensions soic eiaj16 m suffix case 96601 issue o h e a 1 dim min max min max inches --- 2.05 --- 0.081 millimeters 0.05 0.20 0.002 0.008 0.35 0.50 0.014 0.020 0.18 0.27 0.007 0.011 9.90 10.50 0.390 0.413 5.10 5.45 0.201 0.215 1.27 bsc 0.050 bsc 7.40 8.20 0.291 0.323 0.50 0.85 0.020 0.033 1.10 1.50 0.043 0.059 0 0.70 0.90 0.028 0.035 --- 0.78 --- 0.031 a 1 h e q 1 l e  10  0  10  l e q 1  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions d and e do not include mold flash or protrusions and are measured at the parting line. mold flash or protrusions shall not exceed 0.15 (0.006) per side. 4. terminal numbers are shown for reference only. 5. the lead width dimension (b) does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the lead width dimension at maximum material condition. dambar cannot be located on the lower radius or the foot. minimum space between protrusions and adjacent lead to be 0.46 ( 0.018). m l detail p view p c a b e m 0.13 (0.005) 0.10 (0.004) 1 16 9 8 d z e a b c d e e l m z
mc74lcx258 http://onsemi.com 11 notes
mc74lcx258 http://onsemi.com 12 on semiconductor and are trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scill c data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body , or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthori zed use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. publication ordering information central/south america: spanish phone : 3033087143 (monfri 8:00am to 5:00pm mst) email : onlitspanish@hibbertco.com tollfree from mexico: dial 018002882872 for access then dial 8662979322 asia/pacific : ldc for on semiconductor asia support phone : 13036752121 (tuefri 9:00am to 1:00pm, hong kong time) toll free from hong kong & singapore: 00180044223781 email : onlitasia@hibbertco.com japan : on semiconductor, japan customer focus center 4321 nishigotanda, shinagawaku, tokyo, japan 1410031 phone : 81357402700 email : r14525@onsemi.com on semiconductor website : http://onsemi.com for additional information, please contact your local sales representative. mc74lcx258/d north america literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 3036752175 or 8003443860 toll free usa/canada fax : 3036752176 or 8003443867 toll free usa/canada email : onlit@hibbertco.com fax response line: 3036752167 or 8003443810 toll free usa/canada n. american technical support : 8002829855 toll free usa/canada europe: ldc for on semiconductor european support german phone : (+1) 3033087140 (monfri 2:30pm to 7:00pm cet) email : onlitgerman@hibbertco.com french phone : (+1) 3033087141 (monfri 2:00pm to 7:00pm cet) email : onlitfrench@hibbertco.com english phone : (+1) 3033087142 (monfri 12:00pm to 5:00pm gmt) email : onlit@hibbertco.com european tollfree access*: 0080044223781 *available from germany, france, italy, uk, ireland


▲Up To Search▲   

 
Price & Availability of MC74LCX258-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X