Part Number Hot Search : 
85HFR80M MTB20 10100F B16100 SK310 BTS41 T321055 C1GT0
Product Description
Full Text Search
 

To Download MC14585B-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2000 august, 2000 rev. 4 1 publication order number: mc14585b/d mc14585b 4-bit magnitude comparator the mc14585b 4bit magnitude comparator is constructed with complementary mos (cmos) enhancement mode devices. the circuit has eight comparing inputs (a3, b3, a2, b2, a1, b1, a0, b0), three cascading inputs (a < b, a = b, and a > b), and three outputs (a < b, a = b, and a > b). this device compares two 4bit words (a and b) and determines whether they are aless thano, aequal too, or agreater thano by a high level on the appropriate output. for words greater than 4bits, units can be cascaded by connecting outputs (a > b), (a < b), and (a = b) to the corresponding inputs of the next significant comparator. inputs (a < b), (a = b), and (a > b) on the least significant (first) comparator are connected to a low, a high, and a low, respectively. applications include logic in cpu's, correction and/or detection of instrumentation conditions, comparator in testers, converters, and controls. ? diode protection on all inputs ? expandable ? applicable to binary or 8421bcd code ? supply voltage range = 3.0 vdc to 18 vdc ? capable of driving two lowpower ttl loads or one lowpower schottky ttl load over the rated temperature range ? can be cascaded see fig. 3 maximum ratings (voltages referenced to v ss ) (note 2.) symbol parameter value unit v dd dc supply voltage range 0.5 to +18.0 v v in , v out input or output voltage range (dc or transient) 0.5 to v dd + 0.5 v i in , i out input or output current (dc or transient) per pin 10 ma p d power dissipation, per package (note 3.) 500 mw t a ambient temperature range 55 to +125 c t stg storage temperature range 65 to +150 c t l lead temperature (8second soldering) 260 c 2. maximum ratings are those values beyond which damage to the device may occur. 3. temperature derating: plastic ap and d/dwo packages: 7.0 mw/  c from 65  c to 125  c this device contains protection circuitry to guard against damage due to high static voltages or electric fields. however, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this highimpedance circuit. for proper operation, v in and v out should be constrained to the range v ss  (v in or v out )  v dd . unused inputs must always be tied to an appropriate logic voltage level (e.g., either v ss or v dd ). unused outputs must be left open. http://onsemi.com a = assembly location wl, l = wafer lot yy, y = year ww, w = work week device package shipping ordering information mc14585bcp pdip16 2000/box mc14585bd soic16 48/rail mc14585bdr2 soic16 2500/tape & reel 1. for ordering information on the eiaj version of the soic packages, please contact your local on semiconductor representative. marking diagrams 1 16 pdip16 p suffix case 648 mc14585bcp awlyyww soic16 d suffix case 751b 1 16 14585b awlyww soeiaj16 f suffix case 966 1 16 mc14585b alyw mc14585bf soeiaj16 see note 1.
mc14585b http://onsemi.com 2 pin assignment 13 14 15 16 9 10 11 12 5 4 3 2 1 8 7 6 (a  b) out (a  b) out b3 a3 v dd b1 a0 b0 (a  b) in (a = b) out a2 b2 v ss a1 (a = b) in (a  b) in block diagram 14 15 1 2 9 7 11 10 5 6 4 13 3 12 v dd = pin 16 v ss = pin 8 (a>b) in (a=b) in (a<b) in a0 b0 a1 b1 a2 b2 a3 b3 (a>b) out (a=b) out (a<b) out truth table (x = don't care) inputs comparing cascading outputs a3, b3 a2, b2 a1, b1 a0, b0 a < b a = b a > b a < b a = b a > b a3 > b3 x x x x x x 0 0 1 a3 = b3 a2 > b2 x x x x x 0 0 1 a3 = b3 a2 = b2 a1 > b1 x x x x 0 0 1 a3 = b3 a2 = b2 a1 = b1 a0 > b0 x x x 0 0 1 a3 = b3 a2 = b2 a1 = b1 a0 = b0 0 0 x 0 0 1 a3 = b3 a2 = b2 a1 = b1 a0 = b0 0 1 x 0 1 0 a3 = b3 a2 = b2 a1 = b1 a0 = b0 1 0 x 1 0 0 a3 = b3 a2 = b2 a1 = b1 a0 = b0 1 1 x 1 1 0 a3 = b3 a2 = b2 a1 = b1 a0 < b0 x x x 1 0 0 a3 = b3 a2 = b2 a1 < b1 x x x x 1 0 0 a3 = b3 a2 < b2 x x x x x 1 0 0 a3 < b3 x x x x x x 1 0 0
mc14585b http://onsemi.com 3 ????????????????????????????????? ????????????????????????????????? electrical characteristics (voltages referenced to v ss ) v dd 55  c 25  c 125  c characteristic symbol v dd vdc min max min typ (4.) max min max unit output voltage a0o level v in = v dd or 0 v ol 5.0 10 15 e e e 0.05 0.05 0.05 e e e 0 0 0 0.05 0.05 0.05 e e e 0.05 0.05 0.05 vdc a1o level v in = 0 or v dd v oh 5.0 10 15 4.95 9.95 14.95 e e e 4.95 9.95 14.95 5.0 10 15 e e e 4.95 9.95 14.95 e e e vdc input voltage a0o level (v o = 4.5 or 0.5 vdc) (v o = 9.0 or 1.0 vdc) (v o = 13.5 or 1.5 vdc) v il 5.0 10 15 e e e 1.5 3.0 4.0 e e e 2.25 4.50 6.75 1.5 3.0 4.0 e e e 1.5 3.0 4.0 vdc a1o level (v o = 0.5 or 4.5 vdc) (v o = 1.0 or 9.0 vdc) (v o = 1.5 or 13.5 vdc) v ih 5.0 10 15 3.5 7.0 11 e e e 3.5 7.0 11 2.75 5.50 8.25 e e e 3.5 7.0 11 e e e vdc output drive current (v oh = 2.5 vdc) source (v oh = 4.6 vdc) (v oh = 9.5 vdc) (v oh = 13.5 vdc) i oh 5.0 5.0 10 15 3.0 0.64 1.6 4.2 e e e e 2.4 0.51 1.3 3.4 4.2 0.88 2.25 8.8 e e e e 1.7 0.36 0.9 2.4 e e e e madc (v ol = 0.4 vdc) sink (v ol = 0.5 vdc) (v ol = 1.5 vdc) i ol 5.0 10 15 0.64 1.6 4.2 e e e 0.51 1.3 3.4 0.88 2.25 8.8 e e e 0.36 0.9 2.4 e e e madc input current i in 15 e 0.1 e 0.00001 0.1 e 1.0 m adc input capacitance (v in = 0) c in e e e e 5.0 7.5 e e pf quiescent current (per package) i dd 5.0 10 15 e e e 5.0 10 20 e e e 0.005 0.010 0.015 5.0 10 20 e e e 150 300 600 m adc total supply current (5.) (6.) (dynamic plus quiescent, per package) (c l = 50 pf on all outputs, all buffers switching) i t 5.0 10 15 i t = (0.6 m a/khz) f + i dd i t = (1.2 m a/khz) f + i dd i t = (1.8 m a/khz) f + i dd m adc 4. data labelled atypo is not to be used for design purposes but is intended as an indication of the ic's potential performance. 5. the formulas given are for the typical characteristics only at 25  c. 6. to calculate total supply current at loads other than 50 pf: i t (c l ) = i t (50 pf) + (c l 50) vfk where: i t is in m a (per package), c l in pf, v = (v dd v ss ) in volts, f in khz is input frequency, and k = 0.001.
mc14585b http://onsemi.com 4 ????????????????????????????????? ????????????????????????????????? switching characteristics (7.) (c l = 50 pf, t a = 25  c) characteristic symbol v dd min typ (8.) max unit output rise and fall time t tlh , t thl = (1.5 ns/pf) c l + 25 ns t tlh , t thl = (0.75 ns/pf) c l + 12.5 ns t tlh , t thl = (0.55 ns/pf) c l + 9.5 ns t tlh , t thl 5.0 10 15 e e e 100 50 40 200 100 80 ns turnon, turnoff delay time t plh , t phl = (1.7 ns/pf) c l + 345 ns t plh , t phl = (0.66 ns/pf) c l + 147 ns t plh , t phl = (0.5 ns/pf) c l + 105 ns t plh , t phl 5.0 10 15 e e e 430 180 130 860 360 260 ns 7. the formulas given are for the typical characteristics only at 25  c. 8. data labelled atypo is not to be used for design purposes but is intended as an indication of the ic's potential performance. figure 1. dynamic power dissipation signal waveforms figure 2. dynamic signal waveforms 20 ns 20 ns 2f 1 v dd v ss v dd v ss v oh v ol v oh v ol v oh v ol (a<b) out (a=b) out (a>b) out b3 a3 20 ns 20 ns v dd v ss v oh v ol 90% 50% 10% t plh t phl t tlh t thl 90% 50% 10% b0 (a=b) out (a<b) out inputs (a>b) and (a=b) high, and inputs b3, a3, b2, a2, b1, a1, a0, and (ab) and (a=b) high, and inputs b2, a2, b1, a1, b0, a0 and (a mc14585b http://onsemi.com 5 figure 3. cascading comparators b11 b10 b9 b8 b7 b6 b5 b4 b3 b2 b1 b0 a11 a10 a9 a8 a7 a6 a5 a4 a3 a2 a1 a0 v ss v dd v ss word b = a = word mc14585b mc14585b mc14585b b3 a3 b2 a2 b1 a1 b0 a0 (ab) inputs (ab) output (ab) outputs word b = b11, b10, ... , b0. word a = a11, a10, ... , a0. 15 14 2 1 7 9 10 11 5 6 4 (a>b) in (a=b) in (a<b) in b0 a0 b1 a1 b2 a2 b3 a3 12 3 13 (a<b) out (a=b) out (a>b) out logic diagram
mc14585b http://onsemi.com 6 package dimensions pdip16 p suffix plastic dip package case 64808 issue r notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension l to center of leads when formed parallel. 4. dimension b does not include mold flash. 5. rounded corners optional. a b f c s h g d j l m 16 pl seating 18 9 16 k plane t m a m 0.25 (0.010) t dim min max min max millimeters inches a 0.740 0.770 18.80 19.55 b 0.250 0.270 6.35 6.85 c 0.145 0.175 3.69 4.44 d 0.015 0.021 0.39 0.53 f 0.040 0.70 1.02 1.77 g 0.100 bsc 2.54 bsc h 0.050 bsc 1.27 bsc j 0.008 0.015 0.21 0.38 k 0.110 0.130 2.80 3.30 l 0.295 0.305 7.50 7.74 m 0 10 0 10 s 0.020 0.040 0.51 1.01     soic16 d suffix plastic soic package case 751b05 issue j notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. 18 16 9 seating plane f j m r x 45  g 8 pl p b a m 0.25 (0.010) b s t d k c 16 pl s b m 0.25 (0.010) a s t dim min max min max inches millimeters a 9.80 10.00 0.386 0.393 b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.054 0.068 d 0.35 0.49 0.014 0.019 f 0.40 1.25 0.016 0.049 g 1.27 bsc 0.050 bsc j 0.19 0.25 0.008 0.009 k 0.10 0.25 0.004 0.009 m 0 7 0 7 p 5.80 6.20 0.229 0.244 r 0.25 0.50 0.010 0.019 
mc14585b http://onsemi.com 7 package dimensions h e a 1 dim min max min max inches --- 2.05 --- 0.081 millimeters 0.05 0.20 0.002 0.008 0.35 0.50 0.014 0.020 0.18 0.27 0.007 0.011 9.90 10.50 0.390 0.413 5.10 5.45 0.201 0.215 1.27 bsc 0.050 bsc 7.40 8.20 0.291 0.323 0.50 0.85 0.020 0.033 1.10 1.50 0.043 0.059 0 0.70 0.90 0.028 0.035 --- 0.78 --- 0.031 a 1 h e q 1 l e  10  0  10  l e q 1  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions d and e do not include mold flash or protrusions and are measured at the parting line. mold flash or protrusions shall not exceed 0.15 (0.006) per side. 4. terminal numbers are shown for reference only. 5. the lead width dimension (b) does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the lead width dimension at maximum material condition. dambar cannot be located on the lower radius or the foot. minimum space between protrusions and adjacent lead to be 0.46 ( 0.018). m l detail p view p c a b e m 0.13 (0.005) 0.10 (0.004) 1 16 9 8 d z e a b c d e e l m z soeiaj16 f suffix plastic eiaj soic package case 96601 issue o
mc14585b http://onsemi.com 8 on semiconductor and are trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scill c data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body , or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthori zed use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. publication ordering information central/south america: spanish phone : 3033087143 (monfri 8:00am to 5:00pm mst) email : onlitspanish@hibbertco.com asia/pacific : ldc for on semiconductor asia support phone : 3036752121 (tuefri 9:00am to 1:00pm, hong kong time) toll free from hong kong & singapore: 00180044223781 email : onlitasia@hibbertco.com japan : on semiconductor, japan customer focus center 4321 nishigotanda, shinagawaku, tokyo, japan 1410031 phone : 81357402745 email : r14525@onsemi.com on semiconductor website : http://onsemi.com for additional information, please contact your local sales representative. mc14585b/d north america literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 3036752175 or 8003443860 toll free usa/canada fax : 3036752176 or 8003443867 toll free usa/canada email : onlit@hibbertco.com fax response line: 3036752167 or 8003443810 toll free usa/canada n. american technical support : 8002829855 toll free usa/canada europe: ldc for on semiconductor european support german phone : (+1) 3033087140 (monfri 2:30pm to 7:00pm cet) email : onlitgerman@hibbertco.com french phone : (+1) 3033087141 (monfri 2:00pm to 7:00pm cet) email : onlitfrench@hibbertco.com english phone : (+1) 3033087142 (monfri 12:00pm to 5:00pm gmt) email : onlit@hibbertco.com european tollfree access*: 0080044223781 *available from germany, france, italy, uk


▲Up To Search▲   

 
Price & Availability of MC14585B-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X