Part Number Hot Search : 
TA8532F 307014 LTC31 P0111 F45ITR 106D1 TL594CD 52104496
Product Description
Full Text Search
 

To Download GMF05C-GS08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  gmf05c document number 85833 rev. 1.1, 02-mar-05 vishay semiconductors www.vishay.com 1 18538-2 vy - v = vishay y = year, is variable for digit from 0 to 9 (e.g. 4 = 2004, 5 = 2005) cw = calendar week, is variable for number from 01 to 52 gm1 = code for gmf05c cw vy gm1 1 1 6 5 4 23 esd protection diode array features ? transient protection for data lines as per iec 61000 - 4 - 2 (esd) 15 kv (air), 8 kv (contact) , iec 61000 - 4 - 5 (lightning) 12 a (tp = 8/20 s)  small package for use in portable electronics  bidirectional protection of 4 i/o lines  unidirectional protection of 5 i/o lines  low leakage current  ideal for cellular handsets, cordless phones, note- books, handhelds and digital cameras mechanical data case: sot-363 plastic case molding compound flammability rating: ul 94 v-0 terminals: high temperature soldering guaranteed: 260 c/10 sec. at terminals weight: approx. 6.0 mg parts table absolute maximum ratings ratings at 25 c, ambient tem perature unless otherwise specified thermal characteristics ratings at 25 c, ambient tem perature unless otherwise specified part ordering code marking remarks gmf05c GMF05C-GS08 gm1 tape and reel parameter test condition symbol value unit peak pulse power 8/20 s waveform p ppm 200 w peak pulse current 8/20 s waveform i pp 12 a parameter test condition symbol value unit operating temperature t j - 55 to + 125 c storage temperature t stg - 55 to + 150 c e3
www.vishay.com 2 document number 85833 rev. 1.1, 02-mar-05 vishay gmf05c vishay semiconductors electrical characteristics ratings at 25 c, ambient temper ature unless otherwise specified typical characteristics (tamb = 25 c unless other wise specified) parameter test condition symbol min typ. max unit reverse stand-off voltage v rwm 5v reverse breakdown voltage i t = 1 ma v br 6v reverse leakage current v rwm = 5 v i r 1 a clamping voltage i pp = 1 a, 8/20 s waveform v c 9.5 v i pp = 12 a, 8/20 s waveform v c 12.5 v peak forward voltage i f = 1 a, 8/20 s waveform v f 1.5 v junction capacitance between i/ o pins and gnd v r = 0 v, f = 1 mhz c j 150 pf figure 1. non -repetitive peak pulse power vs. pulse time figure 2. pulse derating curve p ppm - peak pulse power (kw) 0.1 1 10 0.1 1.0 10 td - pulse duration ( s) 100 1000 0.01 ggmf05c-hs3_01 0 25 50 75 100 0 75 25 50 100 125 150 175 peak pulse power (p pp ) or current (i pp ) derating in percentage, % t a - ambient t emperature ( c) ggmf05c-hs3_02 igure 3.pulsewaeform igure 4.clampingvoltages.peakpulsecurrent 0 50 100 90 80 70 60 40 30 20 10 110 i ppm - peak pulse current, % i rsm pulse width (td) is defined as the point where the peak current decays to 50% of i ppm 0 10 5 15 20 30 25 t- time ( s) t d = i pp 2 ggmf05c-hs3_03 i pp - peak pulse current (a) 0 10 20 18 16 14 12 8 6 4 2 v c - clamping voltage (v) 0 4 2 68 14 10 12 ggmf05c-hs3_04
vishay gmf05c document number 85833 rev. 1.1, 02-mar-05 vishay semiconductors www.vishay.com 3 package dimensions in mm (inches) 1.60 (0.063) 1.30 (0.052) ref. 0.65 (0.026) ref. 0.35 (0.014) 0.90 (0.035) 14280 0.80 (0.031) 1.00 (0.039) 10 0.10 (0.004) 0.10 (0.004) 0.25 (0.010) 1.80 (0.071) 2.20 (0.087) 2.00 (0.079) 2.20 (0.087) 1.15 (0.045) 1.35 (0.053) 0.20 (0.009) 0.30 (0.012) 0.65 (0.026) 1.3 (0.052) i s o m e t h o d e mountin g pad layout
www.vishay.com 4 document number 85833 rev. 1.1, 02-mar-05 vishay gmf05c vishay semiconductors ozone depleting substances policy statement it is the policy of vishay semiconductor gmbh to 1. meet all present and future national and international statutory requirements. 2. regularly and continuously improve the performance of our products, processes, distribution and operatingsystems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. it is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (odss). the montreal protocol (1987) and its london amendments (1990) intend to severely restrict the use of odss and forbid their use within the next ten years. various national and international initiatives are pressing for an earlier ban on these substances. vishay semiconductor gmbh has been able to use its policy of continuous improvements to eliminate the use of odss listed in the following documents. 1. annex a, b and list of transitional substances of the montreal protocol and the london amendments respectively 2. class i and ii ozone depleting substances in the clean air act amendments of 1990 by the environmental protection agency (epa) in the usa 3. council decision 88/540/eec and 91/690/eec annex a, b and c (transitional substances) respectively. vishay semiconductor gmbh can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances. we reserve the right to make changes to improve technical design and may do so without further notice. parameters can vary in different applications. all operating parameters must be validated for each customer application by the customer. should the buyer use vishay semiconductors products for any unintended or unauthorized application, the buyer shall indemnify vishay semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. vishay semiconductor gmbh, p.o.b. 3535, d-74025 heilbronn, germany telephone: 49 (0)7131 67 2831, fax number: 49 (0)7131 67 2423


▲Up To Search▲   

 
Price & Availability of GMF05C-GS08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X