Part Number Hot Search : 
LA7013 12D05 TDA8020 FQD2N90 28339ZX TA8233 MCT62SD BSP206
Product Description
Full Text Search
 

To Download BZX85C75G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bzx85c series zener diodes v z : 2.7 to 200v p d : 1.3w features : ? silicon planar power zener diodes. ? for use in stabilizing and clipping circuits with high power rating. ? standard zener voltage tolerance is 5% ? other tolerances are available upon request. ? pb / rohs free mechanical data : case: do-41 glass case weight: approx. 0.25g maximum ratings and thermal characteristics rating at 25 c ambient temperature unless otherwise specified . symbol value unit zener current see table "characteristics" maximum forward voltage at i f = 200 ma. v f 1.2 v power dissipation at ta = 25 c p d 1.3 (1) w thermal resistance junction to ambient air r q ja 130 (1) c/w junction temperature t j 175 c storage temperature range t s -55 to + 175 c note: (1) valid provided that leads at a distance of 3/8? from case are kept at ambient temperature. page 1 of 2 rev. 04 : march 25, 2005 parameter do - 41 glass (do-204al) 0.102(2.6 )max. 0.161 (4.1) max. 0.034 (0.86)max. dimensions in inches and ( millimeters ) 1.00 (25.4) min. 1.00 (25.4) min. cathode mark
electrical characteristics rating at 25 c ambient temperature unless otherwise specified nominal zener maximum zener maximum reverse maximum dc temp. coefficient type voltage (1) impedance, f = 1khz leakage current zener current of zener voltage number v z @ i zt i zt z zt @ i zt z zk @ i zk i zk i r @ v r i zm (2) (v) (ma) ( w ) ( w ) (ma) ( m a) (v) (ma) min. max. bzx85c2v7g 2.7 80 20 400 1.0 150 1.0 370 -0.08 -0.05 bzx85c3v0g 3.0 80 20 400 1.0 100 1.0 340 -0.08 -0.05 bzx85c3v3g 3.3 80 20 400 1.0 40 1.0 320 -0.08 -0.05 bzx85c3v6g 3.6 60 15 500 1.0 20 1.0 290 -0.08 -0.05 bzx85c3v9g 3.9 60 15 500 1.0 10 1.0 280 -0.07 -0.02 bzx85c4v3g 4.3 50 13 500 1.0 3.0 1.0 250 -0.05 0.010 bzx85c4v7g 4.7 45 13 500 1.0 3.0 1.0 215 -0.03 0.040 bzx85c5v1g 5.1 45 10 500 1.0 1.0 1.5 200 -0.01 0.040 bzx85c5v6g 5.6 45 7.0 400 1.0 1.0 2.0 190 0 0.045 bzx85c6v2g 6.2 35 4.0 300 1.0 1.0 3.0 170 0.010 0.055 bzx85c6v8g 6.8 35 3.5 300 1.0 1.0 4.0 155 0.015 0.060 bzx85c7v5g 7.5 35 3.0 200 0.5 1.0 4.5 140 0.020 0.065 bzx85c8v2g 8.2 25 5.0 200 0.5 1.0 6.2 130 0.030 0.070 bzx85c9v1g 9.1 25 5.0 200 0.5 1.0 6.8 120 0.040 0.075 bzx85c10g 10 25 7.0 200 0.5 0.5 7.5 105 0.450 0.080 bzx85c11g 11 20 8.0 300 0.5 0.5 8.2 97 0.045 0.080 bzx85c12g 12 20 9.0 350 0.5 0.5 9.1 88 0.045 0.085 bzx85c13g 13 20 10 400 0.5 0.5 10 79 0.050 0.085 bzx85c15g 15 15 10 500 0.5 0.5 11 71 0.055 0.090 bzx85c16g 16 15 15 500 0.5 0.5 12 66 0.055 0.090 bzx85c18g 18 15 20 500 0.5 0.5 13 62 0.060 0.090 bzx85c20g 20 10 24 600 0.5 0.5 15 56 0.060 0.090 bzx85c22g 22 10 25 600 0.5 0.5 16 52 0.060 0.095 bzx85c24g 24 10 25 600 0.5 0.5 18 47 0.060 0.095 bzx85c27g 27 8.0 30 750 0.25 0.5 20 41 0.060 0.095 bzx85c30g 30 8.0 30 1000 0.25 0.5 22 36 0.060 0.095 bzx85c33g 33 8.0 35 1000 0.25 0.5 24 33 0.060 0.095 bzx85c36g 36 8.0 40 1000 0.25 0.5 27 30 0.060 0.095 bzx85c39g 39 6.0 50 1000 0.25 0.5 30 28 0.060 0.095 bzx85c43g 43 6.0 50 1000 0.25 0.5 33 26 0.060 0.095 bzx85c47g 47 4.0 90 1500 0.25 0.5 36 23 0.060 0.095 bzx85c51g 51 4.0 115 1500 0.25 0.5 39 21 0.060 0.095 bzx85c56g 56 4.0 120 2000 0.25 0.5 43 19 0.060 0.095 bzx85c62g 62 4.0 125 2000 0.25 0.5 47 16 0.060 0.095 bzx85c68g 68 4.0 130 2000 0.25 0.5 51 15 0.055 0.095 BZX85C75G 75 4.0 135 2000 0.25 0.5 56 14 0.055 0.095 bzx85c82g 82 2.7 200 3000 0.25 0.5 62 12 0.055 0.095 bzx85c91g 91 2.7 250 3000 0.25 0.5 68 10 0.055 0.095 bzx85c100g 100 2.7 350 3000 0.25 0.5 75 9.4 0.055 0.095 bzx85c110g 110 2.7 450 4000 0.25 0.5 82 8.6 0.055 0.095 bzx85c120g 120 2.0 550 4500 0.25 0.5 91 7.8 0.055 0.095 bzx85c130g 130 2.0 700 5000 0.25 0.5 100 7.0 0.055 0.095 bzx85c150g 150 2.0 1000 6000 0.25 0.5 110 6.4 0.055 0.095 bzx85c160g 160 1.5 1100 6500 0.25 0.5 120 5.8 0.055 0.095 bzx85c180g 180 1.5 1200 7000 0.25 0.5 130 5.2 0.055 0.095 bzx85c200g 200 1.5 1500 8000 0.25 0.5 150 4.7 0.055 0.095 notes: (1) measured with pulses tp = 5 ms (2) valid provided that leads are kept at ambient temperature at a distance of 10 mm from case (3) the type number listed have a standard tolerance on the nominal zener voltage of 5%. page 2 of 2 rev. 04 : march 25, 2005 a mvz (% / c )


▲Up To Search▲   

 
Price & Availability of BZX85C75G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X