Part Number Hot Search : 
T88SC UD4015 SL0250A RPM7138 APR6016 SC9641 TPS61 40N03
Product Description
Full Text Search
 

To Download BLF7G15LS-300P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. product profile 1.1 general description 300 w ldmos power transistor for base st ation applications at frequencies from 1450 mhz to 1550 mhz. [1] test signal: 3gpp test model 1; 64 dpch; par = 7.5 db at 0.01 % probability on ccdf per carrier. carrier spacing 5 mhz. 1.2 features and benefits ? high efficiency ? low r th providing excellent thermal stability ? designed for broadband operation (1450 mhz to 1550 mhz) ? lower output capacitance for improved performance in doherty applications ? designed for low memory effects prov iding excellent pre-distortability ? internally matched for ease of use ? integrated esd protection ? compliant to directive 2002/ 95/ec, regarding restriction of hazardous substances (rohs) 1.3 applications ? rf power amplifiers for w-cdma base statio ns and multi carrier applications in the 1450 mhz to 1550 mhz frequency range BLF7G15LS-300P power ldmos transistor rev. 2 ? 3 december 2010 product data sheet table 1. typical performance typical rf performance at t case = 25 c in a common source class-ab production test circuit. mode of operation f i dq v ds p l(av) g p d acpr (mhz) (ma) (v) (w) (db) (%) (dbc) 2-carrier w-cdma 1476 to 1511 2600 28 85 18 31 ? 32 [1]
BLF7G15LS-300P all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 2 ? 3 december 2010 2 of 11 nxp semiconductors BLF7G15LS-300P power ldmos transistor 2. pinning information [1] connected to flange 3. ordering information 4. limiting values 5. thermal characteristics table 2. discrete pinning pin description simplified outline graphic symbol 1drain1 2drain2 3gate1 4gate2 5source [1] 5 12 4 3 4 3 5 1 2 sym11 7 table 3. ordering information type number package name description version BLF7G15LS-300P - earless flanged balanced ldmost ceramic package; 4 leads sot539b table 4. limiting values in accordance with the absolute maximum rating system (iec 60134). symbol parameter conditions min max unit v ds drain-source voltage - 65 v v gs gate-source voltage ? 0.5 +13 v i d drain current per section - 45 a t stg storage temperature ? 65 +150 c t j junction temperature - 200 c table 5. thermal characteristics symbol parameter conditions typ unit r th(j-c) thermal resistance from junction to case t case =80 c; p l =85w; v ds =28v; i dq = 2600 ma 0.21 k/w
BLF7G15LS-300P all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 2 ? 3 december 2010 3 of 11 nxp semiconductors BLF7G15LS-300P power ldmos transistor 6. characteristics 7. test information 7.1 ruggedness in class-ab operation the BLF7G15LS-300P is capable of withstanding a load mismatch corresponding to vswr = 10 : 1 through all phases under the following conditions: v ds =28v; i dq = 2600 ma; p l = 100 w (cw); f = 1450 mhz to 1550 mhz. table 6. characteristics t j = 25 c; per section unless otherwise specified. symbol parameter conditions min typ max unit v (br)dss drain-source breakdown voltage v gs =0v; i d =2.2ma 65 - - v v gs(th) gate-source threshold voltage v ds =10 v; i d = 220 ma 1.5 1.9 2.3 v i dss drain leakage current v gs =0v; v ds =28v--2.8 a i dsx drain cut-off current v gs =v gs(th) +3.75 v; v ds =10v 34 39 - a i gss gate leakage current v gs =11v; v ds = 0 v - - 280 na g fs forward transconductance v ds =10v; i d = 11.0 a - 16.2 - s r ds(on) drain-source on-state resistance v gs =v gs(th) + 3.75 v; i d =7.7a -0.065- table 7. functional test information mode of operation: 2-carrier w-cdma; par = 7.5 db at 0.01 % probability on the ccdf; 3gpp test model 1; 64 dpch; f 1 = 1473.5 mhz; f 2 = 1478.5 mhz; f 3 = 1508.5 mhz; f 4 = 1513.5 mhz; rf performance at v ds =28v; i dq = 2600 ma; t case =25 c; unless otherwise specified; in a class-ab production test circuit. symbol parameter conditions min typ max unit p l(av) average output power - 85 - w g p power gain p l(av) =85w 17 18 - db rl in input return loss p l(av) =85w - ? 7 ? 6db d drain efficiency p l(av) =85w 28 31 - % acpr adjacent channel power ratio p l(av) =85w - ? 32 ? 28 dbc table 8. par performance mode of operation: 1-carrier w-cdma; par = 7.5 db at 0.01 % probability on the ccdf; 3gpp test model 1; 64 dpch; f 1 = 1511 mhz; rf performance at v ds =28v; i dq = 2600 ma; t case =25 c; unless otherwise specified; in a class-ab production test circuit. symbol parameter conditions min typ max unit par o output peak-to-average ratio p l(av) = 130 w at 0.01 % probability on ccdf 4.4 5.0 - db
BLF7G15LS-300P all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 2 ? 3 december 2010 4 of 11 nxp semiconductors BLF7G15LS-300P power ldmos transistor 7.2 impedance information 7.3 graphs table 9. typical impedance per section (for the maximum peak power) i dq = 1300 ma; v ds =28v. z s and z l defined in figure 1 . f z s z l (mhz) ( ) ( ) 1410 0.65 ? j2.06 6.3 ? j2.1 1480 0.55 ? j1.92 7.2 ? j1.3 1560 0.63 ? j2.14 6.8 + j0.26 fig 1. definition of transistor impedance 001aaf05 9 drain z l z s gate v ds =28v; i dq = 2600 ma. (1) f = 1476 mhz (2) f = 1511 mhz fig 2. one-tone cw power gain and drain efficiency as function of load power; typical values p l (w) 0 100 200 300 350 250 150 50 001aam553 14 18 22 12 16 20 g p (db) g p 10 20 40 60 10 30 50 d (%) d 0 (1) (2)
BLF7G15LS-300P all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 2 ? 3 december 2010 5 of 11 nxp semiconductors BLF7G15LS-300P power ldmos transistor v ds =28v; i dq = 2600 ma; tone spacing 0.1 mhz. (1) f = 1476 mhz (2) f = 1511 mhz v ds =28v; i dq = 2600 ma; tone spacing 0.1 mhz. (1) f = 1476 mhz (2) f = 1511 mhz fig 3. two-tone cw power gain and drain efficiency as function of average load power; typical values fig 4. two-tone intermodulation distortion as a function of average load power; typical values p l (w) 0 250 200 100 150 50 001aam554 16 18 14 20 22 g p (db) 12 20 30 10 40 50 d (%) 0 g p d (1) (2) p l (w) 0 250 200 100 150 50 001aam555 0 imd (dbc) ? 20 ? 40 ? 60 ? 70 ? 50 ? 30 ? 10 imd3 imd5 imd7 (1) (2) v ds =28v; i dq = 2600 ma; carrier spacing 5 mhz. (1) f = 1476 mhz (2) f = 1511 mhz v ds =28v; i dq = 2600 ma; carrier spacing 5 mhz. (1) f = 1476 mhz (2) f = 1511 mhz fig 5. 2-carrier w-cdma power gain and drain efficiency as function of load power; typical values fig 6. 2-carrier w-cdma adjacent channel power ratio as function of load power 5 mhz frequency offset; typical values p l (w) 0 250 200 100 150 50 001aam556 16 18 14 20 22 g p (db) 12 20 30 10 40 50 d (%) 0 g p d (1) (2) p l (w) 0 250 200 100 150 50 001aam557 ? 30 ? 20 ? 40 ? 10 0 acpr (dbc) ? 50 (1) (2)
BLF7G15LS-300P all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 2 ? 3 december 2010 6 of 11 nxp semiconductors BLF7G15LS-300P power ldmos transistor 7.4 test circuit [1] all atc chip capacitors need to be soldered vertically. rogers ro4350 printed-circuit board (pcb) with r = 3.5 and thickness = 0.765 mm (30 mil). see table 10 for list of components. the drawing is not to scale. the vias can be as a reference to place components. the above layout shows the test circuit used to measure devices in production. the rf power and base-station group can provide a more appropriate application demons tration for specific customer needs. fig 7. component layout 001aam55 8 c7 c3 c2 c10 c5 c11 c6 c9* *c9 is mounted under c11 c4 c8 r1 r2 c1 + ? table 10. list of components see figure 7 for test circuit. component description value remarks c1, c2 multi layer ceramic chip capacitor 100 pf [1] atc 800b c3, c4 multi layer ceramic chip capacitor 68 pf [1] atc 800b c5, c6 multi layer ceramic chip capacitor 47 pf [1] atc 800a c7, c8, c9, c10 multi layer ceramic chip capacitor 10 f murata c11 electrolytic capacitor 470 f; 63 v r1, r2 chip resistor 15 philips 1206
BLF7G15LS-300P all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 2 ? 3 december 2010 7 of 11 nxp semiconductors BLF7G15LS-300P power ldmos transistor 8. package outline fig 8. package outline sot539b references outline version european projection issue date iec jedec jeita sot539b sot539b_po 09-10-16 10-02-02 unit (1) mm max nom min 4.7 4.2 11.81 11.56 31.55 30.94 31.52 30.96 9.5 9.3 9.53 9.27 1.75 1.50 17.12 16.10 3.48 2.97 10.29 10.03 0.25 a dimensions e arless flanged balanced ldmost ceramic package; 4 leads sot539 b bc 0.18 0.10 dd 1 ee 1 e 13.72 fhh 1 25.53 25.27 lq 2.26 2.01 u 1 32.77 32.13 u 2 w 2 0.25 mm max nom min 0.185 0.165 0.465 0.455 1.242 1.218 1.241 1.219 0.374 0.366 0.375 0.365 0.069 0.059 0.674 0.634 0.137 0.117 0.405 0.395 0.01 0.007 0.004 0.54 1.005 0.995 0.089 0.079 1.275 1.265 0.01 w 3 0 5 10 mm scale c e q e 1 e h l b h 1 u 1 u 2 d w 2 w 3 1 2 3 4 d d a f d 1 5 note 1. millimeter dimensions are derived from the original inch dimensions.
BLF7G15LS-300P all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 2 ? 3 december 2010 8 of 11 nxp semiconductors BLF7G15LS-300P power ldmos transistor 9. abbreviations 10. revision history table 11. abbreviations acronym description 3gpp third generation partnership project ccdf complementary cumulative distribution function cw continuous wave dpch dedicated physical channel esd electrostatic discharge ldmos laterally diffused metal oxide semiconductor ldmost laterally diffused metal oxide semiconductor transistor par peak-to-average power ratio rf radio frequency vswr voltage standing wave ratio w-cdma wideband code division multiple access table 12. revision history document id release date data sheet status change notice supersedes BLF7G15LS-300P v.2 20101203 product data sheet - BLF7G15LS-300P v.1 modifications: ? section 1.2 on page 1 : list item ?excellent ruggedness? removed. ? table 7 on page 3 : values of rl in have been projected on negative scale. ? section ?handling information? removed BLF7G15LS-300P v.1 20100921 preliminary data sheet - -
BLF7G15LS-300P all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 2 ? 3 december 2010 9 of 11 nxp semiconductors BLF7G15LS-300P power ldmos transistor 11. legal information 11.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 11.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 11.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interrupt ion, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use ? nxp semiconductors products are not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. export control ? this document as well as the item(s) described herein may be subject to export control regulations. export might require a prior authorization from national authorities. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this docu ment contains the product specification.
BLF7G15LS-300P all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 2 ? 3 december 2010 10 of 11 nxp semiconductors BLF7G15LS-300P power ldmos transistor non-automotive qualified products ? unless this data sheet expressly states that this specific nxp semicon ductors product is automotive qualified, the product is not suitable for automotive use. it is neither qualified nor tested in accordance with automotive testing or application requirements. nxp semiconductors accepts no liabili ty for inclusion and/or use of non-automotive qualified products in automotive equipment or applications. in the event that customer uses t he product for design-in and use in automotive applications to automotive s pecifications and standards, customer (a) shall use the product without nxp semiconductors? warranty of the product for such automotive applicat ions, use and specifications, and (b) whenever customer uses the product for automotive applications beyond nxp semiconductors? specifications such use shall be solely at customer?s own risk, and (c) customer fully indemnifies nxp semiconductors for any liability, damages or failed product claims resulting from customer design and use of the product for automotive app lications beyond nxp semiconductors? standard warranty and nxp semiconduct ors? product specifications. 11.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 12. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
nxp semiconductors BLF7G15LS-300P power ldmos transistor ? nxp b.v. 2010. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 3 december 2010 document identifier: BLF7G15LS-300P please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 13. contents 1 product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.1 general description . . . . . . . . . . . . . . . . . . . . . 1 1.2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 1.3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 2 pinning information . . . . . . . . . . . . . . . . . . . . . . 2 3 ordering information . . . . . . . . . . . . . . . . . . . . . 2 4 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 2 5 thermal characteristics . . . . . . . . . . . . . . . . . . 2 6 characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 3 7 test information . . . . . . . . . . . . . . . . . . . . . . . . . 3 7.1 ruggedness in class-ab operation . . . . . . . . . 3 7.2 impedance information . . . . . . . . . . . . . . . . . . . 4 7.3 graphs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 7.4 test circuit. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 8 package outline . . . . . . . . . . . . . . . . . . . . . . . . . 7 9 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 10 revision history . . . . . . . . . . . . . . . . . . . . . . . . . 8 11 legal information. . . . . . . . . . . . . . . . . . . . . . . . 9 11.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . . 9 11.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 11.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 11.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 10 12 contact information. . . . . . . . . . . . . . . . . . . . . 10 13 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11


▲Up To Search▲   

 
Price & Availability of BLF7G15LS-300P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X