Part Number Hot Search : 
DA05CM 5248B RE127M IRFU420A CZRB2240 DA05CM 16800 MBR20
Product Description
Full Text Search
 

To Download B5R-2403 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  e e l l e e c c t t r r i i c c a a l l s s p p e e c c i i f f i i c c a a t t i i o o n n s s i i n n p p u u t t s s p p e e c c i i f f i i c c a a t t i i o o n n s s o o u u t t p p u u t t s s p p e e c c i i f f i i c c a a t t i i o o n n s s g g e e n n e e r r a a l l s s p p e e c c i i f f i i c c a a t t i i o o n n s s g g e e n n e e r r a a l l s s p p e e c c i i f f i i c c a a t t i i o o n n s s p p h h y y s s i i c c a a l l s s p p e e c c i i f f i i c c a a t t i i o o n n s s 1 features econom y line 5 watts dip 24 package 2 : 1 wide input voltage rang e regulated outputs typical efficiency up to 85 % short circuit protection direct pcb-soldering high isolation(4kv a v ailable) ul94v-0 pa ckage 5 5 w w a a t t t t d d c c / / d d c c c c o o n n v v e e r r t t e e r r , , s s i i n n g g l l e e & & m m u u l l t t i i p p l l e e o o u u t t p p u u t t s s b b 5 5 w w r r s s e e r r i i e e s s input voltage............... ............... ......2 : 1 input filter.......... ............... ............... pi-network output voltage accuracy ........... 1% typ. effi ciency ... .. ... ... ... .. ... ... .. .. ... ... ... .83 % t y p. over-current protection...???built-in (automa t ic re co v e r y ) ripple ..... ... . ... ... ... .. ... ... .. .. ... ... .?50 mv p-p (dc to 100mhz) line regulation..... ... .. ... ... . ... ... ... .0.2% line filter.... . ... ... ... .. ... ... .. .. ... ... ... .built-in load regulation??????.... 0.5 % max. (load rat e 10% ~ 100 %) isolation voltage???? ??dc 2kv min * add /h a fter p/n for 4kv mtbf.. .. ... .. .. ... ... ... .. ... ... .. .. . > 9 x 10 5 ho urs isolation resistance.. ... .. .. . .1 g ? min. operating temperature ... ... ... ... .. ... ..-4 0 c ~ +75c temperature coefficient.. . ... ... ... .. ... ..0. 05%/ c humidity ..... .. ... ... ... .. ... ... .. .. ... ... ... .. ... 30%~95% rh stora g e tem p erature..... .. ... ... ... .. ... . -5 5c ~ +85c case material.... ............ ..........ul94-0 plasti c dual in-lin e pin configur ation a ll specifications are typica l at nominal input, full lo ad
5 5 w w a a t t t t d d c c / / d d c c c c o o n n v v e e r r t t e e r r , , s s i i n n g g l l e e & & m m u u l l t t i i p p l l e e o o u u t t p p u u t t s s 2 mo del input v o l t age output voltage outp ut c urre nt b5r-1203 3.3 vdc 1200ma b5r-1205 5vdc 1000ma b5r-1209 9vdc 560ma b5r-1212 12vdc 12vdc 420ma b5r-1215 (9 - 18vdc) 15vdc 340ma b5r-1203d 3.3vdc 600ma b5r-1205d 5vd c 500ma b5r-1209d 9vd c 280ma b5r-1212d 12vdc 210ma b5r-1215d 15vdc 170ma B5R-2403 3.3vdc 1200ma b5r-2405 5vdc 1000ma b5r-2409 9vdc 560ma b5r-2412 24vdc 12vdc 420ma b5r-2415 (18 ? 36vdc) 15vdc 340ma B5R-2403d 3.3vdc 600ma b5r-2405d 5vd c 500ma b5r-2409d 9vd c 280ma b5r-2412d 12vdc 210ma b5r-2415d 15vdc 170ma b5r-4803 3.3vdc 1200ma b5r-4805 5vdc 1000ma b5r-4809 9vdc 560ma b5r-4812 48vdc 12vdc 420ma b5r-4815 (36 ? 72vdc) 15vdc 340ma b5r-4803d 3.3vdc 600ma b5r-4805d 5vd c 500ma b5r-4809d 9vd c 280ma b5r-4812d 12vdc 210ma b5r-4815d 15vdc 170ma b b 5 5 w w r r s s e e r r i i e e s s
5 5 w w a a t t t t d d c c / / d d c c c c o o n n v v e e r r t t e e r r , , s s i i n n g g l l e e & & m m u u l l t t i i p p l l e e o o u u t t p p u u t t s s 3 pin connections pin single outp ut dual ou tpu t 2,3 -vin (g nd ) - vin (g nd ) 9 no pin comm on 11 nc - vout 14 + vout + vout 16 - vout comm on 22,23 +v in (v cc ) +v in (v cc ) note : all dimensi o n s in metri c (m m) all specifi c ati ons typical an d nominal / full load and 2 5 c unl ess oth e rwi s e n o ted. avoid sustai n ed ope ration i n overloa d or dead sho r t co ndition s. b b 5 5 w w r r s s e e r r i i e e s s


▲Up To Search▲   

 
Price & Availability of B5R-2403

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X