Part Number Hot Search : 
BC857AW 2R600C TA8184F VN1306N2 1M4735A 21FQ030 K2012 2000W
Product Description
Full Text Search
 

To Download AT05SC3208RF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 8-bit microcontroller with 8k eeprom, dual interface, and advanced security features AT05SC3208RF preliminary summary rev. 1508bs?04/00 features general  0.35 process technology  industry-standard m68hc05 instruction set, including: 8 x 8 bits unsigned multiply instruction, true bit manipulation, memory-mapped i/o  operating voltage: 3.0v 10% or 5.0v 10%  meets gsm 11.11 & 11.12 specifications  5.0 mhz maximum internal bus frequency at 3.0v and 5.0v  esd protection to 4000v  bond pad layout conforming to iso standard iso 7816/2  external maskable interrupt on iso standard i/o port (pa0)  power-saving wait and very low power stop modes  power-up detection  available as sawn or unsawn wafers contactless mode  rf contactless interface with full support for iso 14443 type b protocol  supply voltage clamp and regulation  full-bridge power rectification  3.4 mhz maximum cpu clock frequency  13.56 mhz clock extraction  memory-mapped rf i/o port  card-to-reader ? modulation of incoming rf carrier by load switching ? generation of 847.5 khz subcarrier with bpsk modulation ? nrz-l or manchester data encoding eeprom  8128 bytes of on-chip user eeprom plus 64 security bytes  64-byte write/program/erase  1 ms program time, 1 ms erase time  10 years data retention  typically more than 1,000,000 write/erase cycles  on-chip charge pump for eeprom programming driven by an internal oscillator ram and rom  32752 bytes of on-chip user rom plus 16 bytes reserved for vectors  1024 bytes of on-chip ram with security wipe on selected areas peripherals  single bidirectional i/o line (1-bit iso 7816/3 standard i/o port)  interrupt driven serial communications interface (sci) with transmit/receive speeds of up to 1.25 mbit/s  time base circuitry (with preset and maskable interrupt capabilities)  watchdog capability  hardware des module (capable of single encryption or decryption in 16 clock cycles)  crc module (allowing generation of checksums (iso/iec 3309))  random number generator note: this is a summary document. a complete document is available under nda. for more information, please contact your local atmel sales office.
? atmel corporation 2000. atmel corporation makes no warranty for the use of its products, other than those expressly contained in the company?s standard warranty which is detailed in atmel?s terms and conditions located on the company?s web site. the company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time without notice, and does not make any commitment to update the information contained herein. no licenses to patents or other intellectual property of atmel are granted by the company in connection with the sale of atmel products, expressly or by implication. atmel?s products a re not authorized for use as critical components in life support devices or systems. atmel headquarters, 2325 orchard parkway, san jose, ca 95131, tel (408) 441-0311, fax (408) 487-2600 atmel colorado springs, 1150 e. cheyenne mtn. blvd., colorado springs, co 80906, tel (719) 576-3300, fax (719) 540-1759 atmel rousset, zone industrielle, 13106 rousset cedex, france, tel (33) 4-4253-6000, fax (33) 4-4253-6001 atmel smart card ics, scottish enterprise technology park, east kilbride, scotland g75 0qr, tel (44) 1355-357000, fax (44) 1355 -242743 printed on recycled paper. features (continued) security  dedicated hardware to resist power analysis attacks  featureless rom  low and high voltage monitors  low and high temperature monitors  low frequency monitor  high frequency filter/monitor  advanced physical barrier to enhance tamper resistance  illegal address reset  illegal opcode reset  memory partitioning with address lockout reset  scrambling logic  tamper monitor  physical removal of test mode when testing is complete development tools  hardware emulation module (for the motorola mmds05 development system)  software simulator based on hiware?s hi-wave product description the AT05SC3208RF is a new member of atmel?s at05sc family of single chip microcontrollers. designed specifically for embedded conditional access systems and other secu- rity conscious systems, these devices are based on the industry-standard m68hc05 low-power core and its instruction set, and are manufactured in atmel?s standard 0.35 process technology. the AT05SC3208RF is designed to give a high level of protection against physical attack, and includes hardware features to assist in protecting against spa and dpa attacks. on-board des, crc and rng modules are pro- vided to assist in the design of high-security applications. on-board memory comprises 32k bytes of rom, 1k bytes of ram and 8k bytes of eeprom. the eeprom features 64-byte write, 1 ms program time, 1 ms erase time, typi- cally more than 1,000,000 write/erase cycles, and greater than 10 years data retention. the AT05SC3208RF has on-board contact and contactless interfaces, and is designed in accordance with the iso standards for integrated circuit cards (iso 7816 and iso 14443), and with gsm specifications 11.11 and 11.12, where appropriate. an on-board serial communications interface is also provided. application areas for the AT05SC3208RF include dual interface multifunction cards, e.g. transport card plus electronic purse/bank card. block diagram notes: 1. a sampling/smoothing algorithm must be used in conjunction with the rng to obtain statistically ran- dom results across all operating conditions. pa 0 port a interrupt m68hc05 cpu 4/2/1 reset clk vdd vss ddra security logic time base and watchdog charge crc module control logic oscillator pump eeprom des module control sci rf modulator, power and clock rf2 rf1 dpa logic random number generator (rng) (1) user eeprom ? 8128 bytes (plus 64 control bytes) user rom ? 32752 bytes (plus 16 bytes for vectors) ram ? 1024 bytes 1508bs?04/00/xm marks bearing ? and/or ? are registered trademarks and trademarks of atmel corporation. terms and product names in this document may be trademarks of others.


▲Up To Search▲   

 
Price & Availability of AT05SC3208RF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X