Part Number Hot Search : 
102M5 R9G21215 2C1893 3N120 UYF13A WB201 VP0350N5 354AK
Product Description
Full Text Search
 

To Download A-2145-BA15H-208 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/14/2010 please check www.molex.com for latest part information part number: 0009623152 status: active description: 3.96mm (.156") pitch kk? pc board connector, bottom entry, nylon connector, 0.38m (15") gold (au) selective, 15 circuits documents: 3d model product specification ps-08-50 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification ul e29179 general product family pcb receptacles series 2145 application board-to-board product name kk? physical circuits (loaded) 15 color - resin natural flammability 94v-2 glow-wire compliant no keying to mating part yes lock to mating part yes material - plating mating gold material - plating termination tin material - resin nylon number of rows 1 orientation bottom entry pc tail length (in) 0.160 in pc tail length (mm) 4.06 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type bag pitch - mating interface (in) 0.156 in pitch - mating interface (mm) 3.96 mm plating min: mating (in) 15 plating min: mating (m) 0.375 plating min: termination (in) 100 plating min: termination (m) 2.5 polarized to pcb no temperature range - operating 0c to +75c termination interface: style through hole electrical current - maximum per contact 5a voltage - maximum 250v solder process data duration at max. process temperature (seconds) 5 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 235 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 2145 series
material info old part number A-2145-BA15H-208 reference - drawing numbers product specification ps-08-50 sales drawing sda-2145-003 this document was generated on 04/14/2010 please check www.molex.com for latest part information

kk 156 pcb assy 2-15 ckt 2145 bottom entry series rev: rev format sheet no. ucp2004-2560 y1 4/12/2004 samiec title: kk 156 pcb assy 2145 bottom entry series - 2 - document number: created / revised by: checked by: approved by: sda-2145-003 samiec samiec margulis template filename: product_ spec[size_a](v.1).doc ramps yes ramps yes hooks: yes hooks: yes color: white color: white mold void: none mold void: none term matl: phos bronze term matl: phos bronze contact: standard contact: standard pc tail (c): .160 / 4.06 pc tail (c): .160 / 4.06 plt code: 102 C tin plt code: 208 C 15 gold term void: none term void: none options packaging: tray pk-2145-001 packaging: tray pk-2145-001 ref a-2145-banl102 a-2145-banl208 ckt material no material no 2 09-62-6024 09-62-4028 3 09-62-6034 09-62-4038 4 09-62-6044 09-62-4048 5 09-62-6054 09-62-4058 6 09-62-6064 09-62-4068 7 09-62-6074 09-62-4078 8 09-62-6084 09-62-4088 9 09-62-6094 09-62-4098 10 09-62-6104 09-62-4108 11 09-62-6114 09-62-4118 12 09-62-6124 09-62-4128 13 09-62-6134 09-62-4138 14 09-62-6144 09-62-4148 15 09-62-6154 09-62-4158 catalog products
kk 156 pcb assy 2-15 ckt 2145 bottom entry series rev: rev format sheet no. ucp2004-2560 y1 4/12/2004 samiec title: kk 156 pcb assy 2145 bottom entry series - 3 - document number: created / revised by: checked by: approved by: sda-2145-003 samiec samiec margulis template filename: product_ spec[size_a](v.1).doc ramps yes ramps yes ramps yes ramps yes hooks: yes hooks: yes hooks: yes hooks: yes color: white color: white color: white color: white mold void: none mold void: none mold void: none mold void: none term matl: phos bronze term matl: brass term matl: brass term matl: brass contact: standard contact: standard contact: standard contact: standard pc tail (c): .160 / 4.06 pc tail (c): .160 / 4.06 pc tail (c): .160 / 4.06 pc tail ( c): .126 / 3.20 plt code: p909 C tin plt code: p909 C tin plt code: 208 C 15 gold plt code: p909 C tin term void: none term void: none term void: none term void: none options packaging: tray pk-2145-001 packaging: tray pk-2145-001 packaging: tray pk-2145-001 packaging: tray pk-2145-001 ref a-2145-banlp909 a-2145-banhp909 a-2145-banh208 a-2145banjp909 ckt material no material no material no material no 2 09-52-2028 09-52-3022 09-62-3022 09-52-5022 3 09-52-2038 09-52-3032 09-62-3032 09-52-5032 4 09-52-2048 09-52-3042 09-62-3042 09-52-5042 5 09-52-2058 09-52-3052 09-62-3052 09-52-5052 6 09-52-2068 09-52-3062 09-62-3062 09-52-5062 7 09-52-2078 09-52-3072 09-62-3072 09-52-5072 8 09-52-2088 09-52-3082 09-62-3082 09-52-5082 9 09-52-2098 09-52-3092 09-62-3092 09-52-5092 10 09-52-2108 09-52-3102 09-62-3102 09-52-5102 11 09-52-2118 09-52-3112 09-62-3112 09-52-5112 12 09-52-2128 09-52-3122 09-62-3122 09-52-5122 13 09-52-2138 09-52-3132 09-62-3132 09-52-5132 14 09-52-2148 09-52-3142 09-62-3142 09-52-5142 15 09-52-2158 09-52-3152 09-62-3152 09-52-5152 custom products
kk 156 pcb assy 2-15 ckt 2145 bottom entry series rev: rev format sheet no. ucp2004-2560 y1 4/12/2004 samiec title: kk 156 pcb assy 2145 bottom entry series - 4 - document number: created / revised by: checked by: approved by: sda-2145-003 samiec samiec margulis template filename: product_ spec[size_a](v.1).doc assy proc: bottom entry assy proc: assy proc: assy proc: housing no: 2145-n-an housing no: housing no: housing no: terminal no: 6298-154 terminal no: terminal no: terminal no: dim c: .160 / 4.06 dim c: dim c: dim c: plating: 154-tin plating: plating: plating: packaging: pk-2145-001 packaging: packaging: packaging: voids: no voids: voids: voids: ckts material no engineer number material no engineer number material no engineer number material no engineer number 2 50-30-4405 a-2145-ba02l-154 3 50-30-4406 a-2145-ba03l-154 4 50-30-4407 a-2145-ba04l-154 5 50-30-4408 a-2145-ba05l-154 6 50-30-4409 a-2145-ba06l-154 7 50-30-4411 a-2145-ba07l-154 8 50-30-4412 a-2145-ba08l-154 9 50-30-4413 a-2145-ba09l-154 10 50-30-4414 a-2145-ba10l-154 11 50-30-4415 a-2145-ba11l-154 12 50-30-4416 a-2145-ba12l-154 13 50-30-4417 a-2145-ba13l-154 14 50-30-4418 a-2145-ba14l-154 15 50-30-4419 a-2145-ba15l-154


▲Up To Search▲   

 
Price & Availability of A-2145-BA15H-208

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X