Part Number Hot Search : 
HC256DMB KBL10 2N5416U4 1N4729AW MH4802 C67078 SP8630B 1N3823
Product Description
Full Text Search
 

To Download 74CBTLV1G125GM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the 74cbtlv1g125 provides a single high-s peed line switch. the switch is disabled when the output enable (oe ) input is high. to ensure the high-impedance off-state during power up or power down, oe should be tied to the v cc through a pull-up resistor. the minimum value of the resistor is determined by the current-sinking ca pability of the driver. schmitt trigger action at control input makes t he circuit tolerant to slower input rise and fall times across the entire v cc range from 2.3 v to 3.6 v. this device is fully specified for pa rtial power-down ap plications using i off . the i off circuitry disables the output, preventin g the damaging backflow current through the device when it is powered down. 2. features and benefits ? supply voltage range from 2.3 v to 3.6 v ? high noise immunity ? complies with jedec standard: ? jesd8-5 (2.3 v to 2.7 v) ? jesd8-b/jesd36 (2.7 v to 3.6 v) ? esd protection: ? hbm jesd22-a114f exceeds 2000 v ? mm jesd22-a115-a exceeds 200 v ? cdm jesd22-c101e exceeds 1000 v ? 5 switch connection between two ports ? rail to rail switching on data i/o ports ? cmos low power consumption ? latch-up performance meets requirements of jesd78 class i ? i off circuitry provides partial power down mode operation ? multiple package options ? specified from ? 40 cto+85 c and ? 40 cto+125 c 74cbtlv1g125 single bus switch rev. 2 ? 29 july 2010 product data sheet
74cbtlv1g125 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 2 ? 29 july 2010 2 of 21 nxp semiconductors 74cbtlv1g125 single bus switch 3. ordering information 4. marking [1] the pin 1 indicator is located on the lower left corner of the device, below the marking code. 5. functional diagram table 1. ordering information type number package temperature range name description version 74cbtlv1g125gw ? 40 c to +125 c tssop5 plastic thin shrink small outline package; 5 leads; body width 1.25 mm sot353-1 74cbtlv1g125gv ? 40 c to +125 c sc-74a plastic surface-mounted package; 5 leads sot753 74CBTLV1G125GM ? 40 c to +125 c xson6 plastic extremely thin sm all outline package; no leads; 6 terminals; body 1 1.45 0.5 mm sot886 74cbtlv1g125gf ? 40 c to +125 c xson6 plastic extremely thin sm all outline package; no leads; 6 terminals; body 1 1 0.5 mm sot891 74cbtlv1g125gn ? 40 c to +125 c xson6 extremely thin small outline package; no leads; 6 terminals; body 0.9 1.0 0.35 mm sot1115 74cbtlv1g125gs ? 40 c to +125 c xson6 extremely thin small outline package; no leads; 6 terminals; body 1.0 1.0 0.35 mm sot1202 table 2. marking type number marking code [1] 74cbtlv1g125gw bm 74cbtlv1g125gv b25 74CBTLV1G125GM bm 74cbtlv1g125gf bm 74cbtlv1g125gn bm 74cbtlv1g125gs bm fig 1. logic symbol fig 2. logic diagram 001aad71 3 a oe b 4 2 1 switch 001aad71 4 ab oe
74cbtlv1g125 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 2 ? 29 july 2010 3 of 21 nxp semiconductors 74cbtlv1g125 single bus switch 6. pinning information 6.1 pinning 6.2 pin description 7. functional description 7.1 function table [1] h = high voltage level; l = low voltage level. fig 3. pin configuration sot353-1 and sot753 fig 4. pin configuration sot886 fig 5. pin configuration sot891, sot1115 and sot1202 74cbtlv1g125 oe v cc a gnd b 001aad715 1 2 3 5 4 74cbtlv1g125 a 001aad717 oe gnd n.c. v cc b transparent top view 2 3 1 5 4 6 74cbtlv1g125 a 001aaf817 oe gnd n.c. v cc b transparent top view 2 3 1 5 4 6 table 3. pin description symbol pin description sot353-1, sot753 sot886, sot891, sot1115 and sot1202 oe 1 1 output enable input oe (active low) a 2 2 data input or output a gnd 3 3 ground (0 v) b 4 4 data input or output b n.c. - 5 not connected v cc 5 6 supply voltage table 4. function table [1] output enable input oe function switch l on-state hoff-state
74cbtlv1g125 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 2 ? 29 july 2010 4 of 21 nxp semiconductors 74cbtlv1g125 single bus switch 8. limiting values [1] the minimum input and output voltage ratings may be exceed ed if the input and output current ratings are observed. [2] for tssop5 and sc-74a packages: above 87.5 c the value of p tot derates linearly with 4.0 mw/k. for xson6 packages: above 118 c the value of p tot derates linearly with 7.8 mw/k. 9. recommended operating conditions [1] applies to control signal levels. 10. static characteristics table 5. limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit v cc supply voltage ? 0.5 +4.6 v v i input voltage [1] ? 0.5 +4.6 v v sw switch voltage enable and disable mode ? 0.5 v cc + 0.5 v i ik input clamping current v i/o < ? 0.5 v ? 50 - ma i sk switch clamping current v i < ? 0.5 v or v i >v cc +0.5v - 50 ma i sw switch current v sw = 0 v to v cc - 128 ma i cc supply current - +50 ma i gnd ground current ? 50 - ma t stg storage temperature ? 65 + 150 c p tot total power dissipation t amb = ? 40 cto+125 c [2] - 250 mw table 6. recommended operating conditions symbol parameter conditions min typ max unit v cc supply voltage 2.3 - 3.6 v v i input voltage 0 - 3.6 v v sw switch voltage enable and disable mode 0 - v cc v t amb ambient temperature ? 40 - +125 c t/ v input transition rise and fall rate v cc = 2.3 v to 3.6 v [1] 0 - 20 ns/v table 7. static characteristics at recommended operating conditions; volt ages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ [1] max unit t amb = ? 40 c to +85 c v ih high-level input voltage v cc = 2.3 v to 2.7 v 1.7 - - v v cc = 2.7 v to 3.6 v 2.0 - - v v il low-level input voltage v cc = 2.3 v to 2.7 v - - 0.7 v v cc = 2.7 v to 3.6 v - - 0.8 v i i input leakage current v i = gnd to v cc ; v cc = 3.6 v - - 1.0 a i s(off) off-state leakage current v i =v ih or v il ; v o =v cc ? gnd; v cc = 3.6 v; see figure 6 - 0.1 5 a i s(on) on-state leakage current v i =v ih or v il ; v cc = 3.6 v; see figure 7 - 0.1 5 a
74cbtlv1g125 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 2 ? 29 july 2010 5 of 21 nxp semiconductors 74cbtlv1g125 single bus switch [1] typical values are measured at t amb =25 c and at v cc =3.3v. [2] one input at 3 v, other inputs at v cc or gnd. [1] typical values are measured at t amb =25 c. [2] measured by the voltage drop between the a and b terminals at the indicated current through the switch. on-state resistance is determined by the lower of the voltages of the two (a or b) terminals. i off power-off leakage current v i or v o = 0 v to 3.6 v; v cc = 0 v - - 10 a i cc supply current v i = gnd or v cc ; i o = 0 a; v cc = 3.6 v - - 10 a i cc additional supply current control input; v i =v cc ? 0.6 v; v cc = 3.6 v [2] - - 300 a c i input capacitance control input; v i = 0 v or 3 v - 2.5 - pf c sw switch capacitance off-state - 7.0 - pf on-state - 10.3 - pf t amb = ? 40 c to +125 c v ih high-level input voltage v cc = 2.3 v to 2.7 v 1.7 - - v v cc = 2.7 v to 3.6 v 2.0 - - v v il low-level input voltage v cc = 2.3 v to 2.7 v - - 0.7 v v cc = 2.7 v to 3.6 v - - 0.8 v i i input leakage current v i = gnd to v cc ; v cc = 3.6 v - - 100 a i s(off) off-state leakage current v i =v ih or v il ; v o =v cc ? gnd; v cc = 3.6 v; see figure 6 -- 200 a i s(on) on-state leakage current v i =v ih or v il ; v cc = 3.6 v; see figure 7 -- 200 a i off power-off leakage current v i or v o = 0 v to 3.6 v; v cc = 0 v - - 10 a i cc supply current v i = gnd or v cc ; i o = 0 a; v cc = 3.6 v - - 200 a i cc additional supply current control input; v i =v cc ? 0.6 v; v cc = 3.6 v [2] - - 5000 a table 7. static characteristics ?continued at recommended operating conditions; volt ages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ [1] max unit table 8. resistance r on at recommended operating conditions; voltages are re ferenced to gnd (ground = 0 v); see test circuit figure 8 . symbol parameter conditions ? 40 c to +85 c ? 40 c to +125 c unit min typ [1] max min max r on on resistance v cc =2.3v; see figure 9 [2] i sw =64ma; v i =0v - 4.7 10 - 15.0 i sw =24 ma; v i =0v - 4.5 10 - 15.0 i sw = 15 ma; v i = 1.7 v - 11 25 - 38.0 v cc =3.0v; see figure 10 i sw =64ma; v i = 0 v - 4.2 7 - 11.0 i sw =24 ma; v i = 0 v - 4.1 7 - 11.0 i sw = 15 ma; v i = 2.4 v - 7.3 15 - 25.5
74cbtlv1g125 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 2 ? 29 july 2010 6 of 21 nxp semiconductors 74cbtlv1g125 single bus switch fig 6. test circuit for measuring off-state leakage current fig 7. test circuit for measuring on-state leakage current 001aad71 6 i s i s v cc v ih a oe b v i v o gnd 001aad71 8 i s v cc v il a oe b n.c. v i gnd r on =v sw /i sw . fig 8. test circuit for measuring on-resistance 001aad729 a b v i gnd v cc v il oe v sw i sw
74cbtlv1g125 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 2 ? 29 july 2010 7 of 21 nxp semiconductors 74cbtlv1g125 single bus switch (1) t amb = 125 c (2) t amb = 85 c (3) t amb = 25 c (4) t amb = ? 40 c (1) t amb = 125 c (2) t amb = 85 c (3) t amb = 25 c (4) t amb = ? 40 c a. v cc = 2.5 v; i sw = 15 ma; v sw =1.7v b. v cc =2.5v; i sw =24 ma; v sw =0 v (1) t amb = 125 c (2) t amb = 85 c (3) t amb = 25 c (4) t amb = ? 40 c c. v cc = 2.5 v; i sw =64 ma; v sw =0 v fig 9. switch on-resistance as a function of input voltage at v cc = 2.5 v 001aad732 v sw (v) 03 2 1 8 4 12 16 r on ( ) 0 (1) (2) (3) (4) 001aad733 v sw (v) 03 2 1 8 4 12 16 r on ( ) 0 (1) (2) (3) (4) 001aad734 v sw (v) 03 2 1 6 10 14 r on ( ) 2 (1) (2) (3) (4)
74cbtlv1g125 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 2 ? 29 july 2010 8 of 21 nxp semiconductors 74cbtlv1g125 single bus switch (1) t amb = 125 c (2) t amb = 85 c (3) t amb = 25 c (4) t amb = ? 40 c (1) t amb = 125 c (2) t amb = 85 c (3) t amb = 25 c (4) t amb = ? 40 c a. v cc = 3.3 v; i sw = 15 ma; v sw =2.4v b. v cc =3.3v; i sw =24 ma; v sw =0 v (1) t amb = 125 c (2) t amb = 85 c (3) t amb = 25 c (4) t amb = ? 40 c c. v cc = 3.3 v; i sw = 64 ma; v sw =0 v fig 10. switch on-resistance as a function of input voltage at v cc = 3.3 v 001aad737 v sw (v) 04 3 12 7 5 9 11 r on ( ) 3 (1) (2) (3) (4) 001aad736 v sw (v) 04 3 12 7 5 9 11 r on ( ) 3 (1) (2) (3) (4) 001aad735 v sw (v) 04 3 12 6 4 8 10 r on ( ) 2 (1) (2) (3) (4)
74cbtlv1g125 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 2 ? 29 july 2010 9 of 21 nxp semiconductors 74cbtlv1g125 single bus switch 11. dynamic characteristics [1] all typical values are measured at t amb =25 c and at nominal v cc . [2] the propagation delay is the calculated rc time constant of the maximum on-state resistance of the switch and the load capac itance, when driven by an ideal volt age source (zero output impedance). [3] t pd is the same as t plh and t phl . [4] t en is the same as t pzh and t pzl . [5] t dis is the same as t phz and t plz . 12. waveforms table 9. dynamic characteristics gnd = 0 v; see figure 13 . symbol parameter conditions ? 40 c to +85 c ? 40 c to +125 c unit min typ [1] max min max t pd propagation delay a to b or b to a; see figure 11 ; r l = [2] [3] v cc = 2.3 v to 2.7 v - - 0.21 - 0.32 ns v cc = 3.0 v to 3.6 v - 0.16 0.25 - 0.39 ns t en enable time oe to a or b; see figure 12 ; r l = 500 [4] v cc = 2.3 v to 2.7 v 1.0 2.50 4.00 1.0 5.00 ns v cc = 3.0 v to 3.6 v 1.0 2.05 4.00 1.0 5.00 ns t dis disable time oe to a or b; see figure 12 ; r l = 500 [5] v cc = 2.3 v to 2.7 v 1.0 2.80 5.00 1.0 6.30 ns v cc = 3.0 v to 3.6 v 1.0 3.40 4.10 1.0 5.40 ns measurement points are given in table 10 . logic levels: v ol and v oh are typical output voltage drop that occur with the output load. fig 11. the data input (a or b) to output (b or a) propagation delays 001aad71 9 a or b input b or a output v m v i gnd v oh v ol v m t plh t phl v m v m table 10. measurement points supply voltage output inputs v cc v m v m v i t r = t f 2.3 v to 3.6 v 0.5 v cc 0.5 v cc v cc 2.0 ns
74cbtlv1g125 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 2 ? 29 july 2010 10 of 21 nxp semiconductors 74cbtlv1g125 single bus switch measurement points are given in table 11 . logic levels: v ol and v oh are typical output voltage drop that occur with the output load. fig 12. enable and disable times 001aad72 0 t pzl t pzh t phz t plz gnd gnd v i v cc v ol v oh v m v m v m v x v y switch disabled switch enabled switch enabled output low-to-off off-to-low output high-to-off off-to-high oe input a or b a or b table 11. measurement points supply voltage input output v cc v m v m v x v y 2.3 v to 2.7 v 0.5 v cc 0.5 v cc v ol +0.15v v oh ? 0.15 v 3.0 v to 3.6 v 0.5 v cc 0.5 v cc v ol +0.3v v oh ? 0.3 v
74cbtlv1g125 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 2 ? 29 july 2010 11 of 21 nxp semiconductors 74cbtlv1g125 single bus switch test data is given in table 12 . definitions for test circuit: r l = load resistance. c l = load capacitance including jig and probe capacitance. r t = termination resistance should be equal to the output impedance z o of the pulse generator. v ext = test voltage for switching times. fig 13. test circuit for measuring switching times v ext v cc v i v o mna61 6 dut c l r t r l r l g table 12. test data supply voltage load v ext v cc c l t plh , t phl t pzh , t phz t pzl , t plz 2.3 v to 2.7 v 30 pf open gnd 2 v cc 3.0 v to 3.6 v 50 pf open gnd 2 v cc
74cbtlv1g125 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 2 ? 29 july 2010 12 of 21 nxp semiconductors 74cbtlv1g125 single bus switch 13. package outline fig 14. package outline sot353-1 (tssop5) unit a 1 a max. a 2 a 3 b p l h e l p wy v ce d (1) e (1) z (1) references outline version european projection issue date iec jedec jeita mm 0.1 0 1.0 0.8 0.30 0.15 0.25 0.08 2.25 1.85 1.35 1.15 0.65 e 1 1.3 2.25 2.0 0.60 0.15 7 0 0.1 0.1 0.3 0.425 dimensions (mm are the original dimensions) note 1. plastic or metal protrusions of 0.15 mm maximum per side are not included. 0.46 0.21 sot353-1 mo-203 sc-88a 00-09-01 03-02-19 w m b p d z e e 1 0.15 13 5 4 a a 2 a 1 l p (a 3 ) detail x l h e e c v m a x a y 1.5 3 mm 0 scale t ssop5: plastic thin shrink small outline package; 5 leads; body width 1.25 mm sot353- 1 1.1
74cbtlv1g125 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 2 ? 29 july 2010 13 of 21 nxp semiconductors 74cbtlv1g125 single bus switch fig 15. package outline sot753 references outline version european projection issue date iec jedec jeita sot753 sc-74a wb m b p d e a a 1 l p q detail x h e e v m a a b y 0 1 2 mm scale c x 13 2 4 5 plastic surface-mounted package; 5 leads sot75 3 unit a 1 b p cd e h e l p qy w v mm 0.100 0.013 0.40 0.25 3.1 2.7 0.26 0.10 1.7 1.3 e 0.95 3.0 2.5 0.2 0.1 0.2 dimensions (mm are the original dimensions) 0.6 0.2 0.33 0.23 a 1.1 0.9 02-04-16 06-03-16
74cbtlv1g125 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 2 ? 29 july 2010 14 of 21 nxp semiconductors 74cbtlv1g125 single bus switch fig 16. package outline sot886 (xson6) terminal 1 index area references outline version european projection issue date iec jedec jeita sot886 mo-252 sot88 6 04-07-15 04-07-22 dimensions (mm are the original dimensions) xson6: plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1.45 x 0.5 mm d e e 1 e a 1 b l l 1 e 1 0 1 2 mm scale notes 1. including plating thickness. 2. can be visible in some manufacturing processes. unit mm 0.25 0.17 1.5 1.4 0.35 0.27 a 1 max b e 1.05 0.95 d ee 1 l 0.40 0.32 l 1 0.5 0.6 a (1) max 0.5 0.04 1 6 2 5 3 4 6 (2) 4 (2) a
74cbtlv1g125 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 2 ? 29 july 2010 15 of 21 nxp semiconductors 74cbtlv1g125 single bus switch fig 17. package outline sot891 (xson6) terminal 1 index area references outline version european projection issue date iec jedec jeita sot891 sot89 1 05-04-06 07-05-15 xson6: plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1 x 0.5 mm d e e 1 e a 1 b l l 1 e 1 0 1 2 mm scale dimensions (mm are the original dimensions) unit mm 0.20 0.12 1.05 0.95 0.35 0.27 a 1 max b e 1.05 0.95 d ee 1 l 0.40 0.32 l 1 0.35 0.55 a max 0.5 0.04 1 6 2 5 3 4 a 6 (1) 4 (1) note 1. can be visible in some manufacturing processes.
74cbtlv1g125 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 2 ? 29 july 2010 16 of 21 nxp semiconductors 74cbtlv1g125 single bus switch fig 18. package outline sot1115 (xson6) references outline version european projection issue date iec jedec jeita sot1115 sot1115_po 10-04-02 10-04-07 unit mm max nom min 0.35 0.04 0.95 0.90 0.85 1.05 1.00 0.95 0.55 0.3 0.40 0.35 0.32 a (1) dimensions note 1. including plating thickness. 2. visible depending upon used manufacturing technology. x son6: extremely thin small outline package; no leads; 6 terminals; body 0.9 x 1.0 x 0.35 mm sot111 5 a 1 b 0.20 0.15 0.12 deee 1 l 0.35 0.30 0.27 l 1 0 0.5 1 mm scale terminal 1 index area d e (4 ) (2) e 1 e 1 e l l 1 b 3 2 1 6 5 4 (6 ) (2) a 1 a
74cbtlv1g125 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 2 ? 29 july 2010 17 of 21 nxp semiconductors 74cbtlv1g125 single bus switch fig 19. package outline sot1202 (xson6) references outline version european projection issue date iec jedec jeita sot1202 sot1202_po 10-04-02 10-04-06 unit mm max nom min 0.35 0.04 1.05 1.00 0.95 1.05 1.00 0.95 0.55 0.35 0.40 0.35 0.32 a (1) dimensions note 1. including plating thickness. 2. visible depending upon used manufacturing technology. x son6: extremely thin small outline package; no leads; 6 terminals; body 1.0 x 1.0 x 0.35 mm sot120 2 a 1 b 0.20 0.15 0.12 deee 1 l 0.35 0.30 0.27 l 1 0 0.5 1 mm scale terminal 1 index area d e (4 ) (2) e 1 e 1 e l b 123 l 1 6 5 4 (6 ) (2) a a 1
74cbtlv1g125 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 2 ? 29 july 2010 18 of 21 nxp semiconductors 74cbtlv1g125 single bus switch 14. abbreviations 15. revision history table 13. abbreviations acronym description cdm charged device model cmos complementary metal oxide semiconductor dut device under test esd electrostatic discharge hbm human body model mm machine model table 14. revision history document id release date data sheet status change notice supersedes 74cbtlv1g125 v.2 20100729 product data sheet - 74cbtlv1g125 v.1 modifications: ? added type number 74cbtlv1g125gn (sot1116/xson8 package). ? added type number 74cbtlv1g125gs (sot1203/xson8 package). 74cbtlv1g125 v.1 20070223 product data sheet - -
74cbtlv1g125 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 2 ? 29 july 2010 19 of 21 nxp semiconductors 74cbtlv1g125 single bus switch 16. legal information 16.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 16.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 16.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interrupt ion, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use in automotive applications ? this nxp semiconductors product has been qua lified for use in automotive applications. the product is not desi gned, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be ex pected to result in personal injury, death or severe property or environmental dam age. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this docu ment contains the product specification.
74cbtlv1g125 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 2 ? 29 july 2010 20 of 21 nxp semiconductors 74cbtlv1g125 single bus switch export control ? this document as well as the item(s) described herein may be subject to export control regu lations. export might require a prior authorization from national authorities. 16.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 17. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
nxp semiconductors 74cbtlv1g125 single bus switch ? nxp b.v. 2010. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 29 july 2010 document identifier: 74cbtlv1g125 please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 18. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 3 ordering information . . . . . . . . . . . . . . . . . . . . . 2 4 marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 5 functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 6 pinning information . . . . . . . . . . . . . . . . . . . . . . 3 6.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 6.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3 7 functional description . . . . . . . . . . . . . . . . . . . 3 7.1 function table . . . . . . . . . . . . . . . . . . . . . . . . . . 3 8 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 4 9 recommended operating conditions. . . . . . . . 4 10 static characteristics. . . . . . . . . . . . . . . . . . . . . 4 11 dynamic characteristics . . . . . . . . . . . . . . . . . . 9 12 waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 13 package outline . . . . . . . . . . . . . . . . . . . . . . . . 12 14 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 18 15 revision history . . . . . . . . . . . . . . . . . . . . . . . . 18 16 legal information. . . . . . . . . . . . . . . . . . . . . . . 19 16.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 19 16.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 16.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 16.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 20 17 contact information. . . . . . . . . . . . . . . . . . . . . 20 18 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21


▲Up To Search▲   

 
Price & Availability of 74CBTLV1G125GM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X