Part Number Hot Search : 
SG15321 BCM1255 BY500 5KE16A 74F825 MMBZ5257 002M0 BUV27
Product Description
Full Text Search
 

To Download 5SDF10H6004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  abb switzerland ltd, semiconductors reserves the right to change specifications without notice. v rrm = 6000 v i f(av)m = 1100 a i fsm = 1810 3 a v (t0) = 1.5 v r t = 0.6 m w v dc-link = 3800 v fast recovery diode 5sdf 10h6004 doc. no. 5sya1109-02 oct. 06 patented free-floating silicon technology low on-state and switching losses optimized for use as freewheeling diode in high- voltage gto converters industry standard housing cosmic radiation withstand rating blocking maximum rated values 1) parameter symbol conditions value unit repetitive peak reverse voltage v rrm f = 50 hz, t p = 10ms, t vj = 125c 6000 v permanent dc voltage for 100 fit failure rate v dc-link ambient cosmic radiation at sea level in open air. (100% duty) 3800 v characteristic values parameter symbol conditions min typ max unit repetitive peak reverse current i rrm v r = v rrm , t vj = 125c 50 ma mechanical data maximum rated values 1) parameter symbol conditions min typ max unit mounting force f m 36 40 44 kn acceleration a device unclamped 50 m/s 2 acceleration a device clamped 200 m/s 2 characteristic values parameter symbol conditions min typ max unit weight m 0.83 kg housing thickness h 26.2 26.6 mm surface creepage distance d s 30 mm air strike distance d a 20 mm note 1 maximum rated values indicate limits beyond which damage to the device may occur
5sdf 10h6004 abb switzerland ltd, semiconductors reserves the right to change specifications without notice. doc. no. 5sya1109-02 oct. 06 page 2 of 6 on-state maximum rated values 1) parameter symbol conditions min typ max unit max. average on-state current i f(av)m half sine wave, t c = 85 c 1100 a max. rms on-state current i f(rms) 1700 a max. peak non-repetitive surge current i fsm 1810 3 a limiting load integral i 2 t t p = 10 ms, t vj = 125c, v r = 0 v 1.6210 6 a 2 s max. peak non-repetitive surge current i fsm 4410 3 a limiting load integral i 2 t t p = 1 ms, t vj = 125c, v r = 0 v 96810 3 a 2 s characteristic values parameter symbol conditions min typ max unit on-state voltage v f i f = 2500 a, t vj = 125c 3 v threshold voltage v (t0) 1.5 v slope resistance r t t vj = 125c i f = 200...6000 a 0.6 m w turn-on characteristic values parameter symbol conditions min typ max unit peak forward recovery voltage v frm di f /dt = 500 a/s, t vj = 125c 150 v turn-off characteristic values parameter symbol conditions min typ max unit reverse recovery current i rm 1000 a reverse recovery charge q rr 6000 c turn-off energy e rr di/dt = 300 a/s, i fq = 1000 a, t j = 125c, v rm = 2900 v, c s = 3 f (gto snubber circuit) 5 j
5sdf 10h6004 abb switzerland ltd, semiconductors reserves the right to change specifications without notice. doc. no. 5sya1109-02 oct. 06 page 3 of 6 thermal maximum rated values 1) parameter symbol conditions min typ max unit operating junction temperature range t vj -40 125 c storage temperature range t stg -40 125 c characteristic values parameter symbol conditions min typ max unit thermal resistance junction to case r th(j-c) double-side cooled f m = 36...44 kn 12 k/kw r th(j-c)a anode-side cooled f m = 36...44 kn 24 k/kw r th(j-c)c cathode-side cooled f m = 36...44 kn 24 k/kw thermal resistance case to heatsink r th(c-h) double-side cooled f m = 36...44 kn 3 k/kw r th(c-h) single-side cooled f m = 36...44 kn 6 k/kw analytical function for transient thermal impedance: ) e - (1 r = (t) z n 1 i t/ - i th c) - th(j ? = i t i 1 2 3 4 r th i (k/kw) 7.440 2.000 1.840 0.710 t i (s) 0.4700 0.0910 0.0100 0.0047 fig. 1 transient thermal impedance junction-to-case
5sdf 10h6004 abb switzerland ltd, semiconductors reserves the right to change specifications without notice. doc. no. 5sya1109-02 oct. 06 page 4 of 6 fig. 2 max. on-state voltage characteristics fig. 3 surge on-state current vs. pulse length. half- sine wave fig. 4 forward recovery vs. turn on di/dt (max. values)
5sdf 10h6004 abb switzerland ltd, semiconductors reserves the right to change specifications without notice. doc. no. 5sya1109-02 oct. 06 page 5 of 6 v fr di f /dt i f (t) v f (t) t fr t fr (typ) 10 s v f (t), i f (t) t v rm v r (t) i f (t) i rm -di f /dt q rr i r (t) v f (t) fig. 5 general current and voltage waveforms l cl l i r s l load dut c cl v lc i f d cl fig. 6 test circuit.
5sdf 10h 6004 abb switzerland ltd, semiconductors reserves the right to change specifications without notice. abb switzerland ltd doc. no. 5sya1109-02 oct. 06 semiconductors fabrikstrasse 3 ch-5600 lenzburg, switzerland telephone +41 (0)58 586 1419 fax +41 (0)58 586 1306 email abbsem@ch.abb.com internet www.abb.com/semiconductors fig. 7 outline drawing, all dimensions are in millimeters and represent nominal values unless stated otherwise related documents: doc. nr titel 5sya 2036 recommendations regarding mechanical clamping of press pack high power semiconductors 5szk 9104 specification of environmental class for pressure contact diodes, pcts and gto, storage available on request, please contact factory 5szk 9105 specification of environmental class for pressure contact diodes, pcts and gto, transportation available on request, please contact factory please refer to http://www.abb.com/semiconductors for current version of documents.


▲Up To Search▲   

 
Price & Availability of 5SDF10H6004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X