Part Number Hot Search : 
ATXMEGA6 C5000 1N4716D SYSTEM BA09C S3P72F5 PN3568 161A1
Product Description
Full Text Search
 

To Download 429005RA000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  33 surface mount fuses thin-film surface mount 1206 very fast-acting thin-film type 429 series ?for new designs below 4a please consult the 433 series electrical characteristics: % of ampere opening rating time at 25 c 100% 4 hours, min imum 200% 5 seconds, max imum 300% 0.2 seconds, max imum agency approvals: recognized under the components program of underwriters laboratories and certified by csa. agency file numbers: ul e10480, csa lr 29862. interrupting ratings: 0.125 ?3a 50 amperes at rated voltage, vac/vdc 4 ?7a 35 amperes at rated voltage, vac/vdc environmental specifications: operating temperature: 55? to 90?. consult tempera- ture rerating chart on page 4. for operation above 90? contact littelfuse. vibration: withstands 10 55 hz per mil-std-202f, method 201a and 10-2000 hz at 20 gs per mil-std-202f, method 204d, condition d. insulation resistance (after opening): greater than 10 kohm. resistance to soldering heat: withstands 60 seconds above 200? up to 260?, maximum. thermal shock: withstands 5 cycles of 55 to 125?. physical specifications: materials: body: epoxy substrate terminations: copper/nickel/tin-lead (95/5) cover coat: conformal coating soldering parameters: reflow solder ?260?, 30 seconds maximum packaging specifications: 8mm tape and reel per eia-rs481-1 (iec 286, part 3); 3,000 per reel, add packaging suffix, wr. patented ordering information: .2 a .25 a .375 a .5 a .75 a 1 a 1.25 a 1.5 a 1.75 a 2 a 2.5 a 3 a 4 a 5 a 7 a time in seconds current in amperes 0.01 0.1 0.1 1 1 10 100 10 100 .125a 0.001 average time current curves reflow solder recommended pad layouts 3.81 (.150") 1.52 (.060") 2.03 (.080") .635 (.025") 1.14 (.045") 2.49 (.098") ref. 1.52 (.060") 3.18 (.125") 1.14 (.045") 1.12 (.044") ref. nominal nominal catalog ampere marking voltage resistance melting i 2 t number rating code rating cold ohms 1 (a 2 sec.) 2 429 .125 0.125 fb 125 2.30000 0.00020 429 .200 0.200 fc 125 0.93800 0.00055 429 .250 0.250 fd 125 0.62500 0.00100 429 .375 0.375 fe 125 0.37500 0.00280 429 .500 0.500 ff 63 0.24050 0.0060 429 .750 0.75 fg 63 0.13700 0.0170 429 001 1.00 fh 63 0.09950 0.035 429 1.25 1.25 fj 63 0.07475 0.065 429 01.5 1.50 fk 63 0.06250 0.125 429 1.75 1.75 fl 63 0.05000 0.150 429 002 2.0 fn 63 0.03975 0.230 429 02.5 2.5 fo 32 0.03065 0.500 429 003 3.0 fp 32 0.02625 0.700 for new designs below 4a use 433 series. 429 004 4.0 fs 24 0.01926 1.50 429 005 5.0 ft 24 0.01375 2.70 429 007 7.0 fu 24 0.00925 3.60 1 measured at 10% of rated current, 25 c. 2 measured at rated voltage.


▲Up To Search▲   

 
Price & Availability of 429005RA000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X