|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1. configuration & dimensions : 3. electrical characteristics ( @ 25c ) : superworld electronics (s) pte ltd 2. schematic : PC56-420 (f) series power transformer pg. 1 note : specifications subject to change without notice. please check our website for latest information. 25.02.2008 a-6 a-6 b 1.0414 (0.041) h l 6 5 2 pc terminal (plug-in mounting) type pc 6 pins w b 4 3 1 pcb pattern 4.76 (0.188) a-6 a-6 a-6 6 pin 10.16 (0.400) size (va) 24 57.90 (2.279) (1.625) 41.28 lw (1.375) h 34.93 unit : mm (inch) optional bracket * wt. (gram) 474.87 (2.100) b 53.34 24-br no. mw 34.93 md 50.80 series connected 2 pri 115v 1 4 5 3 6 parallel connected 115v pri 2 1 4 6 5 3 eo eo a. primary voltage ac 115 v 60 hz . b. no load primary current less than 50ma . c. secondary volt age (5%) series ac - v . parallel ac - v . d. secondary load current series 420ma . parallel 840ma . e. full load primary current less than - ma . f. full load secondary voltage (5%) series 56.00v . pin 3-4 pin 1-2 g. dc resistance primary = 33.10 ohm . parallel 28.00v . pin 5-6 h. insulation resistance i. withstand voltage (hi-pot) secondary = - ohm . = - ohm . dc 500v 100meg ohm of more . ac 1500v 60hz 1 minutes . less than 60 deg c . ei-41 x 39.00 m/m . j. temperature rise k. core size - l. turns & wire gauge primary - secondary-1 - pin 3-4 pin 1-2 pin 5-6 secondary-2 turns diameter - - turns diameter - turns diameter m/m . m/m . m/m . (1.375) (2.000)
|
Price & Availability of PC56-420 |