Part Number Hot Search : 
BC847 ISL6532A 020D2 CCH125 DG412CUE TB125 A2025B VLT130
Product Description
Full Text Search
 

To Download MC74VHCT125A-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2000 august, 2000 rev.2 1 publication order number: mc74vhct125a/d mc74vhct125a quad bus buffer with 3state control inputs the mc74vhct125a is a high speed cmos quad bus buffer fabricated with silicon gate cmos technology. it achieves high speed operation similar to equivalent bipolar schottky ttl while maintaining cmos low power dissipation. the mc74vhct125a requires the 3state control input (oe ) to be set high to place the output into the high impedance state. the vhct inputs are compatible with ttl levels. this device can be used as a level converter for interfacing 3.3v to 5.0v, because it has full 5v cmos level output swings. the vhct125a input structures provide protection when voltages between 0v and 5.5v are applied, regardless of the supply voltage. the output structures also provide protection when v cc = 0v. these input and output structures help prevent device destruction caused by supply voltage input/output voltage mismatch, battery backup, hot insertion, etc. the internal circuit is composed of three stages, including a buffer output which provides high noise immunity and stable output. the inputs tolerate voltages up to 7v, allowing the interface of 5v systems to 3v systems. ? high speed: t pd = 3.8ns (typ) at v cc = 5v ? low power dissipation: i cc = 4 m a (max) at t a = 25 c ? ttlcompatible inputs: v il = 0.8v; v ih = 2.0v ? power down protection provided on inputs ? balanced propagation delays ? designed for 2v to 5.5v operating range ? low noise: v olp = 0.8v (max) ? pin and function compatible with other standard logic families ? latchup performance exceeds 300ma ? esd performance: hbm > 2000v; machine model > 200v ? chip complexity: 72 fets or 18 equivalent gates logic diagram activelow output enables y1 y2 y4 3 6 8 11 13 12 10 9 4 5 1 2 a1 oe1 a2 oe2 a3 oe3 a4 oe4 y3 function table vhct125a inputs output aoe y hl h ll l xh z 14lead soic d suffix case 751a http://onsemi.com 14lead tssop dt suffix case 948g pin connection and marking diagram (top view) device package shipping ordering information mc74vhct125ad soic 55 units/rail mc74vhct125adt tssop 96 units/rail 14lead soic eiaj m suffix case 965 mc74vhct125am soic eiaj 50 units/rail for detailed package marking information, see the marking diagram section on page 4 of this data sheet. 11 12 13 14 8 9 10 5 4 3 2 1 7 6 oe3 y4 a4 oe4 v cc y3 a3 oe2 y1 a1 oe1 gnd y2 a2
mc74vhct125a http://onsemi.com 2 ??????????????????????? ??????????????????????? maximum ratings* ???? ???? symbol ?????????????? ?????????????? parameter ????? ????? value ??? ??? unit ???? ???? v cc ?????????????? ?????????????? dc supply voltage ????? ????? 0.5 to + 7.0 ??? ??? v ???? ???? v in ?????????????? ?????????????? dc input voltage ????? ????? 0.5 to + 7.0 ??? ??? v ???? ???? v out ?????????????? ?????????????? dc output voltage ????? ????? 0.5 to v cc + 0.5 ??? ??? v ???? ???? i ik ?????????????? ?????????????? input diode current ????? ????? 20 ??? ??? ma ???? ???? i ok ?????????????? ?????????????? output diode current ????? ????? 20 ??? ??? ma ???? ???? i out ?????????????? ?????????????? dc output current, per pin ????? ????? 25 ??? ??? ma ???? ???? i cc ?????????????? ?????????????? dc supply current, v cc and gnd pins ????? ????? 50 ??? ??? ma ???? ? ?? ? ???? p d ?????????????? ? ???????????? ? ?????????????? power dissipation in still air, soic packages2 tssop package2 ????? ? ??? ? ????? 500 450 ??? ? ? ? ??? mw ???? ???? t stg ?????????????? ?????????????? storage temperature ????? ????? 65 to + 150 ??? ???  c * absolute maximum continuous ratings are those values beyond which damage to the device may occur. exposure to these conditions or conditions beyond those indicated may adversely affect device reliability. functional operation under absolutemaximumrated co nditions is not implied. 2derating e soic packages: 7 mw/  c from 65  to 125  c tssop package: 6.1 mw/  c from 65  to 125  c recommended operating conditions ???? ???? symbol ??????????????? ??????????????? parameter ??? ??? min ?? ?? max ??? ??? unit ???? ???? v cc ??????????????? ??????????????? dc supply voltage ??? ??? 4.5 ?? ?? 5.5 ??? ??? v ???? ???? v in ??????????????? ??????????????? dc input voltage ??? ??? 0 ?? ?? 5.5 ??? ??? v ???? ???? v out ??????????????? ??????????????? dc output voltage ??? ??? 0 ?? ?? v cc ??? ??? v ???? ???? t a ??????????????? ??????????????? operating temperature, all package types ??? ??? 40 ?? ?? + 85 ??? ???  c ???? ???? t r , t f ??????????????? ??????????????? input rise and fall time v cc =5.0v 0.5v ??? ??? 0 ?? ?? 20 ??? ??? ns/v ????????????????????????????????? ????????????????????????????????? dc electrical characteristics ???? ???? ???????? ???????? ?????? ?????? ???? ???? v cc ?????? ?????? t a = 25 c ????? ????? t a 85 c ????? ????? t a 125 c ?? ?? ???? ???? symbol ???????? ???????? parameter ?????? ?????? test conditions ???? ???? v cc (v) ??? ??? min ?? ?? typ ??? ??? max ??? ??? min ??? ??? max ??? ??? min ??? ??? max ?? ?? unit ???? ? ?? ? ???? v ih ???????? ? ?????? ? ???????? minimum highlevel input voltage ?????? ? ???? ? ?????? ???? ? ?? ? ???? 3.0 4.5 5.5 ??? ? ? ? ??? 1.2 2.0 2.0 ?? ?? ?? ??? ? ? ? ??? ??? ? ? ? ??? 1.2 2.0 2.0 ??? ? ? ? ??? ??? ? ? ? ??? 1.2 2.0 2.0 ??? ? ? ? ??? ?? ?? ?? v ???? ? ?? ? ? ?? ? ???? v il ???????? ? ?????? ? ? ?????? ? ???????? maximum lowlevel input voltage ?????? ? ???? ? ? ???? ? ?????? ???? ? ?? ? ? ?? ? ???? 3.0 4.5 5.5 ??? ? ? ? ? ? ? ??? ?? ?? ?? ?? ??? ? ? ? ? ? ? ??? 0.53 0.8 0.8 ??? ? ? ? ? ? ? ??? ??? ? ? ? ? ? ? ??? 0.53 0.8 0.8 ??? ? ? ? ? ? ? ??? ??? ? ? ? ? ? ? ??? 0.53 0.8 0.8 ?? ?? ?? ?? v ???? ???? v oh ???????? ???????? minimum highlevel output voltage v v v ?????? ?????? v in = v ih or v il i oh = 50 m a ???? ???? 3.0 4.5 ??? ??? 2.9 4.4 ?? ?? 3.0 4.5 ??? ??? ??? ??? 2.9 4.4 ??? ??? ??? ??? 2.9 4.4 ??? ??? ?? ?? v ???? ? ?? ? ???? ???????? ? ?????? ? ???????? g v in = v ih or v il ?????? ? ???? ? ?????? v in = v ih or v il i oh = 4ma i oh = 8ma ???? ? ?? ? ???? 3.0 4.5 ??? ? ? ? ??? 2.58 3.94 ?? ?? ?? ??? ? ? ? ??? ??? ? ? ? ??? 2.48 3.80 ??? ? ? ? ??? ??? ? ? ? ??? 2.34 3.66 ??? ? ? ? ??? ?? ?? ?? ???? ? ?? ? ???? v ol ???????? ? ?????? ? ???????? maximum lowlevel output voltage v v v ?????? ? ???? ? ?????? v in = v ih or v il i ol = 50 m a ???? ? ?? ? ???? 3.0 4.5 ??? ? ? ? ??? ?? ?? ?? 0.0 0.0 ??? ? ? ? ??? 0.1 0.1 ??? ? ? ? ??? ??? ? ? ? ??? 0.1 0.1 ??? ? ? ? ??? ??? ? ? ? ??? 0.1 0.1 ?? ?? ?? v ???? ? ?? ? ???? ???????? ? ?????? ? ???????? g v in = v ih or v il ?????? ? ???? ? ?????? v in = v ih or v il i ol = 4ma i ol = 8ma ???? ? ?? ? ???? 3.0 4.5 ??? ? ? ? ??? ?? ?? ?? ??? ? ? ? ??? 0.36 0.36 ??? ? ? ? ??? ??? ? ? ? ??? 0.44 0.44 ??? ? ? ? ??? ??? ? ? ? ??? 0.52 0.52 ?? ?? ?? ???? ???? i in ???????? ???????? maximum input leakage current ?????? ?????? v in = 5.5 v or gnd ???? ???? 0 to 5.5 ??? ??? ?? ?? ??? ??? 0.1 ??? ??? ??? ??? 1.0 ??? ??? ??? ??? 1.0 ?? ?? m a ???? ? ?? ? ???? i cc ???????? ? ?????? ? ???????? maximum quiescent supply current ?????? ? ???? ? ?????? v in = v cc or gnd ???? ? ?? ? ???? 5.5 ??? ? ? ? ??? ?? ?? ?? ??? ? ? ? ??? 2.0 ??? ? ? ? ??? ??? ? ? ? ??? 20 ??? ? ? ? ??? ??? ? ? ? ??? 40 ?? ?? ?? m a ???? ???? i cct ???????? ???????? quiescent supply current ?????? ?????? input: v in = 3.4v ???? ???? 5.5 ??? ??? ?? ?? ??? ??? 1.35 ??? ??? ??? ??? 1.50 ??? ??? ??? ??? 1.65 ?? ?? ma ???? ???? i oz ???????? ???????? maximum 3state leakage current ?????? ?????? v in = v ih or v il v out = v cc or gnd ???? ???? 5.5 ??? ??? ?? ?? ??? ??? 0.25 ??? ??? ??? ??? 2.5 ??? ??? ??? ??? 2.5 ?? ?? m a ???? ???? i opd ???????? ???????? output leakage current ?????? ?????? v out = 5.5v ???? ???? 0.0 ??? ??? ?? ?? ??? ??? 0.5 ??? ??? ??? ??? 5.0 ??? ??? ??? ??? 10 ?? ?? m a this device contains protection circuitry to guard against damage due to high static voltages or electric fields. however, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this highimpedance cir- cuit. for proper operation, v in and v out should be constrained to the range gnd  (v in or v out )  v cc . unused inputs must always be tied to an appropriate logic voltage level (e.g., either gnd or v cc ). unused outputs must be left open.
mc74vhct125a http://onsemi.com 3 ????????????????????????????????? ????????????????????????????????? ac electrical characteristics (input t r = t f = 3.0ns) ???? ???? ???????? ???????? ???????? ???????? ??????? ??????? t a = 25 c ????? ????? t a = 85 c ????? ????? t a 125 c ?? ?? ???? ???? symbol ???????? ???????? parameter ???????? ???????? test conditions ??? ??? min ??? ??? typ ??? ??? max ??? ??? min ??? ??? max ??? ??? min ??? ??? max ?? ?? unit ???? ? ?? ? ???? t plh , t phl ???????? ? ?????? ? ???????? maximum propagation delay, a to y ???????? ? ?????? ? ???????? v cc = 3.3 0.3v c l = 15pf c l = 50pf ??? ? ? ? ??? ??? ? ? ? ??? 5.6 8.1 ??? ? ? ? ??? 8.0 11.5 ??? ? ? ? ??? 1.0 1.0 ??? ? ? ? ??? 9.5 13.0 ??? ? ? ? ??? ??? ? ? ? ??? 12.0 16.0 ?? ?? ?? ns ???? ???? ???????? ???????? ???????? ???????? v cc = 5.0 0.5v c l = 15pf c l = 50pf ??? ??? ??? ??? 3.8 5.3 ??? ??? 5.5 7.5 ??? ??? 1.0 1.0 ??? ??? 6.5 8.5 ??? ??? ??? ??? 8.5 10.5 ?? ?? ???? ? ?? ? ???? t pzl , t pzh ???????? ? ?????? ? ???????? maximum output enable time,oe to y ???????? ? ?????? ? ???????? v cc = 3.3 0.3v c l = 15pf r l = 1k w c l = 50pf ??? ? ? ? ??? ??? ? ? ? ??? 5.4 7.9 ??? ? ? ? ??? 8.0 11.5 ??? ? ? ? ??? 1.0 1.0 ??? ? ? ? ??? 9.5 13.0 ??? ? ? ? ??? ??? ? ? ? ??? 11.5 15.0 ?? ?? ?? ns ???? ? ?? ? ???? ???????? ? ?????? ? ???????? ???????? ? ?????? ? ???????? v cc = 5.0 0.5v c l = 15pf r l = 1k w c l = 50pf ??? ? ? ? ??? ??? ? ? ? ??? 3.6 5.1 ??? ? ? ? ??? 5.1 7.1 ??? ? ? ? ??? 1.0 1.0 ??? ? ? ? ??? 6.0 8.0 ??? ? ? ? ??? ??? ? ? ? ??? 7.5 9.5 ?? ?? ?? ???? ???? t plz , t phz ???????? ???????? maximum output disable time,oe to y ???????? ???????? v cc = 3.3 0.3v c l = 50pf r l = 1k w ??? ??? ??? ??? 9.5 ??? ??? 13.2 ??? ??? 1.0 ??? ??? 15.0 ??? ??? ??? ??? 18.0 ?? ?? ns ???? ? ?? ? ???? ???????? ? ?????? ? ???????? ???????? ? ?????? ? ???????? v cc = 5.0 0.5v c l = 50pf r l = 1k w ??? ? ? ? ??? ??? ? ? ? ??? 6.1 ??? ? ? ? ??? 8.8 ??? ? ? ? ??? 1.0 ??? ? ? ? ??? 10.0 ??? ? ? ? ??? ??? ? ? ? ??? 12.0 ?? ?? ?? ???? ? ?? ? ???? t oslh , t oshl ???????? ? ?????? ? ???????? outputtooutput skew ???????? ? ?????? ? ???????? v cc = 3.3 0.3v c l = 50pf (note 1.) ??? ? ? ? ??? ??? ? ? ? ??? ??? ? ? ? ??? 1.5 ??? ? ? ? ??? ??? ? ? ? ??? 1.5 ??? ? ? ? ??? ??? ? ? ? ??? 2.0 ?? ?? ?? ns ???? ???? ???????? ???????? ???????? ???????? v cc = 5.0 0.5v c l = 50pf (note 1.) ??? ??? ??? ??? ??? ??? 1.0 ??? ??? ??? ??? 1.0 ??? ??? ??? ??? 1.5 ?? ?? ???? ? ?? ? ???? c in ???????? ? ?????? ? ???????? maximum input capacitance ???????? ? ?????? ? ???????? ??? ? ? ? ??? ??? ? ? ? ??? 4 ??? ? ? ? ??? 10 ??? ? ? ? ??? ??? ? ? ? ??? 10 ??? ? ? ? ??? ??? ? ? ? ??? 10 ?? ?? ?? pf ???? ? ?? ? ???? c out ???????? ? ?????? ? ???????? maximum threestate output capacitance (output in high impedance state) ???????? ? ?????? ? ???????? ??? ? ? ? ??? ??? ? ? ? ??? 6 ??? ? ? ? ??? ??? ? ? ? ??? ??? ? ? ? ??? ??? ? ? ? ??? ??? ? ? ? ??? ?? ?? ?? pf typical @ 25 c, v cc = 5.0v c pd power dissipation capacitance (note 2.) 14 pf 1. parameter guaranteed by design. t oslh = |t plhm t plhn |, t oshl = |t phlm t phln |. 2. c pd is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption with out load. average operating current can be obtained by the equation: i cc(opr ) = c pd  v cc  f in + i cc /4 (per buffer). c pd is used to determine the noload dynamic power consumption; p d = c pd  v cc 2  f in + i cc  v cc . noise characteristics (input t r = t f = 3.0ns, c l = 50pf, v cc = 5.0v) t a = 25 c symbol characteristic typ max unit v olp quiet output maximum dynamic v ol 0.3 0.8 v v olv quiet output minimum dynamic v ol 0.3 0.8 v v ihd minimum high level dynamic input voltage 3.5 v v ild maximum low level dynamic input voltage 1.5 v
mc74vhct125a http://onsemi.com 4 switching waveforms figure 1. figure 2. y 1.5v 1.5v 1.5v 3.0v gnd high impedance v ol + 0.3v v oh - 0.3v y y oe t pzl t plz t pzh t phz *includes all probe and jig capacitance c l * test point device under test output figure 3. test circuit *includes all probe and jig capacitance figure 4. test circuit output test point c l * 1 k w connect to v cc when testing t plz and t pzl. connect to gnd when testing t phz and t pzh. device under test high impedance 1.5v 1.5v 3.0v gnd t plh t phl a v oh v ol marking diagrams (top view) 14lead soic d suffix case 751a 14lead tssop dt suffix case 948g 13 14 12 11 10 9 8 2 1 34567 13 14 12 11 10 9 8 2 1 34567 14lead soic eiaj m suffix case 965 13 14 12 11 10 9 8 2 1 34567 vhct125a vhct awlyww* 125a alyw* *see applications note #and8004/d for date code and traceability information. vhct125a awlyww*
mc74vhct125a http://onsemi.com 5 package dimensions d suffix plastic soic package case 751a03 issue f min min max max millimeters inches dim a b c d f g j k m p r 8.55 3.80 1.35 0.35 0.40 0.19 0.10 0 5.80 0.25 8.75 4.00 1.75 0.49 1.25 0.25 0.25 7  6.20 0.50 0.337 0.150 0.054 0.014 0.016 0.008 0.004 0 0.228 0.010 0.344 0.157 0.068 0.019 0.049 0.009 0.009 7  0.244 0.019 1.27 bsc 0.050 bsc notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. a b p 7 pl g c k seating plane d 14 pl m j r x 45 1 7 8 14 0.25 (0.010) t b a m s s b 0.25 (0.010) m m f
mc74vhct125a http://onsemi.com 6 package dimensions dt suffix plastic tssop package case 948g01 issue o dim min max min max inches millimeters a 4.90 5.10 0.193 0.200 b 4.30 4.50 0.169 0.177 c --- 1.20 --- 0.047 d 0.05 0.15 0.002 0.006 f 0.50 0.75 0.020 0.030 g 0.65 bsc 0.026 bsc h 0.50 0.60 0.020 0.024 j 0.09 0.20 0.004 0.008 j1 0.09 0.16 0.004 0.006 k 0.19 0.30 0.007 0.012 k1 0.19 0.25 0.007 0.010 l 6.40 bsc 0.252 bsc m 0 8 0 8 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash, protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. dimension k does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the k dimension at maximum material condition. 6. terminal numbers are shown for reference only. 7. dimension a and b are to be determined at datum plane -w-.  s u 0.15 (0.006) t 2x l/2 s u m 0.10 (0.004) v s t l u seating plane 0.10 (0.004) t ??? ??? section nn detail e j j1 k k1 detail e f m w 0.25 (0.010) 8 14 7 1 pin 1 ident. h g a d c b s u 0.15 (0.006) t v 14x ref k n n
mc74vhct125a http://onsemi.com 7 package dimensions m suffix plastic soic eiaj package case 96501 issue o h e a 1 dim min max min max inches --- 2.05 --- 0.081 millimeters 0.05 0.20 0.002 0.008 0.35 0.50 0.014 0.020 0.18 0.27 0.007 0.011 9.90 10.50 0.390 0.413 5.10 5.45 0.201 0.215 1.27 bsc 0.050 bsc 7.40 8.20 0.291 0.323 0.50 0.85 0.020 0.033 1.10 1.50 0.043 0.059 0 0.70 0.90 0.028 0.035 --- 1.42 --- 0.056 a 1 h e q 1 l e  10  0  10  l e q 1  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions d and e do not include mold flash or protrusions and are measured at the parting line. mold flash or protrusions shall not exceed 0.15 (0.006) per side. 4. terminal numbers are shown for reference only. 5. the lead width dimension (b) does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the lead width dimension at maximum material condition. dambar cannot be located on the lower radius or the foot. minimum space between protrusions and adjacent lead to be 0.46 ( 0.018). 0.13 (0.005) m 0.10 (0.004) d z e 1 14 8 7 e a b view p c l detail p m a b c d e e 0.50 m z
mc74vhct125a http://onsemi.com 8 on semiconductor and are trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scill c data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body , or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthori zed use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. publication ordering information central/south america: spanish phone : 3033087143 (monfri 8:00am to 5:00pm mst) email : onlitspanish@hibbertco.com asia/pacific : ldc for on semiconductor asia support phone : 3036752121 (tuefri 9:00am to 1:00pm, hong kong time) toll free from hong kong & singapore: 00180044223781 email : onlitasia@hibbertco.com japan : on semiconductor, japan customer focus center 4321 nishigotanda, shinagawaku, tokyo, japan 1418549 phone : 81357402745 email : r14525@onsemi.com on semiconductor website : http://onsemi.com for additional information, please contact your local sales representative. mc74vhct125a/d north america literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 3036752175 or 8003443860 toll free usa/canada fax : 3036752176 or 8003443867 toll free usa/canada email : onlit@hibbertco.com fax response line: 3036752167 or 8003443810 toll free usa/canada n. american technical support : 8002829855 toll free usa/canada europe: ldc for on semiconductor european support german phone : (+1) 3033087140 (mf 1:00pm to 5:00pm munich time) email : onlitgerman@hibbertco.com french phone : (+1) 3033087141 (mf 1:00pm to 5:00pm toulouse time) email : onlitfrench@hibbertco.com english phone : (+1) 3033087142 (mf 12:00pm to 5:00pm uk time) email : onlit@hibbertco.com european tollfree access*: 0080044223781 *available from germany, france, italy, england, ireland


▲Up To Search▲   

 
Price & Availability of MC74VHCT125A-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X