Part Number Hot Search : 
TDA9183T 90816 MSKW2022 90816 8LM18 NJU6391 N82002MT PE44451
Product Description
Full Text Search
 

To Download LUGR37M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.sunled.com published date : mar 21, 2008 drawing no : sd sa3150 v7 checked : b.l.liu p.1/5 part number: LUGR37M t-1 (3mm) bi-color indicator lamp notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.25(0.01") unless otherwise noted. 3. specifications are subjec t to change without notice. features z uniform light output. z low power consumption. z i.c. compatible. z long life - solid state reliability. z rohs compliant. operating characteristics (t a =25c ) ur (gaasp/ gap) ug (gap) unit forward voltage (typ.) (i f =20ma) v f 2.0 2.2 v forward voltage (max.) (i f =20ma) v f 2.5 2.5 v wavelength of peak emission (typ.) (if=20ma) p 627 565 nm wavelength of dominant emission (typ.) (if=20ma) d 625 568 nm spectral line full width at half-maximum (typ.) (if=20ma) ? 45 30 nm capacitance (typ.) (vf=0v, f=1mhz) c 15 15 pf absolute maximum ratings (t a =25c ) ur (gaasp/ gap) ug (gap) unit forward current i f 30 25 ma forward current (peak) 1/10duty cycle 0.1ms pulse width i fs 160 140 ma power dissipation p t 75 62.5 mw operating temperature t a -40 ~ +85 c storage temperature tstg -40 ~ +85 lead solder temperature [2mm below package base] 260c for 3 seconds lead solder temperature [5mm below package base] 260c for 5 seconds part number emitting color emitting material lens-color luminous intensity (if=20ma) mcd wavelength nm p viewing angle 2 1/2 min. typ. LUGR37M red gaasp/gap 7 19 627 60 green gap 7 15 565 white diffused
www.sunled.com published date : mar 21, 2008 drawing no : sd sa3150 v7 checked : b.l.liu p.2/5 part number: LUGR37M t-1 (3mm) bi-color indicator lamp ? ur
www.sunled.com published date : mar 21, 2008 drawing no : sd sa3150 v7 checked : b.l.liu p.3/5 part number: LUGR37M t-1 (3mm) bi-color indicator lamp ? ug
www.sunled.com published date : mar 21, 2008 drawing no : sd sa3150 v7 checked : b.l.liu p.4/5 part number: LUGR37M t-1 (3mm) bi-color indicator lamp remarks: if special sorting is required (e.g. binning based on forward vo ltage, luminous intensity / luminous flux or wavelength), the typical accuracy of the so rting process is as follows: 1. wavelength: +/-1nm 2. luminous intensity / luminous flux: +/-15% 3. forward voltage: +/-0.1v note: accuracy may depend on the sorting parameters.
www.sunled.com published date : mar 21, 2008 drawing no : sd sa3150 v7 checked : b.l.liu p.5/5 part number: LUGR37M t-1 (3mm) bi-color indicator lamp packing & label specifications LUGR37M


▲Up To Search▲   

 
Price & Availability of LUGR37M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X