Part Number Hot Search : 
SMBJ120A EN5810A AT54S 2012D12 TQ2SA 1230D6 TDA9181 BRY56
Product Description
Full Text Search
 

To Download B41607A8158M002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 epcos ag large size aluminum electrolytic capacitors introduction the b41605 and b41607 series were designed for applications with strin- gent demands for power and current carrying capacity at ambient temper- atures ranging up to 150 ?. tinned copper leads of 1.2 mm diameter, al- so allowing determination of the poles because of the different lead length, can be either welded or soldered. to stand up to extreme demands for vibrational stability in an automobile, epcos developed a special process for these models, in the meantime patented, that fixes the capacitor winding so reliably by a sophisticated corrugation configuration that vibra- tional stability of 40 g can be speci- fied even for these large-sized models. 40 g corrugation profile aluminum case winding kal0982-9-e insulating sleeve 40 g vibration stability version snap-in version outstanding long-term 40 g vibrational strength thanks to rugged corrugation
2 epcos ag data sheet b41607 specifications and characteristics in brief product rated voltage v r 25 ?63 vdc surge voltage v surge 1.15 ?v r rated capacitance c r 800 ?4700 ? capacitance tolerance 20% ; m leakage current i leak (5 min, 20 ?) self-inductance esl 15 nh useful life requirements: 150 ?; v r ; 0.5 ?i~ r > 2 000 h ? c/c ?0% of initial value 125 ?; v r ; i~ r > 10 000 h esr 3 times initial specified limit 85 ?; v r ; 2.1 ?i~ r > 30 000 h i leak initial specified limit 40 ?; v r ; 2.1 ?i~ r > 500 000 h voltage endurance test post test requirements: 125 ?; v r 5 000 h ? c/c ?0% of initial value esr 1.3 times initial specified limit i leak initial specified limit vibration resistance to iec 60068-2-6, test fc: 40 g vibration stability version snap-in version with 3 terminals displacement amplitude 3 mm, displacement amplitude 0.75 mm, frequency range at 10 hz ?2 khz, frequency range at 10 hz ?2 khz, acceleration max. 40 g , duration 3 x 2 h acceleration max. 10 g , duration 3 x 2 h iec climatic category to iec 60068-1: 55/125/56 (?55 ?/+125 ?/56 days damp heat test) detail specification similar to cecc 30301-809 sectional specification iec 60384-4 i leak 0.006 ?a c r v r + 4 a ? v specifications and characteristics in brief features g g vibration stability version with wired terminals. weldable and solderable terminals. tinned copper leads ( ?
dimensions (mm) approx. weight paking units d +1 l 2 (g) (pieces) 22 40 21 160 25 40 28 130 25 50 35 130 dimensions (mm) approx. weight d +1 l 2 (g) 22 40 21 25 40 28 25 50 35 3 epcos ag data sheet b41607 dimensional drawing dimensions, weights and packing units large size capacitor, snap-in version with 3 terminals dimensional drawing dimensions and weights large size capacitor, 40 g vibration stability version with wired terminals kal0963-3-e 4 1 ? 2 5 ? d 0 . 8 1.50.2 minus pole marking 20.1 3 . 3 0 . 1 1 0 0 . 1 4 . 7 5 0 . 1 2.5 min. mounting holes 1 4.5 _ +0.2 0.1 0.8 _ 25 2 _ kal0962-u-e 8.40.5 +0.04 1.2 0.02 _ 2 23 _ positions for minus permissible range of pole marking d ?) 25 ? ? ) ? ) 2 5 ? packing units on request.
25 2500 22 x 40 25 35 115 26 25 10.7 5.6 2.8 b41607a5258m*** 3300 25 x 40 18 25 80 18 18 14.5 7.6 3.8 b41607a5338m*** 4700 25 x 50 13 18 60 13 13 18.5 9.7 4.9 b41607a5478m*** 40 1500 22 x 40 35 48 115 26 25 10.5 5.5 2.8 b41607a7158m*** 2000 25 x 40 22 30 80 17 17 14.6 7.7 3.8 b41607a7208m*** 2700 25 x 50 16 23 60 13 13 18.5 9.7 4.9 b41607a7278m*** 55 1100 22 x 40 40 55 115 26 25 10.5 5.5 2.8 b41607a0118m*** 1500 25 x 40 25 35 80 17 17 14.6 7.7 3.8 b41607a0158m*** 2000 25 x 50 19 26 60 13 13 18.5 9.8 4.9 b41607a0208m*** 63 800 22 x 40 45 62 115 26 25 10.3 5.4 2.7 b41607a8807m*** 1100 25 x 40 30 43 90 17 18 14.5 7.6 3.8 b41607a8118m*** 1500 25 x 50 23 32 65 13 14 18.5 9.7 4.9 b41607a8158m*** 4 epcos ag data sheet b41607 technical data, case dimensions and ordering codes v r c r case esr typ esr max esr max esr max z max i~ max i~ r i~ max ordering code 100 hz dimensions 100 hz 100 hz 100 hz 10 khz 100 khz 10 khz 10 khz 10 khz 20 ? d x l 20 ? 20 ? ?0 ? 20 ? 20 ? 105 ? 125 ? 150 ? vdc ? mm m ? m ? m ? m ? m ? aaa *** = "002" for snap-in version with 3 terminals (protection against polarity reversal), fully insulated. "009" for 40 g vibration stability version with wired terminals, fully insulated.
5 epcos ag data sheet b41607 characteristics 100 1.0 40 0 0.5 50 60 80 500 000 h 70 100 000 h 90 ~ ~ 1.5 2.0 2.5 r 3.0 4 000 h 140 120 30 000 h 110 10 000 h 130 a t ? c 2 000 h 160 kal0954-4 b41607 100 1.0 40 0 0.5 50 60 80 500 000 h 70 100 000 h 90 ~ ~ 1.5 2.0 2.5 r 3.0 4 000 h 140 120 30 000 h 110 10 000 h 130 c t ? c 2 000 h 160 b41607 kal0955-c 10 f kal0956-k 0 b41607 2 510 3 hz 10 4 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.2 ~ 10 khz f ~ [mm] 30 35 r v 40 vdc 55 vdc ba cb 25 vdc a a c d b a 5 63 vdc cc 25 b c d d 22 a b c c 10 1 f kal0835-r 0 1 2 3 4 5 7 510 2 510 3 10 hz 4 85 ? c 20 ? c 40 ? c _ 125 ? c b41607 esr 10 khz esr f 10 1 10 2 5 3 10 10 4 10 5 55hz f kal0834-i 10 3 _ esr 10 _ 2 ? _ 40 ? c _ 25 ? c 20 ? c _ > 60 ? c 5 b41607 10 1 _ 10 1 10 2 5 3 10 10 4 10 5 55hz f kal0833-a z 10 2 _ 10 1 ? 40 ? c _ 20 ? c _ > 60 ? c 25 ? c _ b41607 10 _ 1 10 0 5 5 5 frequency factor of permissible ripple current i~ versus frequency f frequency characteristics of esr versus frequency f at different temperatures t typical behavior impedance z versus frequency f at different temperatures typical behavior for 1500 ?/55 v equivalent series resistance esr versus frequency f at different temperatures typical behavior for 1500 ?/55 v useful life depending on ambient temperature t a under ripple current operating conditions at v r useful life depending on case temperature t c under ripple current operating conditions at v r
herausgegeben von epcos ag unternehmenskommunikation, postfach 80 17 09, 81617 mnchen, deutschland  ++49 89 636 09, fax (0 89) 636-2 26 89 ? epcos ag 2004. vervielf?ltigung, v er?ffentlichung, ver breitung und v erwertung dieser broschre und ihres inhalts ohne aus- drckliche genehmigung der epcos ag nicht gestattet. bestellungen unterliegen den vom zvei empfohlenen allgemeinen lieferbedingungen fr erzeugnisse und leistungen der elek- troindustrie, soweit nichts anderes vereinbart wird. diese broschre ersetzt die vorige ausgabe. fragen ber technik, preise und lieferm?glichkeiten rich ten sie bitte an den ihnen n?chstgelegenen vertrieb der epcos ag oder an unsere vertriebsgesellschaften im ausland. bauelemente k?nnen aufgrund technischer erfordernisse gefahrstoffe ent- halten. ausknfte darber bitten wir unter angabe des betreffenden typs ebenfalls ber die zust?ndige vertriebsgesellschaft ein - zuholen. published by epcos ag corporate communications, p.o. box 80 17 09, 81617 munich, germany  ++49 89 636 09, fax (0 89) 636-2 26 89 ? epcos ag 2004. reproduction, publication and dissemination of t his brochure and the inf ormation contained therein without epcos? prior express consent is prohibited. purchase orders are subject to the general conditions for the s upply of products and services of the electrical and electronics industry recommended by the zvei (german electrical and el ectronic manufacturers? associ ation), unless otherwise agreed. this brochure replaces the previous edition. for questions on technology, prices and delivery please contact the sales offices of epcos ag or the international representa- tives. due to technical requirements components may contain dangerous substances. for information on the type in question please also contact one of our sales offices.


▲Up To Search▲   

 
Price & Availability of B41607A8158M002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X