Part Number Hot Search : 
SZ553J BCP5510 5N65K PSEI2X31 5N65K AX8877C KBPC5010 BUJ205A
Product Description
Full Text Search
 

To Download APT30D30S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced technical information APT30D30S 300v 30a 12 1 - cathode 2 - anode back of case - cathode characteristic / test conditions maximum d.c. reverse voltage maximum peak repetitive reverse voltage maximum working peak reverse voltage maximum average forward current (t c = 110c, duty cycle = 0.5) rms forward current non-repetitive forward surge current (t j = 45c, 8.3ms) operating and storagetemperature range lead temperature: 0.063" from case for 10 sec. symbol v r v rrm v rwm i f (av) i f (rms) i fsm t j ,t stg t l symbol v f i rm c t l s characteristic / test conditions i f = 30a maximum forward voltage i f = 60a i f = 30a, t j = 150c maximum reverse leakage current v r = v r rated v r = v r rated, t j = 125c junction capacitance, v r = 150v series inductance (lead to lead 5mm from base) static electrical characteristics product benefits ? low losses ? low noise switching ? cooler operation ? higher reliability systems ? increased system power density unit volts amps c unit volts a pf nh min typ max 1.4 1.4 1.2 250 500 70 10 APT30D30S 300 30 70 320 -55 to 150 300 maximum ratings all ratings: t c = 25c unless otherwise specified. product features ? ultrafast recovery times ? soft recovery characteristics ? surface mount d 3 pak ? low forward voltage ? high blocking voltage ? low leakage current product applications ? anti-parallel diode -switchmode power supply -inverters ? free wheeling diode -motor controllers -converters ? snubber diode ? uninterruptible power supply (ups) ? induction heating ? high speed rectifiers ultrafast soft recovery rectifier diode 053-4054 rev- 6-2001 apt website - http://www.advancedpower.com d 3 pak 2 1 usa 405 s.w. columbia street bend, oregon 97702 -1035 phone: (541) 382-8028 fax: (541) 388-0364 europe chemin de magret f-33700 merignac - france phone: (33) 5 57 92 15 15 fax: (33) 5 56 47 97 61
advanced technical information 053-4054 rev- 6-2001 min typ max 35 tbd 40 60 162 162 59 816 110 280 2.9 2.9 400 700 unit ns amps nc volts a/s APT30D30S characteristic (single diode) reverse recovery time, i f = 1.0a, di f /dt = -15a/s, v r = 30v, t j = 25c reverse recovery time t j = 25c i f = 30a, di f /dt = -240a/s, v r = 180v t j = 100c forward recovery time t j = 25c i f = 30a, di f /dt = 240a/s, v r = 180v t j = 100c reverse recovery current t j = 25c i f = 30a, di f /dt = -240a/s, v r = 180v t j = 100c recovery charge t j = 25c i f = 30a, di f /dt = -240a/s, v r = 180v t j = 100c forward recovery voltage t j = 25c i f = 30a, di f /dt = 240a/s, v r = 180v t j = 100c rate of fall of recovery current t j = 25c i f = 30a, di f /dt = -240a/s, v r = 180v t j = 100c dynamic characteristics symbol t rr1 t rr2 t rr3 t fr1 t fr2 i rrm1 i rrm2 q rr1 q rr2 v fr1 v fr2 dim/dt thermal and mechanical characteristics characteristic / test conditions (single diode) junction-to-case thermal resistance junction-to-ambient thermal resistance package weight symbol r q jc r q ja w t min typ max 0.90 40 0.22 6.1 unit c/w oz gm d 3 pak package outline 15.85 (.624) 16.05 (.632) 18.70 (.736) 19.10 (.752) 1.15 (.045) 1.45 (.057) 5.45 (.215) bsc (2 plcs.) 4.90 (.193) 5.10 (.201) 1.45 (.057) 1.60 (.063) 2.70 (.106) 2.90 (.114) 0.40 (.016) 0.65 (.026) dimensions in millimeters (inches) heat sink (cathode) and leads are plated 2.40 (.094) 2.70 (.106) (base of lead) 1.90 (.075) 2.10 (.083) 0.020 (.001) 0.250 (.010) 1.20 (.047) 1.40 (.055) 12.40 (.488) 12.70 (.500) 13.30 (.524) 13.60 (.535) 1.00 (.039) 1.15 (.045) revised 2/24/95 cathode (heat sink) cathode anode apt reserves the right to change, without notice, the specifications and information contained herein. apt's devices are covered by one or more of the following u.s.patents: 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058


▲Up To Search▲   

 
Price & Availability of APT30D30S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X