Part Number Hot Search : 
263002B AN8004M M5231 CX550 PA142 LM321 B1369 A12BB
Product Description
Full Text Search
 

To Download AEF-35A-500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  typical performance a-size flatpack outline general notes: 1. the AEF-35A-500 is a constant impedance, voltage controlled, pin diode , p network variable attenuator covering 10 to 1,000 mhz. 2. careful design of thick film resistive pads and detailed selection of suitable pin diodes provide a wide operating bandwidth and attenuation range. units with closely controlled phase shift are available as aff-20a series. 3. screened versions with extended reliability components are available on request for hi-reliability and similar applications. general specifications impedance: 50 w nom. vswr: 1.5:1 typ., 2.5:1 max. bias: +15 vdc @ 1 ma nom. control voltage: 0 to +15 vdc control current: 0 to 10 ma control bandwidth : dc to 100 khz input intercept point : +21 db nom. (2 tone, 3rd order, @ input o f --- - 10 dbm) switching time : 20 m s typ. (step input, 5 0 w source impedance) weight, nominal: 0.1 oz (2.8 grams) operating temp: -- 20 to +85c AEF-35A-500 pin diode attenuator 10 to 1000 mhz / 0 to 30 db attenuation range / voltage controlled / multi-octave / hi-rel fl a t - pack principal specifications operating attenuation insertion frequency range , loss, max., range, mhz db, min. @ v c =15v 10 - 100 0 - 50 3.0 db 100 - 500 0 - 35 3.0 db 500 -1000 0 - 30 3.0 db for further information contac t merrimac / 41 fairfield pl., west caldwell, nj, 07006 / 97 3 -575-1300 / fax 973-575-0531 23feb96 notes: 1. tolerance on 3 place decimal s .010(.25) except as noted. 2. dimensions in inches over millimeters. 3. dimensions marked with * apply only at body. 4. all unmarked terminals are ground.


▲Up To Search▲   

 
Price & Availability of AEF-35A-500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X