Part Number Hot Search : 
2SC2860 AON7810 307C1529 SMAJ36A GR3GB MBR20 05351 HETA1663
Product Description
Full Text Search
 

To Download 87758-3816 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/25/2010 please check www.molex.com for latest part information part number: 0877583816 status: active overview: milligrid description: 2.00mm (.079") pitch milli-grid? header, through hole, vertical, 38 circuits, 0.38m (15") gold (au) selective plating, pocket tray packaging, lead-free documents: drawing (pdf) rohs certificate of compliance (pdf) product specification ps-87761-100 (pdf) agency certification ul e29179 general product family pcb headers series 87758 application board-to-board overview milligrid product name milli-grid? physical breakaway yes circuits (loaded) 38 circuits (maximum) 38 color - resin black first mate / last break no flammability 94v-0 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part none mated height (in) 0.157 in mated height (mm) 4.00 mm material - metal phosphor bronze material - plating mating gold material - plating termination tin material - resin nylon number of rows 2 orientation vertical pc tail length (in) 0.102 in pc tail length (mm) 2.60 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.063 in pcb thickness recommended (mm) 1.60 mm packaging type tray pitch - mating interface (in) 0.079 in pitch - mating interface (mm) 2.00 mm pitch - term. interface (in) 0.079 in pitch - term. interface (mm) 2.00 mm plating min: mating (in) 15 plating min: mating (m) 0.38 polarized to mating part no polarized to pcb no shrouded no stackable no series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 87758 series mates with 79107 milli-grid? receptacle, vertical, through hole. 79108 milli-grid? flex-to- board, vertical receptacle. milli-grid? receptacle, surface mount. 79109. 87381
surface mount compatible (smc) yes temperature range - operating -55c to +105c termination interface: style through hole electrical current - maximum per contact 2a voltage - maximum 125v solder process data duration at max. process temperature (seconds) 3 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 250 material info reference - drawing numbers product specification ps-87761-100 sales drawing sd-87758-107 this document was generated on 05/25/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 87758-3816

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X