this document was generated on 06/08/2010 please check www.molex.com for latest part information part number: 0039012061 status: active overview: minifit_jr description: 4.20mm (.165") pitch mini-fit jr.? plug housing, dual row, with and without panel mount ears, ul 94v-2, panel mount, 6 circuits documents: 3d model product specification ps-5556-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 tuv r72081037 ul e29179 general product family crimp housings series 5559 comments current = 13a max. per circuit when header is mated to a receptacle loaded with 45750 series terminals crimped to 16 awg wire. . see molex product specification ps-45750-001 for additional current de- rating information.. not for use with strain relief molexkits yes overview minifit_jr product name mini-fit jr.? physical breakaway no circuits (maximum) 6 color - resin natural flammability 94v-2 gender male glow-wire compliant no material - resin nylon number of rows 2 packaging type bag panel mount yes pitch - mating interface (in) 0.165 in pitch - mating interface (mm) 4.20 mm pitch - term. interface (in) 0.165 in pitch - term. interface (mm) 4.20 mm polarized to mating part yes stackable no temperature range - operating -40c to +105c electrical current - maximum per contact 13a material info old part number 5559-06P reference - drawing numbers packaging specification spk-5559-001 product specification ps-5556-001 sales drawing sd-5559-np test summary ts-5556-002 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 5559 series mates with 5557d receptacle housing use with 5558 , 44478 , 30490 , 41995
this document was generated on 06/08/2010 please check www.molex.com for latest part information
|