this document was generated on 04/22/2010 please check www.molex.com for latest part information part number: 0393570003 status: active description: 3.50mm (.138") pitch beau eurostyle? fixed mount pcb terminal block, 3 circuits documents: 3d model rohs certificate of compliance (pdf) drawing (pdf) agency certification ul e48521 general product family terminal blocks series 39357 application wire-to-board component type one piece product literature order no usa-283 product name eurostyle?fixed mount type euro block physical circuits (loaded) 3 circuits (maximum) 3 entry angle horizontal flammability 94v-0 lock to mating part none number of rows 1 orientation vertical pc tail length (in) 0.138 in pc tail length (mm) 3.50 mm pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm panel mount no pitch - mating interface (in) 0.138 in pitch - mating interface (mm) 3.50 mm pitch - term. interface (in) 0.138 in pitch - term. interface (mm) 3.50 mm polarized to mating part no shrouded fully stackable yes surface mount compatible (smc) no temperature range - operating -30c to +85c wire size awg 16, 18, 20, 22, 24, 26, 28 wire size mm2 0.20 - 1.00 electrical current - maximum per contact 17.5a voltage - maximum 300v material info old part number 350103 reference - drawing numbers sales drawing sd-39357-001 series image - reference only eu rohs china rohs rohs compliant by exemption reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 39357 series
this document was generated on 04/22/2010 please check www.molex.com for latest part information
|