Part Number Hot Search : 
THV310 MRX9516 BTA92 70M30 231K1 NLAS5213 B09N03 RF160B
Product Description
Full Text Search
 

To Download 3659-14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3m interconnect solutions division 6801 river place blvd. austin, tx 78726-9000 for technical, sales or ordering information call 800-225-5373 .050 round, shielded/jacketed, flat cable 28 awg stranded, mass-term, pvc/pvc 3659 series 34 ts-0083-14 sheet 1 of 2  round construction permits easier routing  28 awg wire on .050 inch pitch permits mass termination to broad line of idc connectors  continuous split/bond repeat allows for mass termination on 2.4 inch centers (approximate)  primary cable is zippable for branching or discrete terminations  meets external wiring requirements of national electrical code, article 725 (cl2)  ul listed for usa and canadian markets  dual shielding provides 35 db average shielding effectiveness date modified: july 29, 1999 physical jacket material: polyvinyl chloride (pvc) color: black primary material: pvc color: gray marking standard: (ul) cl2 75c 28 awg or awm 20267 3m nu c awm iia/b 80c 300v ft1 eu <50v conductors: 28 awg 7 36 [ 7 0.127 ] tinned stranded copper shielding: .001 [ 0.03 ] thick aluminum/polyester film foil and 90% coverage tinned copper braid electrical voltage rating: usa: n.e.c. 725, cl2 or awm; 300v canada: 300v eu: <50v insulation resistance: > 1 10 10 w /10 ft. [ 3m ] unbalanced balanced characteristic impedance 62 w 106 w capacitance 27.7 pf/ft. [ 90.88 pf/m ] 15.2 pf/ft. [ 49.9 pf/m ] inductance .13 m h/ft. [ 0.43 m h/m ] .20 m h/ft. [ 0.66 m h/m ] propagation delay 1.72 ns/ft. [ 5.64 ns/m ] 1.62 ns/ft. [ 5.32 ns/m ] velocity of propagation 59% 62% note: unbalanced is measured between ground-signal-ground conductors with shield grounded. balanced is measured between signal conductors within a pair, with the shield floating. environmental temperature rating: usa: cl2; 75 c max or awm; 20 c to +80 c canada: 80 c flammability rating: usa: n.e.c. 725, cl2 canada: fti ul file no.: e118773, power limited circuit cable: cl2 (or awm style 20267)
3m interconnect solutions division 6801 river place blvd. austin, tx 78726-9000 for technical, sales or ordering information call 800-225-5373 .050 round, shielded/jacket, flat cable 28 awg stranded, mass-term, pvc/pvc 3659 series number of conductors 3m part number dimension a .03 dimension b ref (see note 2) 09 3659/09 0.27 [ 6.9 ] 0.40 [ 10.2 ] 10 3659/10 0.27 [ 6.9 ] 0.45 [ 11.4 ] 14 3659/14 0.31 [ 7.9 ] 0.65 [ 16.5 ] 15 3659/15 0.31 [ 7.9 ] 0.70 [ 17.8 ] 16 3659/16 0.31 [ 7.9 ] 0.75 [ 19.1 ] 20 3659/20 0.34 [ 8.6 ] 0.95 [ 24.1 ] 24 3659/24 0.37 [ 9.4 ] 1.15 [ 29.2 ] 25 3659/25 0.37 [ 9.4 ] 1.20 [ 30.5 ] 26 3659/26 0.37 [ 9.4 ] 1.25 [ 31.8 ] 34 3659/34 0.41 [ 10.4 ] 1.65 [ 41.9 ] 36 3659/36 0.43 [ 10.9 ] 1.75 [ 44.5 ] 37 3659/37 0.43 [ 10.9 ] 1.80 [ 45.7 ] 40 3659/40 0.43 [ 10.9 ] 1.95 [ 49.5 ] 50 3659/50 0.48 [ 12.2 ] 2.45 [ 62.2 ] 60 3659/60 0.51 [ 13.0 ] 2.95 [ 74.9 ] 64 3659/64 0.54 [ 13.7 ] 3.15 [ 80.0 ] b a bonded split 1.0 ref. [25] aluminum polyester film foil 2.4 ref [61] 0.050 typ [ 1.27 ] .026 min [0.66] pvc jacket 28 awg 7 x 36 [ 7 x 0.127 ] tinned stranded copper conductors pvc primary insulation paper [ mfgr option ] notes: 1. red marking on one edge of primary cable designates wire #1. 2. dimension b pertains to bonded area only. braid ordering information note: available in standard length of 100 or 300 ft/roll, please specify when ordering. 3659x/xx ts-0083-14 sheet 2 of 2 number of conductors (see table) inch [mm] .010 .1 .05 tolerance unless noted .0 .00 .000 inch [ ] dimensions for reference only r ? jacket color options blank = astandardo black jacket c = aspecialo cream jacket g = aspecialo gray jacket l = aspecialo light olive jacket


▲Up To Search▲   

 
Price & Availability of 3659-14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X