Part Number Hot Search : 
AK53264D X25256S8 BD620 FBI6J1M1 SDB2301 UPD168 MMSZ5221 A5800836
Product Description
Full Text Search
 

To Download 2SD2115S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2sd2115(l)/(s) silicon npn epitaxial planar application low frequency power amplifier outline 4 1 2 3 4 3 2 1 1. base 2. collector 3. emitter 4. collector dpak s type l type absolute maximum ratings (ta = 25c) item symbol rating unit collector to base voltage v cbo 150 v collector to emitter voltage v ceo 60 v emitter to base voltage v ebo 5v collector current i c 2a collector peak current i c(peak) 2.5 a collector power dissipation p c * 1 18 w junction temperature tj 150 c storage temperature tstg C55 to +150 c note: 1. value at t c = 25c.
2sd2115(l)/(s) 2 electrical characteristics (ta = 25c) item symbol min typ max unit test conditions collector to base breakdown voltage v (br)cbo 150 v i c = 1 ma, i e = 0 collector to emitter breakdown voltage v (br)ceo 60 v i c = 10 ma, r be = emitter to base breakdown voltage v (br)ebo 5vi e = 1 ma, i c = 0 collector cutoff current i cbo 10av cb = 100 v, i e = 0 dc current transfer ratio h fe 150 v ce = 5 v, i c = 1.5 a* 1 collector to emitter saturation voltage v ce(sat) 0.8 v i c = 1.5 a, i b = 0.05 a* 1 base to emitter saturation voltage v be(sat) 1.3 v i c = 1.5 a, i b = 0.05 a* 1 fall time t f 0.6 s i c = 1.5 a, i b1 = Ci b2 = 50 ma note: 1. pulse test. maximum collector dissipation curve 30 20 10 0 50 100 150 case temperature t c ( c) collector power dissipation p c (w) 3.0 0.3 1.0 collector current i c (a) 0.1 0.03 110 3 30 100 collector to emitter voltage v ce (v) ta = 25 c, 1 shot pulse i c(peak) i c(max) pw = 10 ms 1 ms area of safe operation dc operation (t c = 25 c)
2sd2115(l)/(s) 3 t c = 25 c i b = 0 1.0 0.8 0.6 0.4 0.2 0 collector current i c (a) 2 collector to emitter voltage v ce (v) 6 410 8 typical output characteristics 0.5 ma 1 1.5 2 2.5 3.5 4.5 4 3 5 1,000 300 30 100 10 0.03 0.1 dc current transfer ratio h fe 0.3 collector current i c (a) 1.0 3.0 v ce = 5 v ta = 25 c dc current transfer ratio vs. collector current
2sd2115(l)/(s) 4 collector to emitter saturation voltage vs. base current 10 3.0 1.0 collector to emitter saturation voltage v ce(sat) (v) 0.3 0.1 2 10 30 100 200 base current i b (ma) ta = 25 c i c = 2 a 1.5 a 1 a saturation voltage vs. collector current 10 3 1.0 collector to emitter saturation voltage v ce(sat) (v) base to emitter saturation voltage v be(sat) (v) 0.3 0.1 0.03 0.01 0.03 0.1 1.0 collector current i c (a) 0.3 3.0 v be(sat) v ce(sat) i c = 20 i b ta = 25 c
2sd2115(l)/(s) 5 when using this document, keep the following in mind: 1. this document may, wholly or partially, be subject to change without notice. 2. all rights are reserved: no one is permitted to reproduce or duplicate, in any form, the whole or part of this document without hitachis permission. 3. hitachi will not be held responsible for any damage to the user that may result from accidents or any other reasons during operation of the users unit according to this document. 4. circuitry and other examples described herein are meant merely to indicate the characteristics and performance of hitachis semiconductor products. hitachi assumes no responsibility for any intellectual property claims or other problems that may result from applications based on the examples described herein. 5. no license is granted by implication or otherwise under any patents or other rights of any third party or hitachi, ltd. 6. medical applications: hitachis products are not authorized for use in medical applications without the written consent of the appropriate officer of hitachis sales company. such use includes, but is not limited to, use in life support systems. buyers of hitachis products are requested to notify the relevant hitachi sales offices when planning to use the products in medical applications.


▲Up To Search▲   

 
Price & Availability of 2SD2115S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X