Part Number Hot Search : 
TS1GJF NJU26116 C1145HSE F6410 MA746 6204A18 TS79M24 MCP6S21
Product Description
Full Text Search
 

To Download 158-91-1461 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 03/31/2010 please check www.molex.com for latest part information part number: 0015911461 status: active description: 2.54mm (.100") pitch c-grid? header, surface mount, dual row, vertical, 46 circuits, tin (sn) plating, with 3.30mm (.130") pcb locator pegs documents: 3d model product specification ps-71308 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 71308 application board-to-board, wire-to-board product name c-grid? physical breakaway yes circuits (loaded) 46 circuits (maximum) 46 color - resin black durability (mating cycles max) 25 flammability 94v-0 glow-wire compliant no lock to mating part none material - metal phosphor bronze material - plating mating tin material - plating termination tin material - resin high temperature thermoplastic number of rows 2 orientation vertical pcb locator yes pcb retention yes packaging type tube pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm plating min: mating (in) 152.4 plating min: mating (m) 3.81 plating min: termination (in) 152.4 plating min: termination (m) 3.81 polarized to mating part no polarized to pcb no shrouded no stackable yes temperature range - operating -40c to +105c termination interface: style surface mount electrical current - maximum per contact 3a voltage - maximum 250v solder process data lead-free process capability reflow capable (smt only) process temperature max. c 260 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 71308 series
material info old part number 71308-4046n reference - drawing numbers product specification ps-71308, rps-71308-001 sales drawing sd-71308-001 this document was generated on 03/31/2010 please check www.molex.com for latest part information







▲Up To Search▲   

 
Price & Availability of 158-91-1461

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X