|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
issue 3 - june 2007 1 www.zetex.com ? zetex semiconductors plc 2007 ZXTN07045EFF 45v, sot23f, npn high gain power transistor summary bv ceo > 45v bv eco > 6v i c(cont) = 4a v ce(sat) < 80mv @ 1a r ce(sat) = 50m p d = 1.5w complementary part number zxtp07040dff description this low voltage npn transistor has been designed for applications requiring high gain and very low saturation voltage. the sot23f package is pin compatible with th e industry standard sot23 footprint but offers lower profile and higher dissipation for ap plications where power density is of utmost importance. features ? low profile sot23f package ? low saturation voltage ?high gain ? high power dissipation applications ? boost converters ? lamp and relay driver ? siren driver ? mosfet and igbt gate driving ? motor drive ordering information device marking 1d4 device reel size (inches) tape width (mm) quantity per reel ZXTN07045EFFta 7 8 3000 c e b c e b pinout - top view
ZXTN07045EFF issue 3 - june 2007 2 www.zetex.com ? zetex semiconductors plc 2007 absolute maximum ratings notes: (a) for a device surface mounted on 15mm x 15mm x 1.6mm fr 4 pcb with high coverage of single sided 1oz copper, in still air conditions. (b) mounted on 25mm x 25mm x 1.6mm fr4 pcb with a high coverage of single sided 2 oz copper in still air conditions. (c) mounted on 50mm x 50mm x 1.6mm fr4 pcb with a high coverage of single sided 2 oz copper in still air conditions. (d) as (c) above measured at t<5secs. parameter symbol limit unit collector-base voltage v cbo 45 v collector-emitter voltage v ceo 45 v emitter-collector voltage (reverse blocking) v eco 6v emitter-base voltage v ebo 7v continuous collector current (c) i c 4a base current i b 1a peak pulse current i cm 6a power dissipation at t amb =25c (a) p d 0.84 w linear derating factor 6.72 mw/c power dissipation at t amb =25c (b) p d 1.34 w linear derating factor 10.72 mw/c power dissipation at t amb =25c (c) p d 1.50 w linear derating factor 12.0 mw/c power dissipation at t amb =25c (d) p d 2.0 w linear derating factor 16.0 mw/c operating and storage temperature range t j , t stg - 55 to 150 c thermal resistance parameter symbol limit unit junction to ambient (a) r ja 149 c/w junction to ambient (b) r ja 93 c/w junction to ambient (c) r ja 83 c/w junction to ambient (d) r ja 60 c/w ZXTN07045EFF issue 3 - june 2007 3 www.zetex.com ? zetex semiconductors plc 2007 characteristics ZXTN07045EFF issue 3 - june 2007 4 www.zetex.com ? zetex semiconductors plc 2007 electrical characteristics (at t amb = 25c unless otherwise stated) parameter symbol min. typ. max. unit conditions collector-base breakdown voltage bv cbo 45 160 v i c = 100 a collector-emitter breakdown voltage (base open) bv ceo 45 60 v i c = 10ma (*) notes: (*) measured under pulsed conditions. pulse width 300 s; duty cycle 2%. emitter-base breakdown voltage bv ebo 78.3 vi e = 100 a emitter-collector breakdown voltage (reverse blocking) bv ecx 68.2 vi e = 100 a, r bc < 1k or 0.25v > v bc > -0.25v emitter-collector breakdown voltage (base open) bv eco 67.2 vi e = 100 a, collector-base cut-off current i cbo <1 50 20 na a v cb = 35v v cb = 35v, t amb = 100c emitter-base cut-off current i ebo <1 50 na v eb = 5.6v collector-emitter saturation voltage v ce(sat) 45 70 mv i c = 0.1a, i b = 0.5ma (*) 160 230 mv i c = 1a, i b = 5ma (*) 60 80 mv i c = 1a, i b = 100ma (*) 200 270 mv i c = 2a, i b = 20ma (*) 230 280 mv i c = 4a, i b = 80ma (*) base-emitter saturation voltage v be(sat) 1000 1100 mv i c = 4a, i b = 80ma (*) base-emitter turn-on voltage v be(on) 875 1000 mv i c = 4a, v ce = 2v (*) static forward current transfer ratio h fe 500 800 1500 i c = 0.1a, v ce = 2v (*) 400 710 i c = 1a, v ce = 2v (*) 250 530 i c = 2a, v ce = 2v (*) 70 125 i c = 4a, v ce = 2v (*) transition frequency f t 150 190 mhz i c = 50ma, v ce = 5v f = 50mhz input capacitance c ibo 225 pf v eb = 0.5v, f = 1mhz (*) output capacitance c obo 18.4 25 pf v cb = 10v, f = 1mhz (*) delay time t d 22.3 ns v cc = 10v. i c = 500ma, i b1 = i b2 = 50ma. rise time t r 10.6 ns storage time t s 613 ns fall time t f 146 ns ZXTN07045EFF issue 3 - june 2007 5 www.zetex.com ? zetex semiconductors plc 2007 typical characteristics ZXTN07045EFF issue 3 - june 2007 6 www.zetex.com ? zetex semiconductors plc 2007 package outline - sot23f note: controlling dimensions are in millimeters. ap proximate dimensions are provided in inches dim. millimeters inches dim. millimeters inches min. max. min. max. min. max. max. max. a 0.80 1.00 0.0315 0.0394 e 2.30 2.50 0.0906 0.0984 a1 0.00 0.10 0.00 0.0043 e1 1.50 1.70 0.0590 0.0669 b 0.35 0.45 0.0153 0.0161 e2 1.10 1.26 0.0433 0.0496 c 0.10 0.20 0.0043 0.0079 l 0.48 0.68 0.0189 0.0268 d 2.80 3.00 0.1102 0.1181 l1 0.30 0.50 0.0153 0.0161 e 0.95 ref 0.0374 ref r 0.05 0.15 0.0019 0.0059 e1 1.80 2.00 0.0709 0.0787 o 0 12 0 12 d l1 c a1 b r bb e1 e e1 e l a ZXTN07045EFF issue 3 - june 2007 7 www.zetex.com ? zetex semiconductors plc 2007 intentionally left blank ZXTN07045EFF issue 3 - june 2007 8 www.zetex.com ? zetex semiconductors plc 2007 zetex sales offices europe zetex gmbh kustermann-park balanstra?e 59 d-81541 mnchen germany telefon: (49) 89 45 49 49 0 fax: (49) 89 45 49 49 49 europe.sales@zetex.com americas zetex inc 700 veterans memorial highway hauppauge, ny 11788 usa telephone: (1) 631 360 2222 fax: (1) 631 360 8222 usa.sales@zetex.com asia pacific zetex (asia ltd) 3701-04 metroplaza tower 1 hing fong road, kwai fong hong kong telephone: (852) 26100 611 fax: (852) 24250 494 asia.sales@zetex.com corporate headquarters zetex semiconductors plc zetex technology park, chadderton oldham, ol9 9ll united kingdom telephone: (44) 161 622 4444 fax: (44) 161 622 4446 hq@zetex.com ? 2007 published by zetex semiconductors plc definitions product change zetex semiconductors reserves the right to alter, without notice, specifications, design, price or conditions of supply of any product or service. customers are solely responsible for obtaining th e latest relevant information before placing orders. applications disclaimer the circuits in this design/application note are offered as desi gn ideas. it is the responsibility of the user to ensure that t he circuit is fit for the user?s application and meets with the user?s requirements. no representation or warranty is given and no liability whatsoev er is assumed by zetex with respect to the accuracy or use of such in formation, or infringement of patents or other intellectual prop erty rights arising from such use or otherwise. zetex does not assume any le gal responsibility or will not be held legally liable (whether in contract, tort (including negligence), breach of statutory duty, restricti on or otherwise) for any damages, loss of profit, business, con tract, opportunity or consequential loss in the use of th ese circuit applications, under any circumstances. life support zetex products are specifically not authorized for use as critic al components in life support devices or systems without the ex press written approval of the chief executive officer of zetex semiconductors plc. as used herein: a. life support devices or systems are devices or systems which: 1. are intended to implant into the body or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in t he labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devi ce or system whose failure to pe rform can be reasonably expected to cause the failure of the life support device or to affect its safety or effectiveness. reproduction the product specifications contained in this publication are issu ed to provide outline information only which (unless agreed by the company in writing) may not be used, applied or reproduced for any purpose or form part of any order or contract or be regarded as a representation relating to the pr oducts or services concerned. terms and conditions all products are sold subjects to zetex? terms and conditions of sale, and this disclaimer (save in the event of a conflict bet ween the two when the terms of the contract shall prevail) according to region, supplied at the time of order acknowledgement. for the latest information on technology, delivery terms and condi tions and prices, please contact your nearest zetex sales off ice. quality of product zetex is an iso 9001 and ts16949 certified semiconductor manufacturer. to ensure quality of service and products we strongly advise the purchase of parts dire ctly from zetex semiconductors or one of our regionally authorized distributors. for a complete listing of authorized distributors please visit: www.zetex.com/salesnetwork zetex semiconductors does not warrant or accept any liability whatsoever in respect of any parts purchased through unauthorized sales channels. esd (electrostatic discharge) semiconductor devices are susceptible to damage by esd. suitab le precautions should be taken when handling and transporting dev ices. the possible damage to devices depends on the circumstances of the handling and transporting, and the nature of the device. the extent of damage can vary from immediate functional or parametric malfunc tion to degradation of function or performance in use over ti me. devices suspected of being affected should be replaced. green compliance zetex semiconductors is committed to environ mental excellence in all aspects of its op erations which includes meeting or exceed ing reg- ulatory requirements with respect to the use of hazardous substances. numerous successful programs have been implemented to red uce the use of hazardous substances and/or emissions. all zetex components are compliant with the ro hs directive, and through this it is supporting its customers in their compliance with weee and elv directives. product status key: ?preview? future device intended for production at some point. samples may be available ?active? product status recommended for new designs ?last time buy (ltb)? device will be discontinued and last time buy period and delivery is in effect ?not recommended for new designs? device is still in production to support existing designs and production ?obsolete? production ha s been discontinued datasheet status key: ?draft version? this term denotes a very early datasheet ver sion and contains highly provisional information, which may change in any manner without notice. ?provisional version? this term denotes a pre-release datasheet. it provides a clear indication of anticipated performance. however, changes to the test conditions and specif ications may occur, at any time and without notice. ?issue? this term denotes an issued datasheet cont aining finalized specifications. however, changes to specifications may occur, at any time and without notice. |
Price & Availability of ZXTN07045EFF |