Part Number Hot Search : 
F1010EL 4007G XP0431N PT501 CUS10F30 CY7C14 CXA1994 MP6TP
Product Description
Full Text Search
 

To Download TL431 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  programmable precision shunt regulator TL431/a/c dec. 2010 ? rev.1.5 - 1 - htc to-92 pkg 3 2 1 sot-23 pkg 2 1 3 sot-89 pkg 1 2 3 pin 1. reference 2. anode 3. cathode ordering information device package TL431 to-92(bulk) TL431ta to-92(taping) TL431sf sot-23 3l TL431f sot-89 3l features z programmable output voltage to 40v z guaranteed 0.5% reference voltage tolerance z low (0.2 ? typ.) dynamic output impedance z cathode current range(continuous) ? 100 ~ 150 ma z equivalent full range temperature coefficient of 50ppm/ z temperature compensated for operation over full rate operating temperature range z low output noise voltage z fast turn-on response z to-92, sot-89 or sot-23 3l package application z shunt regulator z precision high-current series regulator z high-current shunt regulator z crowbar circuit z pwm converter with reference z voltage monitor z precision current limiter descripsion the TL431 is a three-terminal adjustable shunt regulator with specified thermal stability over applicable temperature v ref (approx. 2.5v) and 40v with two external resistors. this device has a typical dynamic output impedance of 0.2 ? . active output circuitry provides a very sharp turn-on characteristic, making this device excellent replacement for zener diodes in many applications. the TL431 is characterized for operation from -40 to +125 . * refer to the page 2 for detailed ordering information, absolute maximum ratings (operating temperature range applies unless otherwise specified) characteristic symbol min. max. unit cathode voltage v ka - 42 v cathode current range(continuous) i k -100 150 ma reference input current range i ref -0.05 10 ma junction temperature range t j -40 150 operating temperature range t opr -40 125 storage temperature range t stg -65 150 t o p top top
programmable precision shunt regulator TL431/a/c dec. 2010 ? rev.1.5 - 2 - htc recommended operating conditions characteristic symbol min. max. unit cathode voltage v ka v ref 40 v cathode current i k 0.5 100 ma ordering information v ref package tolerance order no. package marking supplied as TL431c TL431-c TL431gc TL431gc bulk TL431cta TL431-c 0.5% TL431gcta TL431gc tape TL431a TL431-a TL431ga TL431ga bulk TL431ata TL431-a 1% TL431gata TL431ga tape TL431 TL431 TL431g TL431g bulk TL431ta TL431 to-92 2% TL431gta TL431g tape TL431csf 431 0.5% TL431gcsf 431 reel TL431asf 431 1% TL431gasf 431 reel TL431sf 431 sot-23 2% TL431gsf 431 reel 0.5% TL431cf 431 reel 1% TL431af 431 reel 2.495v sot-89 2% TL431f 431 reel
programmable precision shunt regulator TL431/a/c dec. 2010 ? rev.1.5 - 3 - htc ordering information (continued)
programmable precision shunt regulator TL431/a/c dec. 2010 ? rev.1.5 - 4 - htc pin configuration to-92 pkg sot-23 pkg sot-89 pkg pin description to-92 / sot-23 / sot-89 pin no. name function 1 reference reference voltage 2 anode ground 3 cathode input supply voltage TL431 electrical characteristics (t a =25 , unless otherwise specified) characteristic symbol test condition min. typ. max. unit TL431c 2.483 2.495 2.507 TL431a 2.470 2.495 2.520 reference input voltage v ref v ka =v ref , i k =10ma TL431 2.440 2.495 2.550 v deviation of reference input voltage v ref / t v ka = v ref , i k =10ma t a =full range 8 20 mv v ka =10v -v ref -1.4 -2.7 ratio of change in reference input voltage to the change in cathode voltage v ref / v ka i k =10ma v ka =36v-10v -1.0 -2.0 mv/v reference input current i ref i ka =10ma, r 1 =10 ? , r 2 = 1.8 4.0 ua deviation of reference input current i ref / t i k =10ma, r 1 =10 ? , r 2 = t a =full range 0.4 1.2 ua minimum cathode current for regulation i k(min) v ka = v ref 0.5 ma off-state cathode current i k(off) v ka =36v, v ref =0 0.17 0.90 ua dynamic impedance z ka v ka = v ref , i k =1ma~100ma f 1khz 0.27 0.50 ? top top 1 2 3 1 3 1 2 2 3 marking side
programmable precision shunt regulator TL431/a/c dec. 2010 ? rev.1.5 - 5 - htc test circuits < fig 1. test circuit for v ka = v ref > < fig 2. test circuit for v ka v ref > < fig 3. test circuit for i ka(off) >
programmable precision shunt regulator TL431/a/c dec. 2010 ? rev.1.5 - 6 - htc the deviation parameters v ref / t and i ref / t are defined as the differences between the maximum and minimum values obtained over the recommended temper ature range. the average full-range temperature coefficient of the reference voltage, v ref , is defined as : a 6 ref i(dev) ref t 10 ) 25 at v v ( = ) (ppm/ v where : t a is the recommended operating free-air temperature range of the device. v ref can be positive or negative, depending on whether minimum v ref or maximum v ref , respectively, occurs at the lower temperature. example : maximum v ref =2496mv at 30 , maximum v ref =2492mv at 0 , v ref =2495mv at 25 , t a =70 for TL431c. 23ppm/ 70 10 ) 2495mv 4mv ( = v 6 ref because minimum v ref occurs at the lower temperature, the coefficient is positive. calculating dynamic impedance the dynamic impedance is defined as : ka ka ka i v = z when the device is operating with two external resistors, the total dynamic impedance of the circuit is given by: () r1/r2 + 1 z i v = z ka '
programmable precision shunt regulator TL431/a/c dec. 2010 ? rev.1.5 - 7 - htc typical operating characteristics reference voltage vs. ambient temperature pulse response cathode current vs. cathode voltage cathode current vs. cathode voltage small signal voltage amplification vs. frequency 0 10 20 30 40 50 60 1k 10k 100k 1000k 10000k frequency, f [hz] a v -small signal voltage amplification (db) 15k 8.25k 232 10f output i ka < fig 4. test circuit for voltage amplification > i ka = 10ma t a = 25c
programmable precision shunt regulator TL431/a/c dec. 2010 ? rev.1.5 - 8 - htc typical operating characteristics (continued) stability boundary conditions 0 10 20 30 40 50 60 70 80 90 100 0 1 10 100 1000 10000 100000 c l -load capacitance (nf) i ka -cathode current (ma) r1 r2 150 ? c l a b c b a d stable stable < fig 5. test circuit > a v ka = v ref , r1= 0 ? , r2 = b v ka = 5.0v, r1=10k ? , r2 = 10k ? c v ka = 10.0v, r1=10k ? , r2 = 3.3k ? d v ka = 15.0v, r1=10k ? , r2 = 2k ?
programmable precision shunt regulator TL431/a/c dec. 2010 ? rev.1.5 - 9 - htc application information 1. shunt regulator note a : r should provide cathode current 1ma to the TL431 at minimum v i(batt) 2. precision high-current series regulator note a : r should provide cathode current 1ma to the TL431 at minimum v i(batt) 3. output control of a three-terminal fixed regulator
programmable precision shunt regulator TL431/a/c dec. 2010 ? rev.1.5 - 10 - htc 4. high-current shunt regulator 5. precision 5-v 1.5a regulator 6. efficient 5-v precision regulator note a : r b should provide cathode current 1ma to the TL431 .
programmable precision shunt regulator TL431/a/c dec. 2010 ? rev.1.5 - 11 - htc 7. pwm converter with reference 8. voltage monitor note a : r3 and r4 are selected to provide the desired led intensity and cathode current 1ma to the TL431 at the available v i(batt) . 9. delay timer
programmable precision shunt regulator TL431/a/c dec. 2010 ? rev.1.5 - 12 - htc 10. precision current limiter 11. precision constant-current sink


▲Up To Search▲   

 
Price & Availability of TL431

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X