Part Number Hot Search : 
000950 27XF256 D12NM50 ST7565 7812CT V810ME02 HN2074CG FX836DW
Product Description
Full Text Search
 

To Download T315HW05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  T315HW05 v0 product specification rev. 01 ? copyright auo optronics corp. 2009 all rights res erved. page 1 / 31 model name: T315HW05 v0 issue date : 2009/12/04 ( )preliminary specifications ( )final specifications customer signature date auo date approved by _________________________________ approval by pm director frank hsu ____________________________________ reviewed by rd director eugene cc chen ____________________________________ reviewed by project leader wenhsin lin ____________________________________ note prepared by pm child chiu ____________________________________ www..net www..net
T315HW05 v0 product specification rev. 01 ? copyright auo optronics corp. 2009 all rights res erved. page 2 / 31 contents no contents record of revisions 1 general description 2 absolute maximum ratings 3 electrical specification 3-1 electriacl characteristics 3-2 interface connections 3-3 signal timing specification 3-4 signal timing waveform 3-5 color input data reference 3-6 power sequence 3-7 backlight specification 4 optical specification 5 mechanical characteristics 6 reliability test items 7 international standard 7-1 safety 7-2 emc 8 packing 8-1 definition of label 8-2 packing methods 8-3 pallet and shipment information 9 precaution 9-1 mounting precautions 9-2 operating precautions 9-3 electrostatic discharge control 9-4 precautions for strong light exposure 9-5 storage 9-6 handling precautions for protect film www..net www..net
T315HW05 v0 product specification rev. 01 ? copyright auo optronics corp. 2009 all rights res erved. page 3 / 31 record of revision version date page description 0.0 2009/09/24 first release 0.1 2009/10/24 connector part no. 0.2 2009/12/04 power setting www..net www..net
T315HW05 v0 product specification rev. 01 ? copyright auo optronics corp. 2009 all rights res erved. page 4 / 31 1. general description this specification applies to the 31.5 inch color t ft-lcd module T315HW05 v0. this lcd module has a tf t active matrix type liquid crystal panel 1,920x1,080 pixels, and diagonal size of 31.5 inch. this modul e supports 1,920x1080 mode. each pixel is divided into red, gr een and blue sub-pixels or dots which are arranged in vertical stripes. gray scale or the brightness of the sub-pi xel color is determined with a 10-bit gray scale si gnal for each dot. the T315HW05 v0 has been designed to apply the 10-b it 4 channel lvds interface method. it is intended to support displays where high brightness, wide viewin g angle, high color saturation, and high color dept h are very important. * general information items specification unit note active screen size 31.55 inch display area 698.40(h) x 392.85(v) mm outline dimension 741.4(h) x 435.8 (v) x 22.4(d) mm d : f/b tot-con cover driver element a-si tft active matrix display colors 10 bit(8+frc), 1073.7m colors number of pixels 1,920x1080 pixel pixel pitch 0.3637 (h) x 0.1212(w) mm pixel arrangement rgb vertical stripe display operation mode normally black surface treatment anti-glare, 3h haze=13% www..net www..net
T315HW05 v0 product specification rev. 01 ? copyright auo optronics corp. 2009 all rights res erved. page 5 / 31 2. absolute maximum ratings the followings are maximum values which, if exceede d, may cause faulty operation or damage to the unit item symbol min max unit conditions logic/lcd drive voltage vcc -0.3 14 [volt] note 1 input voltage of signal vin -0.3 4 [volt] note 1 operating temperature top 0 +50 [ o c] note 2 operating humidity hop 10 90 [%rh] note 2 storage temperature tst -20 +60 [ o c] note 2 storage humidity hst 10 90 [%rh] note 2 panel surface temperature pst 65 [ o c] note 3 note 1: duration:50 msec. note 2 : maximum wet-bulb should be 39 and no conde nsation. the relative humidity must not exceed 90% non-conde nsing at temperatures of 40 or less. at temperature s greater than 40 , the wet bulb temperature must not exceed 39 . note 3: surface temperature is measured at 50 dry condition www..net www..net
T315HW05 v0 product specification rev. 01 ? copyright auo optronics corp. 2009 all rights res erved. page 6 / 31 3. electrical specification the T315HW05 v0 requires two power inputs. one is e mployed to power the lcd electronics and to drive t he tft array and liquid crystal. the second is employed fo r led lightbar. 3.1 electrical characteristics value parameter symbol min. typ. max unit note lcd power supply input voltage v dd 10.8 12 13.2 v dc 1 power supply input current i dd - 0.5 0.6 a 2 power consumption p c 6 7.2 watt 2 inrush current i rush 6 a 3 differential input high threshold voltage v th -- -- +100 mv dc 4 differential input low threshold voltage v tl -100 -- -- mv dc 4 lvds interface input common mode voltage v icm 0.6 1.2 1.8 v dc 4 lvds interface input channel pair skew margin t skew(cp) -450 -- +450 ps 5 input high threshold voltage v ih (high) 2.7 -- 3.3 v dc cmos interface input low threshold voltage v il (low) 0 -- 0.6 v dc backlight power consumption p bl tbd 67 81 watt life time (mttf) 30000 -- hours 8 note : 1. the ripple voltage should be controlled under 10% o f v cc 2. test condition: (1) v dd = 12.0v (2) fv = 120hz (3) f clk = max freq. (4) temperature = 25 (5) test pattern : white pattern www..net www..net
T315HW05 v0 product specification rev. 01 ? copyright auo optronics corp. 2009 all rights res erved. page 7 / 31 3. measurement condition : rising time = 400us gnd gnd gnd gnd v vv v dd dddd dd 10% 90% 400 400400 400 s 4. v icm = 1.25v v vv v th thth th v vv v icm icm icm icm v vv v tl tltl tl 0 00 0v vv v 5. input channel pair skew margin 6. do not attach a conducting tape to lamp connecting wire. if the lamp wire attach to conducting tape, tft-lcd module have a low luminance and the inverte r has abnormal action because leakage current occurs between lamp wire and conducting tape. 7. the relative humidity must not exceed 80% non-conde nsing at temperatures of 40 or less. at temperatures greater than 40 , the wet bulb temperat ure must not exceed 39 . when operate at low temperatures, the brightness of ccfl will drop and the life time of ccfl will be reduced. 8. the lifetime (mttf) is defined as the time which lu minance of led is 50% compared to its original valu e. [operating condition: continuous operating at ta = 252 ] www..net www..net
T315HW05 v0 product specification rev. 01 ? copyright auo optronics corp. 2009 all rights res erved. page 8 / 31 3.2 interface connections  lcd connector:  mating connector: pin symbol description pin symbol description 1 reserved auo internal use only 26 gnd ground 2 reserved auo internal use only 27 gnd ground 3 nc no connection 28 ch2_0- lvds channel 2, signal 0- 4 reserved auo internal use only 29 ch2_0+ lvds channel 2, signal 0+ 5 nc no connection 30 ch2_1- lvds channel 2, signal 1- 6 nc no connection 31 ch2_1+ lvds channel 2, signal 1+ 7 lvds_sel open/high(3.3v) for ns, low(gnd) for jeida 32 ch2_2- lvds channel 2, signal 2- 8 reserved auo internal use only 33 ch2_2+ lvds channel 2, signal 2+ 9 reserved auo internal use only 34 gnd ground 10 reserved auo internal use only 35 ch2_clk- lvds channel 2, clock - 11 gnd ground 36 ch2_clk+ lvds channel 2, clock + 12 ch1_0- lvds channel 1, signal 0- 37 gnd ground 13 ch1_0+ lvds channel 1, signal 0+ 38 ch2_3- lvds channel 2, signal 3- 14 ch1_1- lvds channel 1, signal 1- 39 ch2_3+ lvds channel 2, signal 3+ 15 ch1_1+ lvds channel 1, signal 1+ 40 ch2_4- lvds channel 2, signal 4- 16 ch1_2- lvds channel 1, signal 2- 41 ch2_4+ lvds channel 2, signal 4+ 17 ch1_2+ lvds channel 1, signal 2+ 42 gnd ground 18 gnd ground 43 gnd ground 19 ch1_clk- lvds channel 1, clock - 44 gnd ground 20 ch1_clk+ lvds channel 1, clock + 45 gnd ground 21 gnd ground 46 gnd ground 22 ch1_3- lvds channel 1, signal 3- 47 nc no connection 23 ch1_3+ lvds channel 1, signal 3+ 48 v dd power supply, +12v dc regulated 24 ch1_4- lvds channel 1, signal 4- 49 v dd power supply, +12v dc regulated 25 ch1_4+ lvds channel 1, signal 4+ 50 v dd power supply, +12v dc regulated 51 v dd power supply, +12v dc regulated www..net www..net
T315HW05 v0 product specification rev. 01 ? copyright auo optronics corp. 2009 all rights res erved. page 9 / 31  lcd connector:  mating connector: pin symbol description pin symbol description 1 nc no connection 21 ch3_3+ lvds channel 3, signal 3+ 2 nc no connection 22 ch3_4- lvds channel 3, signal 4- 3 nc no connection 23 ch3_4+ lvds channel 3, signal 4+ 4 nc no connection 24 gnd ground 5 nc no connection 25 gnd ground 6 nc no connection 26 ch4_0- lvds channel 4, signal 0- 7 nc no connection 27 ch4_0+ lvds channel 4, signal 0+ 8 nc no connection 28 ch4_1- lvds channel 4, signal 1- 9 gnd ground 29 ch4_1+ lvds channel 4, signal 1+ 10 ch3_0- lvds channel 3, signal 0- 30 ch4_2- lvds channel 4, signal 2- 11 ch3_0+ lvds channel 3, signal 0+ 31 ch4_2+ lvds channel 4, signal 2+ 12 ch3_1- lvds channel 3, signal 1- 32 gnd ground 13 ch3_1+ lvds channel 3, signal 1+ 33 ch4_clk- lvds channel 4, clock - 14 ch3_2- lvds channel 3, signal 2- 34 ch4_clk+ lvds channel 4, clock + 15 ch3_2+ lvds channel 3, signal 2+ 35 gnd ground 16 gnd ground 36 ch4_3- lvds channel 4, signal 3- 17 ch3_clk- lvds channel 3, clock - 37 ch4_3+ lvds channel 4, signal 3+ 18 ch3_clk+ lvds channel 3, clock + 38 ch4_4- lvds channel 4, signal 4- 19 gnd ground 39 ch4_4+ lvds channel 4, signal 4+ 20 ch3_3- lvds channel 3, signal 3- 40 gnd ground 41 gnd ground www..net www..net
T315HW05 v0 product specification rev. 01 ? copyright auo optronics corp. 2009 all rights res erved. page 10 / 31 lvds option = high/open     ns b bb b 2 22 2 n a n an a n a d e d ed e d e d e d ed e d e b bb b 2 22 2 b bb b 3 33 3 b bb b 4 44 4 b bb b 5 55 5 n a n an a n a b bb b 3 33 3 r rr r 0 00 0 r rr r 5 55 5 g gg g 0 00 0 g gg g 0 00 0 r rr r 0 00 0 r rr r 1 11 1 r rr r 2 22 2 r rr r 3 33 3 r rr r 4 44 4 r rr r 1 11 1 g gg g 1 11 1 b bb b 0 00 0 b bb b 1 11 1 b bb b 1 11 1 g gg g 1 11 1 g gg g 2 22 2 g gg g 3 33 3 g gg g 4 44 4 g gg g 5 55 5 g gg g 2 22 2 c lo c k c lo c k c lo c k c lo c k c h x c h x c h x c h x _ __ _ 0 00 0 + ++ + c h x c h x c h x c h x _ __ _ 0 00 0 - -- - c h x c h x c h x c h x _ __ _ 1 11 1 + ++ + c h x c h x c h x c h x _ __ _ 1 11 1 - -- - c h x c h x c h x c h x _ __ _ 2 22 2 + ++ + c h x c h x c h x c h x _ __ _ 2 22 2 - -- - c h x c h x c h x c h x _ __ _ 3 33 3 + ++ + c h x c h x c h x c h x _ __ _ 3 33 3 - -- - c h x c h x c h x c h x _ __ _ 4 44 4 + ++ + c h x c h x c h x c h x _ __ _ 4 44 4 - -- - r rr r 6 66 6 b bb b 7 77 7 n a n an a n a n a n an a n a r rr r 6 66 6 r rr r 7 77 7 g gg g 6 66 6 g gg g 7 77 7 b bb b 6 66 6 r rr r 7 77 7 r rr r 8 88 8 b bb b 9 99 9 n a n an a n a n a n an a n a r rr r 8 88 8 r rr r 9 99 9 g gg g 8 88 8 g gg g 9 99 9 b bb b 8 88 8 r rr r 9 99 9 p re v io u s c y c le c u rre n t c y c le n e x t c y c le p re v io u s c y c le c u rre n t c y c le n e x t c y c le p re v io u s c y c le c u rre n t c y c le n e x t c y c le p re v io u s c y c le c u rre n t c y c le n e x t c y c le note: x = 1, 2, 3, 4? lvds option = low     jeida b bb b 6 66 6 n a n an a n a d e d ed e d e d e d ed e d e b bb b 6 66 6 b bb b 7 77 7 b bb b 8 88 8 b bb b 9 99 9 n a n an a n a b bb b 7 77 7 r rr r 4 44 4 r rr r 9 99 9 g gg g 4 44 4 g gg g 4 44 4 r rr r 4 44 4 r rr r 5 55 5 r rr r 6 66 6 r rr r 7 77 7 r rr r 8 88 8 r rr r 5 55 5 g gg g 5 55 5 b bb b 4 44 4 b bb b 5 55 5 b bb b 5 55 5 g gg g 5 55 5 g gg g 6 66 6 g gg g 7 77 7 g gg g 8 88 8 g gg g 9 99 9 g gg g 6 66 6 c lo c k c lo c k c lo c k c lo c k r rr r 2 22 2 b bb b 3 33 3 n a n an a n a n a n an a n a r rr r 2 22 2 r rr r 3 33 3 g gg g 2 22 2 g gg g 3 33 3 b bb b 2 22 2 r rr r 3 33 3 c h x c h x c h x c h x _ __ _ 0 00 0 + ++ + c h x c h x c h x c h x _ __ _ 0 00 0 - -- - c h x c h x c h x c h x _ __ _ 1 11 1 + ++ + c h x c h x c h x c h x _ __ _ 1 11 1 - -- - c h x c h x c h x c h x _ __ _ 2 22 2 + ++ + c h x c h x c h x c h x _ __ _ 2 22 2 - -- - c h x c h x c h x c h x _ __ _ 3 33 3 + ++ + c h x c h x c h x c h x _ __ _ 3 33 3 - -- - c h x c h x c h x c h x _ __ _ 4 44 4 + ++ + c h x c h x c h x c h x _ __ _ 4 44 4 - -- - r rr r 0 00 0 b bb b 1 11 1 n a n an a n a n a n an a n a r rr r 0 00 0 r rr r 1 11 1 g gg g 0 00 0 g gg g 1 11 1 b bb b 0 00 0 r rr r 1 11 1 p re v io u s c y c le c u rre n t c y c le n e x t c y c le p re v io u s c y c le c u rre n t c y c le n e x t c y c le p re v io u s c y c le c u rre n t c y c le n e x t c y c le p re v io u s c y c le c u rre n t c y c le n e x t c y c le www..net www..net
T315HW05 v0 product specification rev. 01 ? copyright auo optronics corp. 2009 all rights res erved. page 11 / 31 note: x = 1, 2, 3, 4? www..net www..net
T315HW05 v0 product specification rev. 01 ? copyright auo optronics corp. 2009 all rights res erved. page 12 / 31 signal timing specification this is the signal timing required at the input of the user connector. all of the interface signal tim ing should be satisfied with the following specifications for its proper operation. timing table signal item symbol min. typ. max unit period tv 1090 1130 1392 th active tdisp (v) 1080 th vertical section blanking tblk (v) 10 50 312 th period th 540 570 580 tclk active tdisp (h) 480 tclk horizontal section blanking tblk (h) 60 90 100 tclk clock frequency fclk=1/tclk 64.8 77.29 80.74 mhz vertical frequency frequency fv 94 120 122 hz horizontal frequency frequency fh 120 135.6 139.2 khz notes: (1) display position is specific by the rise of de signal only. horizontal display position is specified by the ris ing edge of 1 st dclk after the rise of 1 st de, is displayed on the left edge of the screen. (2)vertical display position is specified by the ri se of de after a ?low? level period equivalent to e ight times of horizontal period. the 1 st data corresponding to one horizontal line after th e rise of 1 st de is displayed at the top line of screen. (3)if a period of de ?high? is less than 1920 dclk or less than 1080 lines, the rest of the screen dis plays black. (4)the display position does not fit to the screen if a period of de ?high? and the effective data per iod do not synchronize with each other. www..net www..net
T315HW05 v0 product specification rev. 01 ? copyright auo optronics corp. 2009 all rights res erved. page 13 / 31 3.3 signal timing waveforms th tdisp(v) tblk(v) tv de rgb data line n invalid data invalid data line 1 line 2 line 3 line n line 4 tclk clk de ch1 ch2 pixel m-15 pixel m-11 pixel m-7 pixel m-3 pixel m-14 pixel m-10 pixel m-6 pixel m-2 invalid data invalid data pixel 1 pixel 2 pixel 5 pixel 9 pixel 6 pixel 10 pixel 13 pixel 14 pixel 17 pixel 18 pixel 21 pixel 22 pixel m-11 pixel m-7 pixel m-3 pixel m-10 pixel m-6 pixel m-2 invalid data invalid data pixel 1 pixel 2 pixel 5 pixel 6 th tdisp(h) tblk(h) ch3 ch4 pixel m-13 pixel m-9 pixel m-5 pixel m-1 pixel m-12 pixel m-8 pixel m-4 pixel m invalid data invalid data pixel 3 pixel 4 pixel 7 pixel 11 pixel 8 pixel 12 pixel 15 pixel 16 pixel 19 pixel 20 pixel 23 pixel 24 pixel m-9 pixel m-5 pixel m-1 pixel m-8 pixel m-4 pixel m invalid data invalid data pixel 3 pixel 4 pixel 7 pixel 8 m m m m p p p p i i i i x x x x e e e e l l l l n l in e n l in e n l in e n l in e www..net www..net
T315HW05 v0 product specification rev. 01 ? copyright auo optronics corp. 2009 all rights res erved. page 14 / 31 3.4 color input data reference the brightness of each primary color (red, green an d blue) is based on the 10 bit gray scale data inpu t for the color; the higher the binary input, the brighter the color . the table below provides a reference for color ve rsus data input. color data reference input color data red msb lsb green msb lsb blue msb lsb color r9 r8 r7 r6 r5 r4 r3 r2 r1 r0 g9 g8 g7 g6 g5 g4 g3 g2 g1 g0 b9 b8 b7 b6 b5 b4 b3 b2 b1 b0 black 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 red(1023) 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 green(1023) 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 blue(1023) 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 cyan 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 magenta 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 yellow 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 basic color white 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 red(000) 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 red(001) 0 0 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ---- red(1022) 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 r red(1023) 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 green(000) 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 green(001) 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 ---- green(1022) 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 g green(1023) 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 blue(000) 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 blue(001) 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 ---- blue(1022) 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 0 b blue(1023) 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 www..net www..net
T315HW05 v0 product specification rev. 01 ? copyright auo optronics corp. 2009 all rights res erved. page 15 / 31 3.5 power sequence for lcd values parameter min. type. max. unit t1 0.4 --- 30 ms t2 0.1 --- --- ms t3 300 --- --- ms t4 0 *1 --- --- ms t5 0 --- --- ms t6 --- --- --- *2 ms t7 500 --- --- ms note: (1) t4=0 : concern for residual pattern before blu turn off. (2) t6 : voltage of vdd must decay smoothly after p ower-off. (customer system decide this value) www..net www..net
T315HW05 v0 product specification rev. 01 ? copyright auo optronics corp. 2009 all rights res erved. page 16 / 31 3.7 backlight specification the backlight unit contains 4pcs light bar. 3.7.1 electrical specification note 1 : dimming ratio= 100% (max) ta=255 , turn o n for 45minutes note 2: measurement condition rising time = 20ms (v ddb : 10%~90%); note 3: less than10% dimming control is functional well and no backlight shutdown happened spec item symbol condition min typ max unit note 1 input voltage vddb - 21.6 24 26.4 vdc - 2 input current i ddb vddb=24v tbd 2.8 3.05 adc 1 3 input power p ddb vddb=24v tbd 67 73 w 1 4 inrush current i rush vddb=24v - - 7 adc 2 on 2 - 5.5 - 5 on/off control voltage v blon off vddb=24v 0 - 0.8 vdc - 6 on/off control current i blon vddb=24v - - 1.5 ma - max 3.0 - 3.3 vdc - 7 dimming control voltage v_dim min vddb=24v - 0 - vdc - 8 dimming control current i_dim vddb=24v - - 2 madc - 9 internal dimming ratio dim_r vddb=24v 10 - 100 % 3 max vddb=24v 2 - 3.3 - 10 external pwm control voltage v_epwm min vddb=24v 0 - 0.8 vdc - 11 external pwm control current i_epwm vddb=24v - - 2 madc - 12 external pwm duty ratio d_epwm vddb=24v 10 - 100 % 3 13 external pwm frequency f_epwm vddb=24v 140 180 240 hz - www..net www..net
T315HW05 v0 product specification rev. 01 ? copyright auo optronics corp. 2009 all rights res erved. page 17 / 31 3.7.2 input pin assignment led driver connector: :ci0114m1hr0-nh (cvilux) pin no symbol description 1 vddb operating voltage supply, +24v dc regulated 2 vddb operating voltage supply, +24v dc regulated 3 vddb operating voltage supply, +24v dc regulated 4 vddb operating voltage supply, +24v dc regulated 5 vddb operating voltage supply, +24v dc regulated 6 blgnd ground and current return 7 blgnd ground and current return 8 blgnd ground and current return 9 blgnd ground and current return 10 blgnd ground and current return 11 det blu status detection normal : 0~0.8v l abnormal : open collector 12 vblon bl on-off control : bl on : high/open (3.3v~5.5v); bl off : low (0~0.8v/gnd) 13 vdim internal pwm (20%~100%, 0v~3.3v ) 14 pdim external pwm (10%~100% duty, open for 100%) (note*) if external pwm function includes 10% dimmi ng ratio. judge condition as below: (1) backlight module must be lighted on normally. (2) all protection function must work normally. (3) uniformity and flicker could not be guaranteed www..net www..net
T315HW05 v0 product specification rev. 01 ? copyright auo optronics corp. 2009 all rights res erved. page 18 / 31 3.7.3 power sequence for led driver power input for blu (vddb) dimming control signal (vdim) blu on/off enable (vblon) 24v(typ.) 10% 90% 90% t1 t2 t3 t4 t5 power input for blu (vddb) dimming control signal (vdim) blu on/off enable (vblon) 24v(typ.) 10% 90% 90% t1 t2 t3 t4 t4 t5 dip condition for led driver power input for blu (vddb) t6 vddb(typ.)*0.8 power input for blu (vddb) t6 vddb(typ.)*0.8 value parameter min typ max units t1 20 - - ms t2 500 - - ms t3 250 - - ms t4 0 - - ms t5 1 - - ms t6 - - 10 ms www..net www..net
T315HW05 v0 product specification rev. 01 ? copyright auo optronics corp. 2009 all rights res erved. page 19 / 31 4. optical specification optical characteristics are determined after the un it has been ?on? and stable for approximately 45 mi nutes in a dark environment at 25c. the values specified are at an approximate distance 50cm from the lcd surfac e at a viewing angle of and equal to 0. fig.1 presents additional information concerning th e measurement equipment and method. values parameter symbol min. typ. max unit notes contrast ratio cr 3200 4000 -- 1 surface luminance (white) l wh 360 450 -- cd/m 2 2 luminance variation white(9p) -- -- 1.3 3 response time (g to g) t -- 6.5 -- ms 4 color gamut ntsc 72 % color coordinates red r x 0.640 r y 0.330 green g x 0.281 g y 0.590 blue b x 0.144 b y 0.060 white w x 0.280 w y typ.-0.03 0.290 typ.+0.03 viewing angle 5 x axis, right( =0) r -- 89 -- degree x axis, left( =180) l -- 89 -- degree y axis, up( =90) u -- 89 -- degree y axis, down ( =270) d -- 89 -- degree sr3 or equivalent www..net www..net
T315HW05 v0 product specification rev. 01 ? copyright auo optronics corp. 2009 all rights res erved. page 20 / 31 note: 1. contrast ratio (cr) is defined mathematically as : surface luminance of l on5 contrast ratio= surface luminance of l off5 2. surface luminance is luminance value at point 5 across the lcd surface 50cm from the surface with a ll pixels displaying white. from more information see fig 2. when lamp current i h = 11ma. l wh =lon5 where lon5 is the luminance with all pixels displaying white at c enter 5 location. 3. the variation in surface luminance, white is defined (center of screen) as: white(9p) = maximum(l on1 , l on2 ,?,l on9 )/ minimum(l on1 , l on2 ,?l on9 ) 4. response time t is the average time required for display transition by switching the input signal for five luminance ratio (0%,25%,50%,75%,100% brightness mat rix) and is based on f v =120hz to optimize. target measured response time 0% 25% 50% 75% 100% 0% 0% to 25% 0% to 50% 0% to 75% 0% to 100% 25% 25% to 0% 25% to 50% 25% to 75% 25% to 100% 50% 50% to 0% 50% to 25% 50% to 75% 50% to 100% 75% 75% to 0% 75% to 25% 75% to 50% 75% to 100% start 100% 100% to 0% 100% to 25% 100% to 50% 100% to 75% 4. viewing angle is the angle at which the contrast ratio is greater than 10. the angles are determine d for the horizontal or x axis and the vertical or y axis wit h respect to the z axis which is normal to the lcd surface. for more information see fig4. fig. 2 luminance 1 2 3 4 5 6 7 8 h v h/6 h/2 v/2 v/6 www..net www..net
T315HW05 v0 product specification rev. 01 ? copyright auo optronics corp. 2009 all rights res erved. page 21 / 31 fig.3 response time the response time is defined as the following figur e and shall be measured by switching the input sign al for ?any level of grey(bright) ? and ?any level of gray(dark )?. any level of gray (bright) any level of gr ay (dark) any level of gray (bright) t (r) 0%, 25%, 50%, 75%, 100% photodetector output time t (f) 0%, 25%, 50%, 75%, 100% 0%, 25%, 50%, 75%, 100% fig.4 viewing angle www..net www..net
T315HW05 v0 product specification rev. 01 ? copyright auo optronics corp. 2009 all rights res erved. page 22 / 31 5. mechanical characteristics the contents provide general mechanical characteris tics for the model T315HW05 v0. in addition the fig ures in the next page are detailed mechanical drawing of the lc d. horizontal 741.40 mm vertical 435.80 mm outline dimension depth 22.4 mm ( from bezel to t-con cover ) horizontal 705.40 mm bezel opening vertical 399.80 mm horizontal 698.40 mm active display area vertical 392.85 mm weight (6500) g (typ.) surface treatment anti-glare, 3h www..net www..net
T315HW05 v0 product specification rev. 01 ? copyright auo optronics corp. 2009 all rights res erved. page 23 / 31 front view www..net www..net
T315HW05 v0 product specification rev. 01 ? copyright auo optronics corp. 2009 all rights res erved. page 24 / 31 back view www..net www..net
T315HW05 v0 product specification rev. 01 ? copyright auo optronics corp. 2009 all rights res erved. page 25 / 31 6. reliability test items test item q?ty condition 1 high temperature storage test 3 60 , 300hrs 2 low temperature storage test 3 -20 , 300hrs 3 high temperature operation test 3 50 , 300hrs 4 low temperature operation test 3 -5 , 300hrs 5 vibration test (non-operation) 3 wave form: random vibration level: 1.5g rms bandwidth: 10-300hz, duration: x, y, z 30min one time each direction 6 shock test (non-operation) 3 shock level: 50g waveform: half since wave, 11ms direction: x, y, z, one time each direction 7 vibration test (with carton) 3 random wave (1.5g rms, 10-200hz) 30mins/ per each x,y,z axes 8 drop test (with carton) 3 height: 38.1m 1 corner, 3 edges, 6 surfaces (astmd4169-i) www..net www..net
T315HW05 v0 product specification rev. 01 ? copyright auo optronics corp. 2009 all rights res erved. page 26 / 31 7. international standard 7.1 safety (1) ul 60950-1, ul 60065; standard for safety of in formation technology equipment including electrical business equipment. (2) iec 60950-1 : 2001, iec 60065:2001 ; standard f or safety of international electrotechnical commission (3) en 60950 : 2001+a11, en 60065:2002+a1:2006; eur opean committee for electrotechnical standardization (cenelec), european standard for sa fety of information technology equipment including electrical business equipment. 7.2 emc (1) ansi c63.4 ?methods of measurement of radio-noi se emissions from low-voltage electrical and electrical equipment in the range of 9khz to 40ghz. ?american national standards institute(ansi), 1992 (2) c.i.s.p.r ?limits and methods of measurement of radio interface characteristics of information technology equipment.? international special commit tee on radio interference. (3) en 55022 ?limits and methods of measurement of radio interface characteristics of information technology equipment.? european committee for elect rotechnical standardization. (cenelec), 1998 www..net www..net
T315HW05 v0 product specification rev. 01 ? copyright auo optronics corp. 2009 all rights res erved. page 27 / 31 8. packing 8-1 definition of label: a. panel label: *xxxxxxxxxxxx -xxxx * green mark description (1) for pb free product, auo will add for identification. (2) for rohs compatible products, auo will add rohs for identification. note: the green mark will be present only when the green documents have been ready by auo internal gre en team. (definition of green design follows the auo g reen design checklist.) b. carton label: T315HW05 v0 97.31t12.100 qty : au optronics xxxxx made in xxxxx manufactured xx / xx xxxxxxx model no: T315HW05 v. 1 auo internal use week year panel unique id auo internal use factory location www..net www..net
T315HW05 v0 product specification rev. 01 ? copyright auo optronics corp. 2009 all rights res erved. page 28 / 31 8-2 packing methods: will provide information in next version. www..net www..net
T315HW05 v0 product specification rev. 01 ? copyright auo optronics corp. 2009 all rights res erved. page 29 / 31 8-3 pallet and shipment information will provide information in next version. www..net www..net
T315HW05 v0 product specification rev. 01 ? copyright auo optronics corp. 2009 all rights res erved. page 30 / 31 9. precautions please pay attention to the followings when you use this tft lcd module. 9-1 mounting precautions (1) you must mount a module using holes arranged in four corners or four sides. (2) you should consider the mounting structure so t hat uneven force (ex. twisted stress) is not applie d to module. and the case on which a module is mounte d should have sufficient strength so that external force is not transmitted directly to the m odule. (3) please attach the surface transparent protectiv e plate to the surface in order to protect the pola rizer. transparent protective plate should have sufficient strength in order to the resist external force. (4) you should adopt radiation structure to satisfy the temperature specification. (5) acetic acid type and chlorine type materials fo r the cover case are not desirable because the form er generates corrosive gas of attacking the polarizer at high temperature and the latter cause circuit broken by electro-chemical reaction. (6) do not touch, push or rub the exposed polarizer with glass, tweezers or anything harder than hb pencil lead. and please do not rub with dust clothe s with chemical treatment. do not touch the surface of polarizer for bare hand or greasy cloth. (some cosmetics are detrimental to the polarizer.) (7) when the surface becomes dusty, please wipe gen tly with absorbent cotton or other soft materials like chamois soaks with petroleum benzene. normal-h exane is recommended for cleaning the adhesives used to attach front/ rear polarizer. do not use acetone, toluene and alcohol because they cause chemical damage to the polarizer. (8) wipe off saliva or water drops as soon as possi ble. their long time contact with polarizer causes deformations and color fading. (9) do not open the case because inside circuits do not have sufficient strength. 9-2 operating precautions (1) the device listed in the product specification sheets was designed and manufactured for tv application (2) the spike noise causes the mis-operation of cir cuits. it should be lower than following voltage: v=200mv(over and under shoot voltage) (3) response time depends on the temperature. (in l ower temperature, it becomes longer..) (4) brightness of ccfl depends on the temperature. (in lower temperature, it becomes lower.) and in lower temperature, response time (required time tha t brightness is stable after turned on) becomes longer. (5) be careful for condensation at sudden temperatu re change. condensation makes damage to polarizer or electrical contacted parts. and after fading condensation, smear or spot will occur. (6) when fixed patterns are displayed for a long ti me, remnant image is likely to occur. www..net www..net
T315HW05 v0 product specification rev. 01 ? copyright auo optronics corp. 2009 all rights res erved. page 31 / 31 (7) module has high frequency circuits. sufficient suppression to the electromagnetic interference sha ll be done by system manufacturers. grounding and shie lding methods may be important to minimize the interface. 9-3 electrostatic discharge control since a module is composed of electronic circuits, it is not strong to electrostatic discharge. make c ertain that treatment persons are connected to ground thro ugh wristband etc. and don?t touch interface pin directly. 9-4 precautions for strong light exposure strong light exposure causes degradation of polariz er and color filter. 9-5 storage when storing modules as spares for a long time, the following precautions are necessary. (1) store them in a dark place. do not expose the m odule to sunlight or fluorescent light. keep the temperature between 5 and 35 at normal humidity. (2) the polarizer surface should not come in contac t with any other object. it is recommended that the y be stored in the container in which they were shipp ed. 9-6 handling precautions for protection film (1) the protection film is attached to the bezel wi th a small masking tape. when the protection film i s peeled off, static electricity is generated between the film and polarizer. this should be peeled off slowly and carefully by people who are electrically grounded and with well ion-blown equipment or in such a condition, etc. (2) when the module with protection film attached i s stored for a long time, sometimes there remains a very small amount of glue still on the bezel after the protection film is peeled off. (3) you can remove the glue easily. when the glue r emains on the bezel or its vestige is recognized, please wipe them off with absorbent cotton waste or other soft material like chamois soaked with normal-hexane. www..net www..net


▲Up To Search▲   

 
Price & Availability of T315HW05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X