|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
september 2011 doc id 022152 rev 1 1/154 1 stm32f405xx STM32F407XX arm cortex-m4 32b mcu+fpu, 210d mips, up to 1mb flash/192+4kb ram, usb otg hs/fs, ethernet, 17 tims, 3 adcs, 15 comm. interfaces & camera features core: arm 32-bit co rtex?-m4f cpu with fpu, adaptive real-time accelerator (art accelerator?) allowing 0-wait state execution from flash memory, frequency up to 168 mhz, memory protection unit, 210 dmips/ 1.25 dmips/mhz (dhrystone 2.1), and dsp instructions memories ? up to 1 mbyte of flash memory ? up to 192+4 kbytes of sram including 64- kbyte of ccm (core coupled memory) data ram ? flexible static memory controller supporting compact flash, sram, psram, nor and nand memories lcd parallel interface, 8080/6800 modes clock, reset and supply management ? 1.8 v to 3.6 v application supply and i/os ? por, pdr, pvd and bor ? 4-to-26 mhz crystal oscillator ? internal 16 mhz factory-trimmed rc (1% accuracy) ? 32 khz oscillator for rtc with calibration ? internal 32 khz rc with calibration low power ? sleep, stop and standby modes ?v bat supply for rtc, 2032 bit backup registers + optional 4 kb backup sram 312-bit, 2.4 msps a/d co nverters: up to 24 channels and 7.2 msps in triple interleaved mode 212-bit d/a converters general-purpose dma: 16-stream dma controller with fifos and burst support up to 17 timers: up to twelve 16-bit and two 32- bit timers up to 168 mhz, each with up to 4 ic/oc/pwm or pulse counter and quadrature (incremental) encoder input debug mode ? serial wire debug (swd) & jtag interfaces ? cortex-m4f embedded trace macrocell? up to 140 i/o ports with interrupt capability ? up to 136 fast i/os up to 84 mhz ? up to 138 5 v-tolerant i/os up to 15 communication interfaces ? up to 3 i 2 c interfaces (smbus/pmbus) ? up to 4 usarts/2 uarts (10.5 mbit/s, iso 7816 interface, lin, irda, modem control) ? up to 3 spis (37.5 mbits/s), 2 with muxed full-duplex i 2 s to achieve audio class accuracy via internal audio pll or external clock ? 2 can interfaces (2.0b active) ? sdio interface advanced connectivity ? usb 2.0 full-speed device/host/otg controller with on-chip phy ? usb 2.0 high-speed/full-speed device/host/otg controller with dedicated dma, on-chip full-speed phy and ulpi ? 10/100 ethernet mac with dedicated dma: supports ieee 1588v2 hardware, mii/rmii 8- to 14-bit parallel camera interface up to 54 mbytes/s analog random number generator crc calculation unit, 96-bit unique id rtc: subsecond accuracy, hardware calendar table 1. device summary reference part number stm32f405xx stm32f405rg, stm32f405vg, stm32f405zg STM32F407XX stm32f407vg, stm32f407ig, stm32f407zg, stm32f407ve, stm32f407ze, stm32f407ie lqfp64 (10 10 mm) lqfp100 (14 14 mm) lqfp144 (20 20 mm) fbga ufbga176 (10 10 mm) lqfp176 (24 24 mm) www.st.com
contents stm32f405xx, STM32F407XX 2/154 doc id 022152 rev 1 contents 1 introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 2 description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 2.1 full compatibility throughout the family . . . . . . . . . . . . . . . . . . . . . . . . . . 13 2.2 device overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 2.2.1 arm ? cortex?-m4f core with embedded flash and sram . . . . . . . . 17 2.2.2 adaptive real-time memory accelerator (art accelerator?) . . . . . . . . 17 2.2.3 memory protection unit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 2.2.4 embedded flash memory . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 2.2.5 crc (cyclic redundancy check) calculation unit . . . . . . . . . . . . . . . . . . 18 2.2.6 embedded sram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 2.2.7 multi-ahb bus matrix . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 2.2.8 dma controller (dma) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 2.2.9 flexible static memory controller (fsmc) . . . . . . . . . . . . . . . . . . . . . . . 20 2.2.10 nested vectored interrupt controller (nvic) . . . . . . . . . . . . . . . . . . . . . . 20 2.2.11 external interrupt/event controller (exti) . . . . . . . . . . . . . . . . . . . . . . . 20 2.2.12 clocks and startup . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21 2.2.13 boot modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21 2.2.14 power supply schemes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21 2.2.15 power supply supervisor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 2.2.16 voltage regulator . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 2.2.17 real-time clock (rtc), backup sram and backup registers . . . . . . . . 25 2.2.18 low-power modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26 2.2.19 v bat operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27 2.2.20 timers and watchdogs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27 2.2.21 inter-integrated circuit interface (i2c) . . . . . . . . . . . . . . . . . . . . . . . . . . 30 2.2.22 universal synchronous/asynchronous receiver transmitters (usart) . 30 2.2.23 serial peripheral interface (spi) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31 2.2.24 inter-integrated sound (i 2 s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31 2.2.25 audio pll (plli2s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32 2.2.26 secure digital input/output interface (sdio) . . . . . . . . . . . . . . . . . . . . . 32 2.2.27 ethernet mac interface with dedicated dma and ieee 1588 support . 32 2.2.28 controller area network (bxcan) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34 2.2.29 universal serial bus on-the-go full-speed (otg_fs) . . . . . . . . . . . . . . . 34 stm32f405xx, STM32F407XX contents doc id 022152 rev 1 3/154 2.2.30 universal serial bus on-the-go high-speed (otg_hs) . . . . . . . . . . . . . 34 2.2.31 digital camera interface (dcmi) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35 2.2.32 random number generator (rng) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35 2.2.33 general-purpose input/outputs (gpios) . . . . . . . . . . . . . . . . . . . . . . . . 35 2.2.34 analog-to-digital converters (adcs) . . . . . . . . . . . . . . . . . . . . . . . . . . . 36 2.2.35 temperature sensor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36 2.2.36 digital-to-analog converter (dac) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36 2.2.37 serial wire jtag debug port (swj-dp) . . . . . . . . . . . . . . . . . . . . . . . . . 36 2.2.38 embedded trace macrocell? . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37 3 pinouts and pin description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38 4 memory map . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 54 5 electrical characteristi cs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55 5.1 parameter conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55 5.1.1 minimum and maximum values . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55 5.1.2 typical values . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55 5.1.3 typical curves . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55 5.1.4 loading capacitor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55 5.1.5 pin input voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55 5.1.6 power supply scheme . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56 5.1.7 current consumption measurement . . . . . . . . . . . . . . . . . . . . . . . . . . . 57 5.2 absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57 5.3 operating conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58 5.3.1 general operating conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58 5.3.2 vcap1/vcap2 external capacitor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61 5.3.3 operating conditions at power-up / power-down (regulator on) . . . . . . 61 5.3.4 operating conditions at power-up / power-down (regulator off) . . . . . 61 5.3.5 embedded reset and power control block characteristics . . . . . . . . . . . 62 5.3.6 supply current characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63 5.3.7 wakeup time from low-power mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . 72 5.3.8 external clock source characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . 73 5.3.9 internal clock source characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . 77 5.3.10 pll characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 78 5.3.11 pll spread spectrum clock generation (sscg) characteristics . . . . . . 81 5.3.12 memory characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 82 contents stm32f405xx, STM32F407XX 4/154 doc id 022152 rev 1 5.3.13 emc characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 84 5.3.14 absolute maximum ratings (electrical sensitivity) . . . . . . . . . . . . . . . . . 86 5.3.15 i/o current injection characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . 87 5.3.16 i/o port characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 88 5.3.17 nrst pin characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 92 5.3.18 tim timer characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 93 5.3.19 communications interfaces . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 94 5.3.20 12-bit adc characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 107 5.3.21 temperature sensor characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . 112 5.3.22 v bat monitoring characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 112 5.3.23 embedded reference voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 112 5.3.24 dac electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 113 5.3.25 fsmc characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 116 5.3.26 camera interface (dcmi) timing specifications . . . . . . . . . . . . . . . . . . 135 5.3.27 sd/sdio mmc card host interface (sdio) characteristics . . . . . . . . . 135 5.3.28 rtc characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 136 6 package characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 137 6.1 package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 137 6.2 thermal characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 143 7 part numbering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 144 appendix a application block diagrams . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 145 a.1 main applications versus package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 145 a.2 application example with regulator off . . . . . . . . . . . . . . . . . . . . . . . . . 146 a.3 usb otg full speed (fs) interface solutions . . . . . . . . . . . . . . . . . . . . . 147 a.4 usb otg high speed (hs) interface solutions . . . . . . . . . . . . . . . . . . . . 148 a.5 complete audio player solutions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 153 stm32f405xx, STM32F407XX list of tables doc id 022152 rev 1 5/154 list of tables table 1. device summary . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 table 2. stm32f405xx and STM32F407XX: features and peripheral counts. . . . . . . . . . . . . . . . . . 11 table 3. timer feature comparison . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28 table 4. usart feature comparison . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31 table 5. stm32f40x pin and ball definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43 table 6. alternate function mapping . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49 table 7. voltage characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57 table 8. current characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58 table 9. thermal characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58 table 10. general operating conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58 table 11. limitations depending on the operating power supply range . . . . . . . . . . . . . . . . . . . . . . . 60 table 12. vcap1/vcap2 operating conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61 table 13. operating conditions at power-up / power-down (regulator on) . . . . . . . . . . . . . . . . . . . . 61 table 14. operating conditions at power-up / power-down (regulator off). . . . . . . . . . . . . . . . . . . . 61 table 15. embedded reset and power control block characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . 62 table 16. typical and maximum current consumption in run mode, code with data processing running from flash memory (art accelerator disabled) . . . . . . . . . . . . . . . . . . . . . . . . . . 64 table 17. typical and maximum current consumption in run mode, code with data processing running from flash memory (art accelerator enabled) or ram . . . . . . . . . . . . . . . . . . . 65 table 18. typical and maximum current consumption in sleep mode . . . . . . . . . . . . . . . . . . . . . . . . 66 table 19. typical and maximum current consumptions in stop mode . . . . . . . . . . . . . . . . . . . . . . . . 67 table 20. typical and maximum current consumptions in standby mode . . . . . . . . . . . . . . . . . . . . . 67 table 21. typical and maximum current consumptions in v bat mode. . . . . . . . . . . . . . . . . . . . . . . . 68 table 22. switching output i/o current consumption . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 69 table 23. peripheral current consumption . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70 table 24. low-power mode wakeup timings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 72 table 25. high-speed external user clock characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 73 table 26. low-speed external user clock characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 73 table 27. hse 4-26 mhz oscillator characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 5 table 28. lse oscillator characteristics (f lse = 32.768 khz) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 76 table 29. hsi oscillator characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 77 table 30. lsi oscillator characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 77 table 31. main pll characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 78 table 32. plli2s (audio pll) characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 79 table 33. sscg parameters constraint . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 81 table 34. flash memory characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 82 table 35. flash memory programming . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 83 table 36. flash memory programming with v pp . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 84 table 37. flash memory endurance and data retention . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 84 table 38. ems characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 85 table 39. emi characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 86 table 40. esd absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 86 table 41. electrical sensitivities . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 87 table 42. i/o current injection susceptibility . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 87 table 43. i/o static characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 88 table 44. output voltage characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 89 table 45. i/o ac characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90 table 46. nrst pin characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 92 list of tables stm32f405xx, STM32F407XX 6/154 doc id 022152 rev 1 table 47. characteristics of timx connected to the apb1 domain . . . . . . . . . . . . . . . . . . . . . . . . . . 93 table 48. characteristics of timx connected to the apb2 domain . . . . . . . . . . . . . . . . . . . . . . . . . . 94 table 49. i 2 c characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 95 table 50. scl frequency (f pclk1 = 42 mhz.,v dd = 3.3 v) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 96 table 51. spi characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 97 table 52. i 2 s characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100 table 53. usb otg fs startup time . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 102 table 54. usb otg fs dc electrical characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 102 table 55. usb otg fs electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 103 table 56. usb fs clock timing parameters . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 03 table 57. usb hs dc electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 4 table 58. usb hs clock timing parameters . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 4 table 59. ulpi timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 105 table 60. ethernet dc electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 105 table 61. dynamics characteristics: ethernet mac signals for smi. . . . . . . . . . . . . . . . . . . . . . . . . 105 table 62. dynamics characteristics: ethernet mac signals for rmii . . . . . . . . . . . . . . . . . . . . . . . . 106 table 63. dynamics characteristics: ethernet mac signals for mii . . . . . . . . . . . . . . . . . . . . . . . . . 107 table 64. adc characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 107 table 65. adc accuracy . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 109 table 66. ts characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 112 table 67. v bat monitoring characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 112 table 68. embedded internal reference voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 112 table 69. dac characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 113 table 70. asynchronous non-multiplexed sram/psram/nor read timings . . . . . . . . . . . . . . . . . 116 table 71. asynchronous non-multiplexed sram/psram/nor write timings . . . . . . . . . . . . . . . . . 117 table 72. asynchronous multiplexed psram/nor read timings. . . . . . . . . . . . . . . . . . . . . . . . . . . 119 table 73. asynchronous multiplexed psram/nor write timings . . . . . . . . . . . . . . . . . . . . . . . . . . 120 table 74. synchronous multiplexed nor/psram read timings . . . . . . . . . . . . . . . . . . . . . . . . . . . 122 table 75. synchronous multiplexed psram write timings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 124 table 76. synchronous non-multiplexed nor/psram read timings . . . . . . . . . . . . . . . . . . . . . . . . 125 table 77. synchronous non-multiplexed psram write timings . . . . . . . . . . . . . . . . . . . . . . . . . . . . 126 table 78. switching characteristics for pc card/cf read and write cycles . . . . . . . . . . . . . . . . . . . 131 table 79. switching characteristics for nand flash read and write cycles . . . . . . . . . . . . . . . . . . . 134 table 80. dcmi characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 135 table 81. sd / mmc characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 136 table 82. rtc characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 136 table 83. lqfp64 ? 10 x 10 mm 64 pin low-profile quad flat package mechanical data . . . . . . . . . 138 table 84. lqpf100 ? 14 x 14 mm 100-pin low-profile quad flat package mechanical data. . . . . . . 139 table 85. lqfp144, 20 x 20 mm, 144-pin low-profile quad flat package mechanical data . . . . . . . 140 table 86. ufbga176+25 - ultra thin fine pitch ball grid array 10 10 0.6 mm mechanical data . 141 table 87. lqfp176, 24 x 24 mm, 144-pin low-profile quad flat package mechanical data . . . . . . . 142 table 88. package thermal characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 143 table 89. ordering information scheme . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 144 table 90. main applications versus package for STM32F407XX microcontrollers . . . . . . . . . . . . . . 145 table 91. document revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 153 stm32f405xx, STM32F407XX list of figures doc id 022152 rev 1 7/154 list of figures figure 1. compatible board design between stm32f2xx and stm32f4xx: lqfp176 . . . . . . . . . . 13 figure 2. compatible board design between stm32f1xx/stm32f2xx/ . . . . . . . . . . . . . . . . . . . . . . . . stm32f4xx: lqfp144 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 figure 3. compatible board design stm32f1xx/stm32f2xx/ stm32f4xx: lqfp100 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 figure 4. compatible board design between stm32f1xx/stm32f4xx: lqfp64 . . . . . . . . . . . . . . . 15 figure 5. stm32f40x block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 figure 6. multi-ahb matrix . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 figure 7. regulator on/internal reset off . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 figure 8. startup in regulator off: slow v dd slope - power-down reset risen after v cap_1 /v cap_2 stabilization . . . . . . . . . . . . . . . . . . . . . . . . 25 figure 9. startup in regulator off mode: fast v dd slope - power-down reset risen before v cap_1 /v cap_2 stabilization . . . . . . . . . . . . . . . . . . . . . . 25 figure 10. stm32f40x lqfp64 pinout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38 figure 11. stm32f40x lqfp100 pinout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39 figure 12. stm32f40x lqfp144 pinout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40 figure 13. stm32f40x lqfp176 pinout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41 figure 14. stm32f40x ufbga176 ballout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 2 figure 15. memory map . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 54 figure 16. pin loading conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55 figure 17. pin input voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55 figure 18. power supply scheme . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56 figure 19. current consumption measurement scheme . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57 figure 20. external capacitor c ext . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61 figure 21. high-speed external clock source ac timing diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . 74 figure 22. low-speed external clock source ac timing diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 74 figure 23. typical application with an 8 mhz crystal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75 figure 24. typical application with a 32.768 khz crystal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 76 figure 25. acc lsi versus temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 78 figure 26. pll output clock waveforms in center spread mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 82 figure 27. pll output clock waveforms in down spread mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 82 figure 28. i/o ac characteristics definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 91 figure 29. recommended nrst pin protection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 92 figure 30. i 2 c bus ac waveforms and measurement circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 96 figure 31. spi timing diagram - slave mode and cpha = 0 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 98 figure 32. spi timing diagram - slave mode and cpha = 1 (1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 98 figure 33. spi timing diagram - master mode (1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 99 figure 34. i 2 s slave timing diagram (philips protocol) (1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 101 figure 35. i 2 s master timing diag ram (philips protocol) (1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 101 figure 36. usb otg fs timings: definition of data signal rise and fall time . . . . . . . . . . . . . . . . . . . 103 figure 37. ulpi timing diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 104 figure 38. ethernet smi timing diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 105 figure 39. ethernet rmii timing diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 106 figure 40. ethernet mii timing diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 106 figure 41. adc accuracy characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 110 figure 42. typical connection diagram using the adc . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 110 figure 43. power supply and reference decoupling (v ref+ not connected to v dda ). . . . . . . . . . . . . 111 figure 44. power supply and reference decoupling (v ref+ connected to v dda ). . . . . . . . . . . . . . . . 111 list of figures stm32f405xx, STM32F407XX 8/154 doc id 022152 rev 1 figure 45. 12-bit buffered /non-buffered dac . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 115 figure 46. asynchronous non-multiplexed sram/psram/nor read waveforms . . . . . . . . . . . . . . 116 figure 47. asynchronous non-multiplexed sram/psram/nor write waveforms . . . . . . . . . . . . . . 117 figure 48. asynchronous multiplexed psram/nor read waveforms. . . . . . . . . . . . . . . . . . . . . . . . 118 figure 49. asynchronous multiplexed psram/nor write waveforms . . . . . . . . . . . . . . . . . . . . . . . 120 figure 50. synchronous multiplexed nor/psram read timings . . . . . . . . . . . . . . . . . . . . . . . . . . . 121 figure 51. synchronous multiplexed psram write timings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 123 figure 52. synchronous non-multiplexed nor/psram read timings . . . . . . . . . . . . . . . . . . . . . . . . 125 figure 53. synchronous non-multiplexed psram write timings . . . . . . . . . . . . . . . . . . . . . . . . . . . . 126 figure 54. pc card/compactflash controller waveforms for common memory read access . . . . . . 127 figure 55. pc card/compactflash controller waveforms for common memory write access . . . . . . 128 figure 56. pc card/compactflash controlle r waveforms for attribute memory read access. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 129 figure 57. pc card/compactflash controlle r waveforms for attribute memory write access. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 130 figure 58. pc card/compactflash controller waveforms for i/o space read access . . . . . . . . . . . . 130 figure 59. pc card/compactflash controller waveforms for i/o space write access . . . . . . . . . . . . 131 figure 60. nand controller waveforms for read access . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 133 figure 61. nand controller waveforms for write access . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 133 figure 62. nand controller waveforms for common memory read access . . . . . . . . . . . . . . . . . . . . 134 figure 63. nand controller waveforms for common memory write access. . . . . . . . . . . . . . . . . . . . 134 figure 64. sdio high-speed mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 135 figure 65. sd default mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 136 figure 66. lqfp64 ? 10 x 10 mm 64 pin low-profile quad flat package outline . . . . . . . . . . . . . . . . 138 figure 67. recommended footprint (1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 138 figure 68. lqfp100, 14 x 14 mm 100-pin low-profile quad flat package outline . . . . . . . . . . . . . . . 139 figure 69. recommended footprint (1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 139 figure 70. lqfp144, 20 x 20 mm, 144-pin low-profile quad flat package outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 140 figure 71. recommended footprint (1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 140 figure 72. ufbga176+25 - ultra thin fine pitch ball grid array 10 10 0.6 mm, package outline . 141 figure 73. lqfp176 24 x 24 mm, 144-pin low-profile quad flat package outline . . . . . . . . . . . . . . . 142 figure 74. regulator off/internal reset on . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 146 figure 75. regulator off/internal reset off . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 146 figure 76. usb otg fs peripheral-only connection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 147 figure 77. usb otg fs host-only connection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 147 figure 78. otg fs connection dual-role with internal phy . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 148 figure 79. usb otg hs peripheral-only connection in fs mode . . . . . . . . . . . . . . . . . . . . . . . . . . . 148 figure 80. usb otg hs host-only connection in fs mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 149 figure 81. otg hs connection dual-role with external phy . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 149 figure 82. complete audio player solution 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150 figure 83. complete audio player solution 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150 figure 84. audio player solution using pll, plli2s, usb and 1 crystal . . . . . . . . . . . . . . . . . . . . . . 151 figure 85. audio pll (plli2s) providing accurate i2s clock . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 151 figure 86. master clock (mck) used to drive the external audio dac. . . . . . . . . . . . . . . . . . . . . . . . 152 figure 87. master clock (mck) not used to drive the external audio dac. . . . . . . . . . . . . . . . . . . . . 152 stm32f405xx, STM32F407XX introduction doc id 022152 rev 1 9/154 1 introduction this datasheet provides the description of the stm32f405xx and STM32F407XX lines of microcontrollers. for more details on the whole stmicroelectronics stm32? family, please refer to section 2.1: full compatib ility throughout the family . the stm32f405xx and STM32F407XX datasheet should be read in conjunction with the stm32f4xx reference manual. for information on programming, erasing and protection of the internal flash memory, please refer to the stm32f4xx flash programming manual (pm0081). the reference and flash programming manuals are both available from the stmicroelectronics website www.st.com . for information on the cortex?-m4f core please refer to the cortex?-m4f technical reference manual, available from the www.arm.com website at the following address: http://infocenter.arm.com/help/index.jsp?topic=/com.arm.doc.ddi0439b/. description stm32f405xx, STM32F407XX 10/154 doc id 022152 rev 1 2 description the stm32f405xx and STM32F407XX family is based on the high-performance arm ? cortex?-m4f 32-bit risc core operating at a frequency of up to 168 mhz. the cortex-m4f core features a floating point unit (fpu) sing le precision which supports all arm single- precision data-processing instructions and data types. it also implements a full set of dsp instructions and a memory protection unit (mpu) which enhances application security. the stm32f405xx and STM32F407XX family incorporates high-speed embedded memories (flash memory up to 1 mbyte, up to 192 kbytes of sram), up to 4 kbytes of backup sram, and an extensive range of enhanced i/os and peripherals connected to two apb buses, two ahb buses and a 32-bit multi-ahb bus matrix. all devices offer three 12-bit adcs, two dacs, a low-power rtc, twelve general-purpose 16-bit timers including two pwm timers for motor control, two general-purpose 32-bit timers. a true number random generator (rng). they also feature standard and advanced communication interfaces. up to three i 2 cs three spis, two i 2 ss full duplex. to achieve audio class accuracy, the i 2 s peripherals can be clocked via a dedicated internal audio pll or via an external clock to allow synchronization. four usarts plus two uarts an usb otg full-speed and a usb otg high- speed with full-speed capability (with the ulpi), tw o c a n s an sdio/mmc interface ethernet and the camera interface available on STM32F407XX devices only. new advanced peripherals include an sdio, an enhanced flexible static memory control (fsmc) interface (for devices offered in packages of 100 pins and more), a camera interface for cmos sensors. refer to table 2: stm32f405xx and STM32F407XX: features and peripheral counts for the list of peripherals available on each part number. the stm32f405xx and STM32F407XX family operates in the ?40 to +105 c temperature range from a 1.8 to 3.6 v power supply. the supply voltage can drop to 1.7 v when the device operates in the 0 to 70 c temperature range and pdr_on is connected to v ss . a comprehensive set of power-saving mode allows the design of low-power applications. the stm32f405xx and STM32F407XX family offers devices in four packages ranging from 64 pins to 176 pins. the set of included peripherals changes with the device chosen. these features make the stm32f405xx and STM32F407XX microcontroller family suitable for a wide range of applications: motor drive and application control medical equipment industrial applications: plc, inverters, circuit breakers printers, and scanners alarm systems, video intercom, and hvac home audio appliances figure 5 shows the general block diagram of the device family. stm32f405xx, STM32F407XX description doc id 022152 rev 1 11/154 table 2. stm32f405xx and STM32F407XX: features and peripheral counts peripherals stm32f405rg stm32f405vg stm32f40 5zg stm32f407vx stm32f407zx stm32f407ix flash memory in kbytes 1024 512 1024 512 1024 512 1024 sram in kbytes system 192(112+16+64) backup 4 fsmc memory controller no yes ethernet no yes timers general-purpose 10 advanced- control 2 basic 2 random number generator yes communication interfaces spi / i 2 s 3/2 (full duplex) i 2 c 3 usart/uart 4/2 usb otg fs yes usb otg hs yes can 2 camera interface no yes gpios 51 82 114 82 114 140 12-bit adc number of channels 3 16 16 24 16 24 24 12-bit dac number of channels ye s 2 maximum cpu frequency 168 mhz operating voltage 1.8 to 3.6 v (1) description stm32f405xx, STM32F407XX 12/154 doc id 022152 rev 1 operating temperatures ambient temperatures: ?40 to +85 c /?40 to +105 c junction temperature: ?40 to + 125 c package lqfp64 lqfp100 lqfp144 lqfp100 lqfp144 ufbga176 lqfp176 1. v dd minimum value of 1.7 v is obtained when the device operates in the 0 to 70 c temperature range and pdr_on is connected to v ss . table 2. stm32f405xx and STM32F407XX: features and peripheral counts (continued) peripherals stm32f405rg stm32f405vg stm32f40 5zg stm32f407vx stm32f407zx stm32f407ix stm32f405xx, STM32F407XX description doc id 022152 rev 1 13/154 2.1 full compatibility throughout the family the stm32f405xx and STM32F407XX are part of the stm32f4 family. they are fully pin- to-pin, software and feature compatible with the stm32f2xx devices, allowing the user to try different memory densities, peripherals, and performances (fpu, higher frequency) for a greater degree of freedom during the development cycle. the stm32f405xx and stm32f 407xx devices maintain a close compatibility with the whole stm32f10xxx family. all functional pins are pin-to-pin compatible. the stm32f405xx and STM32F407XX, however, are not drop-in replacements for the stm32f10xxx devices: the two families do not have the same power scheme, and so their power pins are different. nonetheless, transition from the stm32f10xxx to the stm32f40x family remains simple as only a few pins are impacted. figure 1 , figure 2 , figure 3 , and figure 4 give compatible board designs between the stm32f40x, stm32f2xxx, and stm32f10xxx families. figure 1. compatible board design between stm32f2xx and stm32f4xx: lqfp176 1. by default, pdr_on (pin 171) should be connected to v dd . 2. pin 171 is rfu for stm32f2xx. 4 w o r e s i s t o r s c o n n e c t e d t o 6 3 3 6 $ $ o r . # f o r t h e 3 4 - & |