Part Number Hot Search : 
BUZ70 SC421506 106K0 MPQ7091 SMCJ10 MCL35PT D3NQ10T KTA708
Product Description
Full Text Search
 

To Download SN54LS02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  5-6 fast and ls ttl data quad 2-input nor gate 14 13 12 11 10 9 1 2 3 4 5 6 v cc 8 7 gnd guaranteed operating ranges symbol parameter min typ max unit v cc supply voltage 54 74 4.5 4.75 5.0 5.0 5.5 5.25 v t a operating ambient temperature range 54 74 55 0 25 25 125 70 c i oh output current e high 54, 74 0.4 ma i ol output current e low 54 74 4.0 8.0 ma sn54/74ls02 quad 2-input nor gate low power schottky j suffix ceramic case 632-08 n suffix plastic case 646-06 14 1 14 1 ordering information sn54lsxxj ceramic sn74lsxxn plastic sn74lsxxd soic 14 1 d suffix soic case 751a-02
5-7 fast and ls ttl data sn54/74ls02 dc characteristics over operating temperature range (unless otherwise specified) symbol parameter limits unit test conditions symbol parameter min typ max unit test conditions v ih input high voltage 2.0 v guaranteed input high voltage for all inputs v il input low voltage 54 0.7 v guaranteed input low voltage for all inputs v il input low voltage 74 0.8 v guaranteed input low voltage for all inputs v ik input clamp diode voltage 0.65 1.5 v v cc = min, i in = 18 ma v oh output high voltage 54 2.5 3.5 v v cc = min, i oh = max, v in = v ih or v il per truth table v oh output high voltage 74 2.7 3.5 v v cc = min, i oh = max, v in = v ih or v il per truth table v ol output low voltage 54, 74 0.25 0.4 v i ol = 4.0 ma v cc = v cc min, v in = v il or v ih per truth table v ol output low voltage 74 0.35 0.5 v i ol = 8.0 ma v in = v il or v ih per truth table i ih input high current 20 m a v cc = max, v in = 2.7 v i ih input high current 0.1 ma v cc = max, v in = 7.0 v i il input low current 0.4 ma v cc = max, v in = 0.4 v i os short circuit current (note 1) 20 100 ma v cc = max i cc power supply current total, output high 3.2 ma v cc = max i cc total, output low 5.4 ma v cc = max note 1: not more than one output should be shorted at a time, nor for more than 1 second. ac characteristics (t a = 25 c) symbol parameter limits unit test conditions symbol parameter min typ max unit test conditions t plh turn-off delay, input to output 10 15 ns v cc = 5.0 v c l = 15 pf t phl turn-on delay, input to output 10 15 ns v cc = 5.0 v c l = 15 pf


▲Up To Search▲   

 
Price & Availability of SN54LS02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X