Part Number Hot Search : 
PX334 SO867070 DM74123N MHS134 23K256 C1573A TIP30A 150Y1D
Product Description
Full Text Search
 

To Download SMS260 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sms220 ... sms2100 sms220 ... sms2100 surface mount schottky rectifier diodes schottky-gleichrichterdioden fr die oberfl?chenmontage version 2011-06-07 dimensions - ma?e [mm] nominal current nennstrom 2 a repetitive peak reverse voltage periodische spitzensperrspannung 20...100 v plastic case melf kunststoffgeh?use melf do-213ab weight approx. C gewicht ca. 0.12g plastic material has ul classification 94v-0 geh?usematerial ul94v-0 klassifiziert standard packaging taped and reeled standard lieferform gegurtet auf rolle maximum ratings grenzwerte type typ repetitive peak reverse voltage periodische spitzensperrspannung v rrm [v] surge peak reverse voltage sto?spitzensperrspannung v rsm [v] forward voltage durchlass-spannung v f [v] 1 ) sms220 20 20 < 0.50 sms230 30 30 < 0.50 sms240 40 40 < 0.50 sms250 50 50 < 0.70 SMS260 60 60 < 0.70 sms290 90 90 < 0.79 sms2100 100 100 < 0.79 max. average forward rectified current, r-load dauergrenzstrom in einwegschaltung mit r-last t t = 100c i fav 2 a repetitive peak forward current periodischer spitzenstrom f > 15 hz i frm 12 a 2 ) peak forward surge current, 50/60 hz half sine-wave sto?strom fr eine 50/60 hz sinus-halbwelle t a = 25c i fsm 50/55 a rating for fusing, t < 10 ms grenzlastintegral, t < 10 ms t a = 25c i 2 t 12.5 a 2 s operating junction temperature C sperrschichttemperatur storage temperature C lagerungstemperatur t j t s -50...+150c -50...+150c 1 i f = 2 a, t j = 25c 2 max. temperature of the terminals t t = 100c C max. temperatur der anschlsse t t = 100c ? diotec semiconductor ag http://www.diotec.com/ 1 2 . 5 5 . 0 0 . 5 0 . 5 t y p e t y p
sms220 ... sms2100 characteristics kennwerte leakage current sperrstrom t j = 25c t j = 100c v r = v rrm v r = v rrm i r i r < 0.5 ma < 10.0 ma thermal resistance junction to ambient air w?rme widerstand sperrschicht C umgebende luft r tha < 45 k/w 1 ) thermal resistance junction to terminal w?rmewiderstand sperrschicht ? anschluss r tht < 15 k/w 1 mounted on p.c. board with 50 mm 2 copper pads at each terminal montage auf leiterplatte mit 50 mm 2 kupferbelag (l?tpad) an jedem anschluss 2 http://www.diotec.com/ ? diotec semiconductor ag rated forward current vs. temp. of the terminals in abh. v. d. temp. der terminals zul. richtstrom 120 100 80 60 40 20 0 i fav [%] [c] t t 150 100 50 0 [a] i f forward characteristics (typical values) durchlasskennlinien (typische werte) 0 v f 0.4 0.6 [v] 1.0 10 10 1 10 10 2 -1 -2 sms290...2100 sms250...260 sms220...240 t = 25c j peak forward surge current versus number of cycles at 50 hz durchla?-spitzenstrom in abh. von der zahl der halbwellen bei 50 hz 10 10 1 2 [a] ? f 1 10 10 [n] 10 2 3


▲Up To Search▲   

 
Price & Availability of SMS260

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X