Part Number Hot Search : 
OPB854B1 BD533 30N06L BY396 V54C3256 C548B 24SO2 0SMCJ7
Product Description
Full Text Search
 

To Download SFT2907A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  solid state devices, inc. SFT2907A series data sheet #: tr0022a maximum ratings symbol units value v ebo 5.0 volts emitter-base voltage v ceo 60 volts collector-emitter voltage i c 600 continuous collector current collector-base voltage v cbo 60 mamps volts w mw/ o c 600 ma 60 volts pnp high speed low power transistor 1.8 10.3 total device dissipation @ t c # 25 o c derate above 25 o c p d i b 50 base current mamps designer's data sheet note: all specifications are subject to change without notification. scd's for these devices should be reviewed by ssdi prior to release. pin assignment emitter base pin 3 collector function code pin 2 pin 1 normal -4 SFT2907A -4 tx part number /ordering information 1/ screening 2/ : _ = not screened tx = tx level txv = txv level s = space level package: 3/ -4 = lcc4 /18 = to-18 features ? bv ceo 60v min. ? fast switching ? high frequency ? high linear gain, low saturation voltage. ? 200 o c operating, gold eutectic die attach. ? replaces 2n2907 types ? design for complimentary use with sft2222a ? tx, txv, and s level available available part numbers: SFT2907A-4 SFT2907A/18 o c operating and storage temperature t j, t stg -65 to +175 lcc-4 (-4) to-18 (/18) 14830 valley view blvd * la mirada, ca 90638 phone: (562) 404-7855 * fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com 2 1 3 pin 3 pin 2 pin 1 normal /18
solid state devices, inc. SFT2907A series notes: 1/ for ordering information, price, and availability contact factory. 2/ screening per mil-prf-19500. 3/ for package outlines contact factory. 4/ t c = 25 o c, unless otherwise specified. * pulse test: pulse width = 300us, duty cycle = 2% v dc 60 - bv ceo collector-emitter breakdown voltage (i c = 10ma) na dc -50 i cex collector cutoff current (v ce = 30v dc , v be = 0.5v dc ) na dc -10 i cbo min max electrical characteristics 4/ symbol units dc current gain* (v ce = 10v dc ) 75 100 100 100 50 0.4 1.6 collector-emitter saturation voltage * v ce(sat) v dc h fe base-emitter saturation voltage * 1.3 2.6 v dc v be(sat) - ac current gain (i c = 50ma dc , v ce = 20v dc, f = 100mhz) 2.0 h fe v cc = -30v dc , i cs = 150ma dc , i b1 = 15ma dc , rise time t r 40 nsec i c = 0.1ma dc i c = 1ma dc i c = 10ma dc i c = 150ma dc i c = 500ma dc - - - - - - 300 - - collector cutoff current (v cb = 50v dc ) delay time t d 10 nsec - v dc 60 - bv cbo collector-base sustaining voltage (i c = 10 : a) v dc 5- bv ebo emitter-base sustaining voltage (i e = 10 : a) i c = 150ma dc , i b = 15ma dc i c = 500ma dc , i b = 50ma dc i c = 150ma dc , i b = 15ma dc i c = 500ma dc , i b = 50ma dc input capacitance (v be = 0.5v dc , i e = 0, f = 100khz) -30 c ib pf package outline part number document SFT2907A-4 60-0149-323 SFT2907A/18 60-0149-018 14830 valley view blvd * la mirada, ca 90638 phone: (562) 404-7855 * fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com output capacitance (v cb = 10v dc , i e = 0, f = 100khz) -8 c ob pf v cc = -6v dc , i cs = 150ma dc , i b1 = 15ma dc , i b2 = 15ma dc fall time t f 30 nsec - storage time t s 80 nsec -


▲Up To Search▲   

 
Price & Availability of SFT2907A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X