Part Number Hot Search : 
SB2040 TS393 02050 EC3AB13 CPX2408T 2SC5632G 89CEW DA120
Product Description
Full Text Search
 

To Download SEF206A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  any changing of specification will not be informed individual sef201a thru SEF206A voltage 50v ~ 800v 2.0amp high efficiency recovery rectifiers maximum ratings and electrical characteristics rating 25 c ambient temperature unless otherwise specified. single phase half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. type number maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current .375"(9.5mm) lead length at ta=55 c peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage at 2.0a maximum dc reverse current ta=25 c at rated dc blocking voltage ta=100 c maximum reverse recovery time (note 1) typical junction capacitance (note 2) sef201a sef202a sef203a sef204a sef205a SEF206A units 50 100 200 400 600 800 v 50 100 200 400 600 800 v 35 70 140 280 420 560 2.0 50 5.0 100 15 -65 +175 v a a v m a m a ns pf notes: 1. reverse recovery time test condition: i f =0.5a, i r =1.0a, i rr =0.25a 2. measured at 1mhz and applied reverse voltage of 4.0v d.c. 0.98 1.3 1.5 1.7 50 75 mechanical da t a * case: molded plastic * epoxy: ul 94v-0 rate flame retardant * metallurgically bonded construction * polarity: color band denotes cathode end * mounting position: any * weight: 0.063 grams fea tures * ideal for surface mount applications * easy pick and place * built-in strain relief * fast switching speed operating and storage temperature range t j , t stg c http://www.secosgmbh.com ele k troni sche bauelemente 0 1 - j u n - 2 0 0 6 r e v . b p a g e 1 o f 2 a b d g e h f c dimensions in millimeters dimensions in inches a 1.25 1.65 0.049 0.065 b 3.99 4.60 0.157 0.181 c 2.50 2.90 0.098 0.114 d 1.98 2.44 0.078 0.096 e 0.051 0.203 0.002 0.008 f 4.78 5.28 0.188 0.208 g 0.76 1.52 0.030 0.060 h 0.152 0.305 0.006 0.012 s m a rohs compliant product a suffix of "-c" specifies halogen-free
any changing of specification will not be informed individual sef201a thru SEF206A voltage 50v ~ 800v 2.0amp high efficiency recovery rectifiers 0.1 1.0 .01 10 50 rating and characteristic curves (sef201a thru SEF206A) fig.1-typical forward characteristics fig.2-typical forward current derating curve average forward current,(a) fig.5-typical junction capacitance reverse voltage,(v) junction capacitance,(pf) instantaneous forward current,(a) forward voltage,(v) pulse width 300us 1% duty cycle 0.4 0.8 1.2 1.6 2.0 2.4 35 30 25 20 15 10 5 0 (+) (+) 25vdc (approx.) ( ) ( ) pulse generator (note 2) oscilliscope (note 1) 1 non- inductive w notes: 1. rise time= 7ns max., input impedance= 1 megohm.22pf. 2. rise time= 10ns max., source impedance= 50 ohms. +0.5a 0 -0.25a -1.0a | | | | | | | | 1cm set time base for 50 / 10ns / cm trr .01 .05 .1 .5 1 5 10 50 100 d.u.t. .6 .9 1.1 1.4 1.7 2.0 2.3 2.6 3.0 ambient temperature ( c) fig.3- test circuit diagram and reverse recovery time characteristics 10 noninductive 50 noninductive w w tj=25 c fig.4-maximum non-repetitive forward surge current peak forwaard surge current,(a) 10 0 20 30 40 50 number of cycles at 60hz 1 10 5 50 100 tj=25 c 8.3ms single half sine wave jedec method single phase half wave 60hz resistive or inductive load 0 20 40 60 80 100 120 140 160 180 200 0 http://www.secosgmbh.com ele k troni sche bauelemente SEF206A sef201a~sef203a sef204a se f205a 01 -jun-200 6 rev. b page 2 of 2


▲Up To Search▲   

 
Price & Availability of SEF206A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X