Part Number Hot Search : 
MRF449 MCP1810 1N4154 ADG12 TK3612M 182B7 001460 EPF8115G
Product Description
Full Text Search
 

To Download SB8100DC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 approve sheet approve sheet approve sheet approve sheet approve sheet p p p p p ar ar ar ar ar t n t n t n t n t n umber umber umber umber umber : sb820dc~sb8 : sb820dc~sb8 : sb820dc~sb8 : sb820dc~sb8 : sb820dc~sb8 1 1 1 1 1 00dc 00dc 00dc 00dc 00dc data sheet sb820dc~SB8100DC sb820dc~SB8100DC sb820dc~SB8100DC sb820dc~SB8100DC sb820dc~SB8100DC d 2 pak surface mountschottky barrier rectifier voltage- 20 to 100 volts current - 8.0 amperes notes: thermal resistance to ambient. maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current at ta=100c peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage at 4.0a per element maximum dc reverse current (note 1) ta= 25c at rated dc blocking voltage ta=100c typical thermal resistance note operating and storage temperature range 8.0 75.0 0.55 60.0 -50 to +150 v v v a a v ma c/w units r ja t j c sb820dc to-263 / d pak 2 unit: inch ( mm ) 0.409(10.4) 0.387(9.8) 0.357(9.1) 0.335(8.5) 0.418(10.6) 0.378(9.6) 0.055(1.4) 0.047(1.2) 0.189(4.8) 0.137(4.4) 0.055(1.4) 0.039(1.0) 0.108(2.75) 0.092(2.35) 0.026(0.7) 0.011(0.3) 0.236(6.0) 0.197(5.0) 0.7 (1.8) 0.108(2.75) 0.092(2.35) + 0.012(+ 0.3) - 0.012(- 0.3) 0.035 (0.9 max) ac ac + 4 3 2 1 4 3 2 1 20 14 20 sb830dc 30 21 30 sb840dc 40 28 40 sb850dc 50 35 50 sb860dc 60 42 60 0.5 50.0 sb880dc 80 56 80 SB8100DC 100 70 100 0.75 0.85 features ? plastic package has underwriters laboratory flammability classification 94v-o . flame retardant epoxy molding compound. ? exceeds environmental standards of mil-s-19500/228. ? low power loss,high efficiency. ? low leakage current, high current capability. ? high surge capacity. ? for use in low voltage, high frequency inverters free wheeling, and polarlity protection applications. mechanical data case: d 2 pak/to-263 molded plastic terminals:solder plated, solderable per mil-std-202, method 208 polarity: as marked. standard packaging: any weight: 0.06 ounces, 1.7 grams. maximum ratings and electrical characteristics ratings at 25c ambient temperature unless otherwise specified. single phase , half wave ,60hz, resistive or inductive load. for capacitive load , derate current by 20%.
page . 2 approve sheet approve sheet approve sheet approve sheet approve sheet p p p p p ar ar ar ar ar t n t n t n t n t n umber umber umber umber umber : sb820dc~sb8 : sb820dc~sb8 : sb820dc~sb8 : sb820dc~sb8 : sb820dc~sb8 1 1 1 1 1 00dc 00dc 00dc 00dc 00dc rating and characteristic curves instantaneous forward current fig.2- typical instantaneous forward characteristic instantaneous forward voltage, volts average forward current fig.1- forward current derating curve case temperature, c o 0 50 100 150 1.0 8.0 6.0 4.0 2.0 0 .4 .5 .6 .7 .8 .9 1.0 1.1 40 10 8 6 4 2 1.0 .8 .6 .4 .2 .1 fig.3- typical reverse characteristic instantaneous reverse current , milamperes 0 100 200 300 10 1.0 0.1 0.01 0.001 t = 100 c c o t = 75 c c o t = 25 c c o capacitance, pf fig.5- typical junction capacitance reverse voltage, volts 1 2 5 10 20 50 100 400 350 300 250 200 150 0 200 500 peak forward surge current , fig.4- maximum non-repetitive surge current no. of cycle at 60hz 80 70 60 50 40 30 20 10 0 1 2 5 10 20 50 100 80v~100v 50v~60v 20v~40v


▲Up To Search▲   

 
Price & Availability of SB8100DC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X