Part Number Hot Search : 
NTE6158 2567M ST3020 DS1865T NTE6156 TSV61110 TC74H 1002D
Product Description
Full Text Search
 

To Download SB1250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sb1220 thru sb12100 12 amp schottky barrier rectifier 20 to 100 volts do - 201ad features low forward voltage drop high current capability and high surge current capability inches mm dim min max min max note c .048 .052 1.20 1.30 d 1.000 --- 25.40 --- maximum ratings mcc part number maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage sb1220 20v 14v 20v sb1230 30v 21v 30v sb1240 40v 28v 40v SB1250 50v 35v 50v sb1260 60v 42v 60v sb1280 80v 56v 80v sb12100 100v 70v 100v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 12.0a t a = 90c peak forward surge current i fsm 250a 8.3ms, half sine maximum instantaneous forward voltage v f i fm = 12.0a; t a = 25c(note 2) maximum dc reverse current at rated dc blocking voltage i r 0.5 ma 50ma t a = 25 c t a = 100 c typical junction capacitance c j a b c d d cathode mark ww w . mccsemi .com         
 omp onents 2 0736 marilla street chatsworth               !  " #   $
%         !   " #    mcc revision: a 2011/01/01 tm micro commercial components a .287 .374 7.30 9.50 b .189 .208 4.80 5.30 1 of 3 lead free finish/rohs compliant(note 1) ("p" suffix designates rohs compliant. see ordering information) operating temperature sb1220~sb1240: -65c to +125c SB1250~sb12100: -65c to +150c storage temperature: -65c to +150c sb1220 ~ sb1240 SB1250 ~ sb1260 sb1280 ~ sb12100 .70v .55v .85v dimensions notes: 1. high temperature solder exemption applied, see eu directive annex notes 7. s b1220 ~ sb1240 s b1250 ~ sb12100 measured at 1.0mhz, v r = 4 .0v 500pf 380pf typical thermal resistance 15 c/w o r th j a epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1
sb1220~sb12100 mcc ww w . mccsemi .com revision: a 2011/01/01 tm micro commercial components 2 of 3 fig.1-typical forward characteristics fig.2-typical forward current deranting curve 50 12.0 10 . 0 10 8.0 3.0 6.0 1.0 -0.1a 4.0 2.0 0 0.1 0 20 40 60 80 100 120 140 160 180 200 ambient temperature, c .01 .1 .3 .5 .7 .9 1.1 1.3 1.5 forward voltage,v fig.3-maximum non-repetieive forward surge current 350 280 210 140 70 0 fig..4-typical reverse characteristics 1 5 10 50 100 number of cycles ta 60hz 100 fig.5-typical junction capacitance 10 1400 1200 1.0 1000 800 600 .1 100 400 number of cycles at 60hz 200 .01 0 0 20 40 60 80 100 120 140 .01 .05 .1 .5 1 5 10 50 100 percent of rated peak reverse voltage, % reverse voltage, v instantaneous formard current,a average formard current,a peak forward surge current , a junction capacitance , pf tj=25 . c pulse width 300us 1% duty cycle reverse leakage current,ma tj=25 . c tj=75 . c tj=25 . c 8.3mssingle half sine wave jedec method sb 12 20 - 40 sb 12 50 - 60 sb 12 20 - 40 sb 12 50 - 12100 sb 12 20 - 40 sb 12 50 - 100 sb 12 80 - 100
mcc revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 3 of 3 3 device packing part number-tp tape&reel: 1.2kpcs/reel part number-ap ammo packing: 1.2kpcs/ammo box part number-bp bulk: 12kpcs/carton ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.


▲Up To Search▲   

 
Price & Availability of SB1250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X