Part Number Hot Search : 
DTC144WS 0110J503 SEMIX HPR109WH MPL031 N2907A N2907A MT6L61AE
Product Description
Full Text Search
 

To Download PG240128AA1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  the tolerance unless classified 0.3mm lcd option: stn, tn, fstn backlight option: led,el backlight feature, other specs not available on catalog is under request. outline dimension & block diagram pg 240128-a pg 240128-a mechanical specification overall size view area dot size dot pitch 144.0 x 104.0 114.0 x 64.0 0.40 x 0.40 0.45 x 0.45 module w /o b/l el b/l led / ccfl b/l h2 / h1 5.2 / 9.8 5.2 / 9.8 9.2 / 13.8 vdd+0.3 v v v 22.0 7.0 item supply for logic voltage lcd driving supply voltage input voltage vdd-vss vdd-vee vin 25 o c 25 o c 25 o c -0.3 0 -0.3 symbol condition min. max. units absolute maximum rating item lcd operation voltage lcm current consumption (no b/l) backlight current consumption symbol min. condition vop idd led/edge vb/l=3.5v led/array top -20 o c 0 o c 25 o c 50 o c 70 o c vb/l=4.2v n w 18.8 12.5 11.7 vdd=5v 10.9 16.1 17.2 electrical characteristics typical n w max. units v 13.7 12.9 11.9 20.8 19.1 17.7 v v v v v ma ma ma 35 n w 19.8 13.1 12.3 11.4 16.9 18.1 power supply voltage vdd-vss 25 o c 4.5 5.5 v 900 50 pin assignment pin no. symbol function 1 2 3 4 5 6 7-14 15 16 17 18 19 20 vss vdd vo c/d ce rst db0-db7 vee nc power supply(gnd) power supply(+) contrast adjust command / data select font selection chip enable reset data bus line negative output no connection fs1 select number of columns md2 data read rd data write wr db0~db7 vdd v o a k ce vss v ee reset fs1 t6963c backlight negative v oltage generator lcd p anel cr yst al 8 5 13 8 2 col sram 3 2 64 64 80 80 80 4 4 4 4 wr rd c d md2 col col com com 0.05 0.4 0.4 0.05 h1 104 0.5 h2 1.6 4- 3.0 p ad4- 7.0 4- 1.0 a k 240 x 128 dots 128.0 1 14.0 107.95 72.0 1 20 20- 1.0 p2.54 x 19=48.26 138.0 44.0 0.5 1.8 13.74 3.0 8.0 97.0 20.0 45.0 3.5 2.5 18.0 55.0 57.55 64.0 74.0 2.0 120
the tolerance unless classified 0.2mm outline dimension & block diagram digit al t ouch p anel digit al t ouch p anel 1 20 120.0 0.5 sw51 sw01 19.7 9.2 pitch9.6 x 9=86.4 105.0(v/a) sw60 sw10 95.6 126.0 10.7 6.0 r5c10 0.8 10.08 key la yout r5c1 pin 16 r1c1 13.03 10.0 95.0 0.3 107.95(a / a) 1 14.0(v / a) 131.0max (flex thickness) 0.3 1.5 pin1 r1c10 76.0max 64.0(v/a) 57.55(a/a) 6.0 9.23 0.8 10.87 15.0 17.0 29.5 (w=0.7,p1.0 x 15) 21.0 19.0 0.7 1 1.6 pitch12.0 x 0.5=60.0 71.6 80.0(v/a) 94.8 7.4 (p1.0 x 19) f or pg 240128-a/b f or pg 320240-c/e (flex thickness) 0.3 1.5


▲Up To Search▲   

 
Price & Availability of PG240128AA1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X